Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2228DBR Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS2228DBR
Description  PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2228DBR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2228DBR Datasheet HTML 4Page - Texas Instruments TPS2228DBR Datasheet HTML 5Page - Texas Instruments TPS2228DBR Datasheet HTML 6Page - Texas Instruments TPS2228DBR Datasheet HTML 7Page - Texas Instruments TPS2228DBR Datasheet HTML 8Page - Texas Instruments TPS2228DBR Datasheet HTML 9Page - Texas Instruments TPS2228DBR Datasheet HTML 10Page - Texas Instruments TPS2228DBR Datasheet HTML 11Page - Texas Instruments TPS2228DBR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
TPS2228
TPS2221
SLVS419C − MAY 2002 REVISED DECEMBER 2008
www.ti.com
8
PARAMETER MEASUREMENT INFORMATION
Figure 3. Short-Circuit Response, Short Applied
to Powered-on 5VIN-to-xVCC Switch Output
Figure 4. Short-Circuit Response, Short Applied
to Powered-on 3.3VIN-to-xVCC-Switch Output
0
t − Time −
µs
5VIN
IO(xVCC)
t − Time −
µs
3.3VIN
IO(xVCC)
1V/DIV
5A/DIV
0.5V/DIV
5A/DIV
10
20
30
40
50
40
080
120
160
180
Figure 5. OC Response With 5VIN-to-xVCC
Switch Output Turned on Into a Short
Figure 6. OC Response With 3.3VIN-to-xVCC
Switch Output Turned on Into a Short
0
t − Time − ms
OC
2V/div
IO(VCC)
1A/div
CI = 10 µF
CO = 150 µF
0
t − Time − ms
OC
2V/div
IO(VCC)
1A/div
CI = 10 µF
CO = 150 µF
4
8
12
16
20
48
12
16
20


Similar Part No. - TPS2228DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2228DB TI-TPS2228DB Datasheet
175Kb / 23P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
More results

Similar Description - TPS2228DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2228 TI-TPS2228 Datasheet
175Kb / 23P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
TPS2211 TI-TPS2211 Datasheet
323Kb / 22P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2214 TI-TPS2214 Datasheet
351Kb / 26P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2211A TI-TPS2211A Datasheet
454Kb / 19P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211 TI1-TPS2211_12 Datasheet
661Kb / 23P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2216 TI-TPS2216 Datasheet
371Kb / 27P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2205 TI-TPS2205 Datasheet
463Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2205 TI1-TPS2205_13 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211A TI1-TPS2211A_16 Datasheet
879Kb / 28P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
logo
Vishay Siliconix
SI9706DY VISHAY-SI9706DY Datasheet
46Kb / 4P
   PC Card (PCMCIA) Interface Switch
Rev. G, 16-Feb-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com