Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2311 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2311
Description  DUAL HOT-SWAP POWER CONTROLLERS WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2311 Datasheet(HTML) 3 Page - Texas Instruments

  TPS2311 Datasheet HTML 1Page - Texas Instruments TPS2311 Datasheet HTML 2Page - Texas Instruments TPS2311 Datasheet HTML 3Page - Texas Instruments TPS2311 Datasheet HTML 4Page - Texas Instruments TPS2311 Datasheet HTML 5Page - Texas Instruments TPS2311 Datasheet HTML 6Page - Texas Instruments TPS2311 Datasheet HTML 7Page - Texas Instruments TPS2311 Datasheet HTML 8Page - Texas Instruments TPS2311 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
TPS2310
TPS2311
www.ti.com
SLVS275H – FEBRUARY 2000 – REVISED JULY 2013
Table 2. Terminal Functions (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
ISET1
15
I
Adjusts circuit-breaker threshold with resistor connected to IN1
ISET2
14
I
Adjusts circuit-breaker threshold with resistor connected to IN2
PWRGD1
17
O
Open-drain output, asserted low when VSENSE1 voltage is less than reference.
PWRGD2
13
O
Open-drain output, asserted low when VSENSE2 voltage is less than reference.
TIMER
4
O
Adjusts circuit-breaker deglitch time
VREG
5
O
Connects to bypass capacitor, for stable operation
VSENSE1
7
I
Power-good sense input channel 1
VSENSE2
6
I
Power-good sense input channel 2
DETAILED DESCRIPTION
DISCH1, DISCH2 – DISCH1 and DISCH2 should be connected to the sources of the external N-channel
MOSFET transistors connected to GATE1 and GATE2, respectively. These pins discharge the loads when the
MOSFET transistors are disabled. They also serve as reference-voltage connections for internal gate voltage-
clamp circuitry.
ENABLE or ENABLE – ENABLE for TPS2310 is active-low. ENABLE for TPS2311 is active-high. When the
controller is enabled, both GATE1 and GATE2 voltages will power up to turn on the external MOSFETs. When
the ENABLE pin is pulled high for TPS2310 or the ENABLE pin is pulled low for TPS2311 for more than 50 µs,
the gate of the MOSFET is discharged at a controlled rate by a current source, and a transistor is enabled to
discharge the output bulk capacitance. In addition, the device turns on the internal regulator PREREG (see
VREG) when enabled and shuts down PREREG when disabled so that total supply current is less than 5
μA.
FAULT – FAULT is an open-drain overcurrent flag output. When an overcurrent condition in either channel is
sustained long enough to charge TIMER to 0.5 V, both channels latch off and pull this pin low. In order to turn
the device back on, either the enable pin has to be toggled or the input power has to be cycled.
GATE1, GATE2 – GATE1 and GATE2 connect to the gates of external N-channel MOSFET transistors. When
the device is enabled, internal charge-pump circuitry pulls these pins up by sourcing approximately 15
μA to
each. The turnon slew rates depend upon the capacitance present at the GATE1 and GATE2 terminals. If
desired, the turnon slew rates can be further reduced by connecting capacitors between these pins and ground.
These capacitors also reduce inrush current and protect the device from false overcurrent triggering during
powerup. The charge-pump circuitry generates gate-to-source voltages of 9 V–12 V across the external MOSFET
transistors.
IN1, IN2 – IN1 and IN2 should be connected to the power sources driving the external N-channel MOSFET
transistors connected to GATE1 and GATE2, respectively. The TPS2310/TPS2311 draws its operating current
from IN1, and both channels remains disabled until the IN1 power supply has been established. The IN1 channel
has been constructed to support 3-V, 5-V, or 12-V operation, while the IN2 channel has been constructed to
support 3-V or 5-V operation
ISENSE1, ISENSE2, ISET1, ISET2 – ISENSE1 and ISENSE2, in combination with ISET1 and ISET2, implement
overcurrent sensing for GATE1 and GATE2. ISET1 and ISET2 set the magnitude of the current that generates
an overcurrent fault, through external resistors connected to ISET1 and ISET2. An internal current source draws
50
μA from ISET1 and ISET2. With a sense resistor from IN1 to ISENSE1 or from IN2 to ISENSE2, which is also
connected to the drains of external MOSFETs, the voltage on the sense resistor reflects the load current. An
overcurrent condition is assumed to exist if ISENSE1 is pulled below ISET1 or if ISENSE2 is pulled below ISET2.
To ensure proper circuit breaker operation, VI(ISENSE1) and VI(ISET1) should never exceed VI(IN1). Similarly,
VI(ISENSE2) and VI(ISET2) should never exceed VI(IN2).
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS2310 TPS2311


Similar Part No. - TPS2311

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2311 TI-TPS2311 Datasheet
423Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2311IPW TI-TPS2311IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2311IPW TI-TPS2311IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2311PW TI-TPS2311PW Datasheet
423Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
More results

Similar Description - TPS2311

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2310 TI-TPS2310 Datasheet
423Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2300IPWR TI1-TPS2300IPWR Datasheet
456Kb / 25P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2331ID TI-TPS2331ID Datasheet
951Kb / 25P
[Old version datasheet]   SINGLE HOT-SWAP POWER CONTROLLERS WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2300 TI-TPS2300 Datasheet
422Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2330 TI-TPS2330 Datasheet
345Kb / 20P
[Old version datasheet]   SINGLE HOT SWAP POWER CONTROLLER WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2320IDRG4 TI-TPS2320IDRG4 Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2320IPW TI-TPS2320IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2321IPW TI-TPS2321IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2320 TI-TPS2320 Datasheet
409Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com