Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2306 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS2306
Description  DUAL SEQUENCING HOT SWAP POWER MANAGER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2306 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2306_10 Datasheet HTML 7Page - Texas Instruments TPS2306_10 Datasheet HTML 8Page - Texas Instruments TPS2306_10 Datasheet HTML 9Page - Texas Instruments TPS2306_10 Datasheet HTML 10Page - Texas Instruments TPS2306_10 Datasheet HTML 11Page - Texas Instruments TPS2306_10 Datasheet HTML 12Page - Texas Instruments TPS2306_10 Datasheet HTML 13Page - Texas Instruments TPS2306_10 Datasheet HTML 14Page - Texas Instruments TPS2306_10 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
TPS2306
DUAL SEQUENCING HOT SWAP POWER MANAGER
SLVS368 − APRIL 2001
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
fault output logic
The FAULT signal is an open-drain output which is high-impedance under any conditions which cause the
outputs to be switched off, including an overcurrent or fault time-out on either supply, removal of the external
enable signal with subsequent GATEx ramp-down, or an undervoltage condition on either supply input. Refer
to the Application Information section for additional details on using this output.
The circuit diagram of Figure 2 shows a dual hot-swap application in which the TPS2306 is used to hot swap
and sequence 5.0-V and 3.3-V supplies. The total input bulk and filter capacitance associated with the +5.0V
load is represented in the diagram by CLOAD1. CLOAD2 represents the load capacitance on the 3.3 V supply. The
nominal operating currents of each load are represented by the IL1 and IL2 blocks.
UDG−01002
IL2
IMAX1
1
UP1
2
ENBL
3
IREF
4
CT
5
GND
6
UP2
7
IMAX2
8
VCC/CS1
16
DOWN1
15
GATE1
14
FAULT
13
CPUMP
12
GATE2
11
DOWN2
10
CS2
9
C2
0.1 µF
TPS2306
D2
C1
0.1
µF
D1
R1B
3.57 k
R1A
10 k
Q1
C3
0.01
µF
Q2
R2A
10 k
R2B
12.1 k
3.3 V OUT
CLOAD2
LOAD 2
IL1
CLOAD1
LOAD 1
5V_OUT
VCC
R SNS1
0.04 Ω
CSS1
UP1
RIMAX1
365
R1
10 k
R IMAX2
274
CSS2
0.12
µF
RSNS2 0.01Ω
RUP2
1 k
CT 0.1 µF
RREF 15 kΩ
3.3V_IN
5V_IN
0.33
µ F
UP1
Figure 2. TPS2306 in a 5-V/3.3-V Dual Hot Swap Application


Similar Part No. - TPS2306_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2306 TI-TPS2306 Datasheet
407Kb / 28P
[Old version datasheet]   DUAL SEQUENCING HOT SWAP POWER MANAGER
More results

Similar Description - TPS2306_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2306 TI-TPS2306 Datasheet
407Kb / 28P
[Old version datasheet]   DUAL SEQUENCING HOT SWAP POWER MANAGER
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
UCC2913 TI-UCC2913 Datasheet
314Kb / 17P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC3917D TI1-UCC3917D Datasheet
1Mb / 25P
[Old version datasheet]   Positive Floating Hot-Swap Power Manager
UCC39151 TI-UCC39151 Datasheet
203Kb / 6P
[Old version datasheet]   15V Programmable Hot Swap Power Manager
UCC1913 TI-UCC1913 Datasheet
123Kb / 9P
[Old version datasheet]   Negative Voltage Hot Swap Power Manager
UCC1917 TI-UCC1917 Datasheet
228Kb / 9P
[Old version datasheet]   Positive Floating Hot Swap Power Manager
TPS2394 TI1-TPS2394 Datasheet
340Kb / 18P
[Old version datasheet]   ??8-V Hot Swap Power Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com