Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2211IDBRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS2211IDBRG4
Description  SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2211IDBRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2211IDBRG4 Datasheet HTML 3Page - Texas Instruments TPS2211IDBRG4 Datasheet HTML 4Page - Texas Instruments TPS2211IDBRG4 Datasheet HTML 5Page - Texas Instruments TPS2211IDBRG4 Datasheet HTML 6Page - Texas Instruments TPS2211IDBRG4 Datasheet HTML 7Page - Texas Instruments TPS2211IDBRG4 Datasheet HTML 8Page - Texas Instruments TPS2211IDBRG4 Datasheet HTML 9Page - Texas Instruments TPS2211IDBRG4 Datasheet HTML 10Page - Texas Instruments TPS2211IDBRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
TPS2211
SINGLE-SLOT PC CARD POWER INTERFACE SWITCH
FOR PARALLEL PCMCIA CONTROLLERS
SLVS156E – JULY 1997 – REVISED JANUARY 2001
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
toff
toff
LOAD CIRCUIT
CL
ton
VOLTAGE WAVEFORMS
VI(12V)
GND
50%
90%
VDD
GND
VI(VPPD0)
VO(AVPP)
AVPP
LOAD CIRCUIT
CL
AVCC
VOLTAGE WAVEFORMS
VI(3.3V)
GND
50%
90%
10%
VDD
GND
VI(VCCD1)
VO(AVCC)
10%
ton
50%
50%
(VI(VPPD1) = 0 V)
(VI(VCCD0) = VDD)
Figure 1. Test Circuits and Voltage Waveforms
Table of Timing Diagrams
FIGURE
AVCC Propagation Delay and Rise Time With 1-
µF Load, 3.3-V Switch
2
AVCC Propagation Delay and Fall Time With 1-
µF Load, 3.3-V Switch
3
AVCC Propagation Delay and Rise Time With 150-
µF Load, 3.3-V Switch
4
AVCC Propagation Delay and Fall Time With 150-
µF Load, 3.3-V Switch
5
AVCC Propagation Delay and Rise Time With 1-
µF Load, 5-V Switch
6
AVCC Propagation Delay and Fall Time With 1-
µF Load, 5-V Switch
7
AVCC Propagation Delay and Rise Time With 150-
µF Load, 5-V Switch
8
AVCC Propagation Delay and Fall Time With 150-
µF Load, 5-V Switch
9
AVPP Propagation Delay and Rise Time With 1-
µF Load, 12-V Switch
10
AVPP Propagation Delay and Fall Time With 1-
µF Load, 12-V Switch
11
AVPP Propagation Delay and Rise Time With 150-
µF Load, 12-V Switch
12
AVPP Propagation Delay and Fall Time With 150-
µF Load, 12-V Switch
13


Similar Part No. - TPS2211IDBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2211IDBR TI-TPS2211IDBR Datasheet
323Kb / 22P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
More results

Similar Description - TPS2211IDBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2211 TI-TPS2211 Datasheet
323Kb / 22P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211A TI-TPS2211A Datasheet
454Kb / 19P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211A TI1-TPS2211A_16 Datasheet
879Kb / 28P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2205 TI-TPS2205 Datasheet
463Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2205 TI1-TPS2205_13 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2228 TI-TPS2228 Datasheet
175Kb / 23P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
TPS2228 TI1-TPS2228_16 Datasheet
1Mb / 34P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
TPS2201IDFR TI-TPS2201IDFR Datasheet
922Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
TPS2201 TI-TPS2201 Datasheet
478Kb / 23P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
TPS2214 TI-TPS2214 Datasheet
351Kb / 26P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com