Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2206A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2206A
Description  PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2206A Datasheet(HTML) 2 Page - Texas Instruments

  TPS2206A Datasheet HTML 1Page - Texas Instruments TPS2206A Datasheet HTML 2Page - Texas Instruments TPS2206A Datasheet HTML 3Page - Texas Instruments TPS2206A Datasheet HTML 4Page - Texas Instruments TPS2206A Datasheet HTML 5Page - Texas Instruments TPS2206A Datasheet HTML 6Page - Texas Instruments TPS2206A Datasheet HTML 7Page - Texas Instruments TPS2206A Datasheet HTML 8Page - Texas Instruments TPS2206A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
TPS2204A
TPS2206A
TPS2210A
SLVS449A − DECEMBER 2002 − REVISED MAY 2003
www.ti.com
2
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PACKAGED DEVICES
TA
PLASTIC SMALL OUTLINE
(DB)
POWERPAD
 PLASTIC SMALL
OUTLINE (DAP−32)
POWERPAD
 PLASTIC SMALL
OUTLINE (PWP−24)
−40
°C to 85°C
TPS2206ADB
TPS2206ADAP
TPS2204APWP
TPS2210APWP
(1) The DB, PWP, and DAP packages are available taped and reeled. Add R suffix to device type (e.g., TPS2206ADBR) for taped and reeled.
PACKAGE DISSIPATION RATINGS
PACKAGE(1)
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
DB (30)
821.46 mW
10.95 mW/
°C
328.58 mW
164.29 mW
DAP (32)
3191.4 mW
42.55 mW/
°C
1276.5 mW
638.29 mW
PWP (24)
2491.6 mW
33.22 mW/
°C
996.67 mW
498.33 mW
(1) These devices are mounted on an JEDEC low-k board (2-oz. traces on surface).
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
UNITS
VI(3.3V)
−0.3 V to 5.5
V
Input voltage range for card power
VI(5V)
−0.3 V to 5.5
V
Input voltage range for card power
VI(12V)
−0.3 V to 14
V
Logic input/output voltage
−0.3 V to 6
V
Output voltage
VO(xVCC)
−0.3 V to 6
V
Output voltage
VO(xVPP)
−0.3 V to 14
V
Continuous total power dissipation
See Dissipation Rating Table
Output current
IO(xVCC)
Internally Limited
Output current
IO(xVPP)
Internally Limited
Operating virtual junction temperature range, TJ
−40
°C to 100
°C
Storage temperature range, TSTG
−55
°C to 150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds)
260
°C
OC sink current
10
mA
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
PowerPAD is a trademark of Texas Instruments.


Similar Part No. - TPS2206A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2206A TI-TPS2206A Datasheet
1,001Kb / 37P
[Old version datasheet]   POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2206A TI1-TPS2206A Datasheet
208Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD田?POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2206ADAP TI1-TPS2206ADAP Datasheet
1,001Kb / 37P
[Old version datasheet]   PC CARD??POWER-INTERFACE SWITCH WITH RESER FOR SERIAL PCMCIA CONTROLLER
TPS2206ADAPG4 TI1-TPS2206ADAPG4 Datasheet
1,001Kb / 37P
[Old version datasheet]   PC CARD??POWER-INTERFACE SWITCH WITH RESER FOR SERIAL PCMCIA CONTROLLER
TPS2206ADAPR TI-TPS2206ADAPR Datasheet
1,001Kb / 37P
[Old version datasheet]   POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
More results

Similar Description - TPS2206A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2206ADAPR TI-TPS2206ADAPR Datasheet
1,001Kb / 37P
[Old version datasheet]   POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2202AI TI-TPS2202AI Datasheet
358Kb / 23P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2206IDB TI-TPS2206IDB Datasheet
1Mb / 33P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2202A TI1-TPS2202A Datasheet
656Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2206 TI-TPS2206 Datasheet
458Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2206A TI1-TPS2206A Datasheet
208Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD田?POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2204A TI1-TPS2204A Datasheet
1,001Kb / 37P
[Old version datasheet]   PC CARD??POWER-INTERFACE SWITCH WITH RESER FOR SERIAL PCMCIA CONTROLLER
TPS2216 TI-TPS2216 Datasheet
371Kb / 27P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2214 TI-TPS2214 Datasheet
351Kb / 26P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2228 TI-TPS2228 Datasheet
175Kb / 23P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com