Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2103DBVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2103DBVR
Description  POWER-DISTRIBUTION SWITCHES
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2103DBVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2103DBVR Datasheet HTML 2Page - Texas Instruments TPS2103DBVR Datasheet HTML 3Page - Texas Instruments TPS2103DBVR Datasheet HTML 4Page - Texas Instruments TPS2103DBVR Datasheet HTML 5Page - Texas Instruments TPS2103DBVR Datasheet HTML 6Page - Texas Instruments TPS2103DBVR Datasheet HTML 7Page - Texas Instruments TPS2103DBVR Datasheet HTML 8Page - Texas Instruments TPS2103DBVR Datasheet HTML 9Page - Texas Instruments TPS2103DBVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TPS2102, TPS2103
VAUX POWER-DISTRIBUTION SWITCHES
SLVS234A – SEPTEMBER 1999 – REVISED APRIL 2000
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature range,
VI(IN1) = V(IN2) = 3.3 V, IO = rated current (unless otherwise noted) (continued)
enable input (EN and EN)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
2.7 V
≤ VI(INx) ≤ 4 V
2
V
VIL
Low-level input voltage
2.7 V
≤ VI(INx) ≤ 4 V
0.8
V
II
Input current
TPS2102
EN = 0 V or EN = VI(INx)
–0.5
0.5
µA
II
Input current
TPS2103
EN = 0 V or EN = VI(INx)
–0.5
0.5
µA
supply current
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
EN = H,
TJ = 25°C
0.75
µA
TPS2102
EN
H,
IN2 selected
–40
°C ≤ TJ ≤ 85°C
1.5
µA
TPS2102
EN = L,
TJ = 25°C
14
µA
II
Supply current
EN
L,
IN1 selected
–40
°C ≤ TJ ≤ 85°C
24
µA
II
Supply current
EN = L,
TJ = 25°C
0.75
µA
TPS2103
,
IN2 selected
–40
°C ≤ TJ ≤ 85°C
1.5
µA
TPS2103
EN = H,
TJ = 25°C
14
µA
,
IN1 selected
–40
°C ≤ TJ ≤ 85°C
24
µA
switching characteristics, TJ = 25°C, VI(IN1) = VI(IN2) = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
CL = 1 µF,
IL = 500 mA
440
IN1-OUT
VI(IN2) = 0 CL = 10 µF,
IL = 500 mA
440
t
Output rise time
()
CL = 1 µF,
IL = 100 mA
370
µs
tr
Output rise time
CL = 1 µF,
IL = 100 mA
4.6
µs
IN2-OUT
VI(IN1) = 0 CL = 10 µF,
IL = 100 mA
50
()
CL = 1 µF,
IL = 10 mA
4.6
CL = 1 µF,
IL = 500 mA
5
IN1-OUT
VI(IN2) = 0 CL = 10 µF,
IL = 500 mA
100
tf
Output fall time
()
CL = 1 µF,
IL = 100 mA
13
µs
tf
Output fall time
CL = 1 µF,
IL = 100 mA
68
µs
IN2-OUT
VI(IN1) = 0 CL = 10 µF,
IL = 100 mA
680
()
CL = 1 µF,
IL = 10 mA
720
tPLH Propagation delay time low to high output
IN1-OUT
VI(IN2) = 0
CL =10 µF
IL = 100 mA
80
µs
tPLH Propagation delay time, low-to-high output
IN2-OUT
VI(IN1) = 0
CL = 10 µF,
IL = 100 mA
2
µs
tPHL Propagation delay time high to low output
IN1-OUT
VI(IN2) = 0
CL =10 µF
IL = 100 mA
3
µs
tPHL Propagation delay time, high-to-low output
IN2-OUT
VI(IN1) = 0
CL = 10 µF,
IL = 100 mA
40
µs
† All timing parameters refer to Figure 3.


Similar Part No. - TPS2103DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2103DBV TI-TPS2103DBV Datasheet
265Kb / 17P
[Old version datasheet]   VAUX POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2103DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Lowpower Semiconductor ...
LPW5202 POWER-LPW5202 Datasheet
372Kb / 8P
   Power Distribution Switches
logo
Texas Instruments
TPS2090 TI1-TPS2090_16 Datasheet
1Mb / 26P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com