Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7841FDWW Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7841FDWW
Description  High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7841FDWW Datasheet(HTML) 11 Page - Texas Instruments

Back Button ISO7841FDWW Datasheet HTML 7Page - Texas Instruments ISO7841FDWW Datasheet HTML 8Page - Texas Instruments ISO7841FDWW Datasheet HTML 9Page - Texas Instruments ISO7841FDWW Datasheet HTML 10Page - Texas Instruments ISO7841FDWW Datasheet HTML 11Page - Texas Instruments ISO7841FDWW Datasheet HTML 12Page - Texas Instruments ISO7841FDWW Datasheet HTML 13Page - Texas Instruments ISO7841FDWW Datasheet HTML 14Page - Texas Instruments ISO7841FDWW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
11
ISO7841, ISO7841F
www.ti.com
SLLSEM3F – NOVEMBER 2014 – REVISED APRIL 2016
Product Folder Links: ISO7841 ISO7841F
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
Also known as pulse skew.
(2)
tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same
direction while driving identical loads.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
6.12 Switching Characteristics—5-V Supply
VCC1 = VCC2 = 5 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
See Figure 7
6
11
16
ns
PWD
Pulse width distortion(1) |tPHL – tPLH|
0.55
4.1
ns
tsk(o)
Channel-to-channel output skew time(2)
Same-direction channels
2.5
ns
tsk(pp)
Part-to-part skew time(3)
4.5
ns
tr
Output signal rise time
See Figure 7
1.7
3.9
ns
tf
Output signal fall time
1.9
3.9
ns
tPHZ
Disable propagation delay, high-to-high impedance
output
See Figure 8
12
20
ns
tPLZ
Disable propagation delay, low-to-high impedance
output
12
20
ns
tPZH
Enable propagation delay, high impedance-to-high
output for ISO7841
10
20
ns
Enable propagation delay, high impedance-to-high
output for ISO7841F
2
2.5
μs
tPZL
Enable propagation delay, high impedance-to-low
output for ISO7841
2
2.5
μs
Enable propagation delay, high impedance-to-low
output for ISO7841F
10
20
ns
tfs
Default output delay time from input power loss
Measured from the time VCC goes below 1.7 V. See
Figure 9
0.2
9
μs
tie
Time interval error
216 – 1 PRBS data at 100 Mbps
0.90
ns
(1)
Also known as Pulse Skew.
(2)
tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same
direction while driving identical loads.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
6.13 Switching Characteristics—3.3-V Supply
VCC1 = VCC2 = 3.3 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
See Figure 7
6
10.8
16
ns
PWD
Pulse width distortion(1) |tPHL – tPLH|
0.7
4.2
ns
tsk(o)
Channel-to-channel output skew time(2)
Same-direction channels
2.2
ns
tsk(pp)
Part-to-part skew time(3)
4.5
ns
tr
Output signal rise time
See Figure 7
0.8
3
ns
tf
Output signal fall time
0.8
3
ns
tPHZ
Disable propagation delay, high-to-high impedance
output
See Figure 8
17
32
ns
tPLZ
Disable propagation delay, low-to-high impedance
output
17
32
ns
tPZH
Enable propagation delay, high impedance-to-high
output for ISO7841
17
32
ns
Enable propagation delay, high impedance-to-high
output for ISO7841F
2
2.5
μs
tPZL
Enable propagation delay, high impedance-to-low
output for ISO7841
2
2.5
μs
Enable propagation delay, high impedance-to-low
output for ISO7841F
17
32
ns
tfs
Default output delay time from input power loss
Measured from the time VCC goes below 1.7 V.
See Figure 9
0.2
9
μs
tie
Time interval error
216 – 1 PRBS data at 100 Mbps
0.91
ns


Similar Part No. - ISO7841FDWW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7841F TI-ISO7841F Datasheet
1Mb / 31P
[Old version datasheet]   ISO7841 ISO7841F High-Performance, 8000 VPK Reinforced Quad-Channel Digital Isolator
More results

Similar Description - ISO7841FDWW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7842 TI1-ISO7842_16 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7840 TI1-ISO7840 Datasheet
1Mb / 36P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7841 TI-ISO7841_15 Datasheet
1Mb / 31P
[Old version datasheet]   ISO7841 ISO7841F High-Performance, 8000 VPK Reinforced Quad-Channel Digital Isolator
ISO7842 TI-ISO7842 Datasheet
1Mb / 37P
[Old version datasheet]   ISO7842 ISO7842F High-Performance, 8000 VPK Reinforced Quad-Channel Digital Isolator
ISO7820 TI1-ISO7820 Datasheet
1Mb / 36P
[Old version datasheet]   High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7821 TI1-ISO7821 Datasheet
1Mb / 39P
[Old version datasheet]   High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7810 TI1-ISO7810 Datasheet
1Mb / 32P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Single-Channel Digital Isolator
ISO7840 TI-ISO7840_15 Datasheet
1Mb / 33P
[Old version datasheet]   ISO7840 ISO7840F High-Performance, 8000 VPK Reinforced Quad-Channel Digital Isolator
ISO7810 TI-ISO7810_15 Datasheet
1Mb / 28P
[Old version datasheet]   ISO7810 High-Performance, 8000 VPK Reinforced Single Channel Digital Isolator
ISO7821 TI-ISO7821_15 Datasheet
1Mb / 38P
[Old version datasheet]   ISO7821 ISO7821F High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com