Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7842 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7842
Description  High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7842 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ISO7842 Datasheet HTML 6Page - Texas Instruments ISO7842 Datasheet HTML 7Page - Texas Instruments ISO7842 Datasheet HTML 8Page - Texas Instruments ISO7842 Datasheet HTML 9Page - Texas Instruments ISO7842 Datasheet HTML 10Page - Texas Instruments ISO7842 Datasheet HTML 11Page - Texas Instruments ISO7842 Datasheet HTML 12Page - Texas Instruments ISO7842 Datasheet HTML 13Page - Texas Instruments ISO7842 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
10
ISO7842, ISO7842F
SLLSEJ0F – OCTOBER 2014 – REVISED APRIL 2016
www.ti.com
Product Folder Links: ISO7842 ISO7842F
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
VCCI = Input-side VCC; VCCO = Output-side VCC.
6.10 Electrical Characteristics—2.5-V Supply
VCC1 = VCC2 = 2.5 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = –1 mA; see Figure 7
VCCO
(1) – 0.4
VCCO
(1) – 0.2
V
VOL
Low-level output voltage
IOL = 1 mA; see Figure 7
0.2
0.4
V
VI(HYS)
Input threshold voltage hysteresis
0.1 × VCCI
(1)
V
IIH
High-level input current
VIH = VCCI
(1) at INx or ENx
10
μA
IIL
Low-level input current
VIL = 0 V at INx or ENx
–10
μA
CMTI
Common-mode transient immunity
VI = VCCI
(1) or 0 V, V
CM = 1500 V; see
Figure 10
100
kV/
μs
(1)
VCCI = Input-side VCC; VCCO = Output-side VCC.
6.11 Supply Current Characteristics—2.5-V Supply
VCC1 = VCC2 = 2.5 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
SUPPLY
CURRENT
MIN
TYP
MAX
UNIT
ISO7842DW AND ISO7842FDW
Supply current
Disable
EN1 = EN2 = 0 V, VI = 0 V (ISO7842F), VI
= VCCI
(1) (ISO7842)
ICC1, ICC2
1
1.5
mA
EN1 = EN2 = 0 V, VI = VCCI
(1) (ISO7842F),
VI = 0 V (ISO7842)
ICC1, ICC2
3.4
4.8
mA
DC signal
VI = 0 V (ISO7842F), VI = VCCI
(1)
(ISO7842)
ICC1, ICC2
2
2.7
mA
VI = VCCI
(1) (ISO7842F), V
I = 0 V
(ISO7842)
ICC1, ICC2
4.4
6.1
mA
All channels switching with
square wave clock input;
CL = 15 pF
1 Mbps
ICC1, ICC2
3.2
4.5
mA
10 Mbps
ICC1, ICC2
3.7
5.1
mA
100 Mbps
ICC1, ICC2
8.9
10.8
mA
ISO7842DWW AND ISO7842FDWW
Supply current
Disable
EN1 = EN2 = 0 V, VI = 0 V (ISO7842F), VI
= VCCI
(1) (ISO7842)
ICC1, ICC2
1
1.5
mA
EN1 = EN2 = 0 V, VI = VCCI
(1) (ISO7842F),
VI = 0 V (ISO7842)
ICC1, ICC2
3.4
4.8
mA
DC signal
VI = 0 V (ISO7842F), VI = VCCI
(1)
(ISO7842)
ICC1, ICC2
2
2.8
mA
VI = VCCI
(1) (ISO7842F), V
I = 0 V
(ISO7842)
ICC1, ICC2
4.4
6.3
mA
All channels switching with
square wave clock input;
CL = 15 pF
1 Mbps
ICC1, ICC2
3.3
4.6
mA
10 Mbps
ICC1, ICC2
3.8
5.3
mA
100 Mbps
ICC1, ICC2
9
11.5
mA


Similar Part No. - ISO7842

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7842 TI-ISO7842 Datasheet
1Mb / 37P
[Old version datasheet]   ISO7842 ISO7842F High-Performance, 8000 VPK Reinforced Quad-Channel Digital Isolator
ISO7842F TI-ISO7842F Datasheet
1Mb / 37P
[Old version datasheet]   ISO7842 ISO7842F High-Performance, 8000 VPK Reinforced Quad-Channel Digital Isolator
More results

Similar Description - ISO7842

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7841 TI1-ISO7841 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7840 TI1-ISO7840 Datasheet
1Mb / 36P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7841 TI-ISO7841_15 Datasheet
1Mb / 31P
[Old version datasheet]   ISO7841 ISO7841F High-Performance, 8000 VPK Reinforced Quad-Channel Digital Isolator
ISO7842 TI-ISO7842 Datasheet
1Mb / 37P
[Old version datasheet]   ISO7842 ISO7842F High-Performance, 8000 VPK Reinforced Quad-Channel Digital Isolator
ISO7820 TI1-ISO7820 Datasheet
1Mb / 36P
[Old version datasheet]   High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7821 TI1-ISO7821 Datasheet
1Mb / 39P
[Old version datasheet]   High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7810 TI1-ISO7810 Datasheet
1Mb / 32P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Single-Channel Digital Isolator
ISO7840 TI-ISO7840_15 Datasheet
1Mb / 33P
[Old version datasheet]   ISO7840 ISO7840F High-Performance, 8000 VPK Reinforced Quad-Channel Digital Isolator
ISO7810 TI-ISO7810_15 Datasheet
1Mb / 28P
[Old version datasheet]   ISO7810 High-Performance, 8000 VPK Reinforced Single Channel Digital Isolator
ISO7821 TI-ISO7821_15 Datasheet
1Mb / 38P
[Old version datasheet]   ISO7821 ISO7821F High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com