Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2064 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2064
Description  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2064 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2064 Datasheet HTML 1Page - Texas Instruments TPS2064 Datasheet HTML 2Page - Texas Instruments TPS2064 Datasheet HTML 3Page - Texas Instruments TPS2064 Datasheet HTML 4Page - Texas Instruments TPS2064 Datasheet HTML 5Page - Texas Instruments TPS2064 Datasheet HTML 6Page - Texas Instruments TPS2064 Datasheet HTML 7Page - Texas Instruments TPS2064 Datasheet HTML 8Page - Texas Instruments TPS2064 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
D−8
DRB−8
DGN−8
TPS2060/TPS2064
DGNPACKAGE
(TOP VIEW)
GND
1
2
3
4
8
7
6
5
IN
EN1
EN2
OC1
OUT1
OUT2
OC2
TPS2068
DGNPACKAGE
(TOP VIEW)
GND
1
2
3
4
8
7
6
5
IN
IN
EN
OUT
OUT
OUT
OC
TPS2069
DGNPACKAGE
(TOP VIEW)
GND
1
2
3
4
8
7
6
5
IN
IN
EN
OUT
OUT
OUT
OC
TPS2068
DPACKAGE
(TOP VIEW)
GND
IN
IN
EN
OUT
OUT
OUT
OC
1
2
3
4
8
7
6
5
GND
IN
EN1
EN2
OC1
OUT1
OUT2
OC2
TPS2060/TPS2064
DRBPACKAGES
(TOP VIEW)
† Allenableinputsareactivehighforthe TPS2064devices.
4
3
2
1
5
6
7
8
TPS2060, TPS2064
TPS2068, TPS2069
www.ti.com
SLVS553K
– MARCH 2005 – REVISED MAY 2011
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
Check for Samples: TPS2060, TPS2064, TPS2068, TPS2069
1
FEATURES
APPLICATIONS
2
70-m
Ω High-Side MOSFET
Heavy Capacitive Loads
1.5-A Continuous Current
Short-Circuit Protections
Thermal and Short-Circuit Protection
Accurate Current Limit (1.6 A min, 2.6 A max)
Operating Range: 2.7 V to 5.5 V
0.6-ms Typical Rise Time
Undervoltage Lockout
Deglitched Fault Report (OC)
No OC Glitch During Power Up
1-
μA Maximum Standby Supply Current
Reverse Current Blocking
TPS2060/64 Temperature Range: 0
°C to 70°C
TPS2068/69 DGN Package Temperature
Range:
–40°C to 85°C
TPS2068 D Package Temperature Range:
0
°C to 70°C
UL Listed
– File No. E169910
TPS2068/69: CB Certified
DESCRIPTION
The TPS206x power-distribution switches are intended for applications where heavy capacitive loads and
short-circuits are likely to be encountered. This device incorporates 70-m
Ω N-channel MOSFET power switches
for power-distribution systems that require single or dual power switches in a single package. Each switch is
controlled by a logic enable input. Gate drive is provided by an internal charge pump designed to control the
power-switch rise times and fall times to minimize current surges during switching. The charge pump requires no
external components and allows operation from supplies as low as 2.7 V.
When the output load exceeds the current-limit threshold or a short is present, the device limits the output current
to a safe level by switching into a constant-current mode, pulling the overcurrent (OCx) logic output low. When
continuous heavy overloads and short-circuits increase the power dissipation in the switch, causing the junction
temperature to rise, a thermal protection circuit shuts off the switch to prevent damage. Recovery from a thermal
shutdown is automatic once the device has cooled sufficiently. Internal circuitry ensures that the switch remains
off until valid input voltage is present. Current limit is typically 2.1 A.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPad is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2005–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS2064

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2064 TI-TPS2064 Datasheet
761Kb / 21P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2064 TI-TPS2064 Datasheet
800Kb / 30P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2064 TI1-TPS2064 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2064C TI1-TPS2064C Datasheet
1Mb / 25P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
TPS2064C-2 TI1-TPS2064C-2 Datasheet
2Mb / 41P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
More results

Similar Description - TPS2064

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com