Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA301AIDRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA301AIDRG4
Description  OPERATIONAL AMPLIFIER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA301AIDRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA301AIDRG4 Datasheet HTML 3Page - Texas Instruments OPA301AIDRG4 Datasheet HTML 4Page - Texas Instruments OPA301AIDRG4 Datasheet HTML 5Page - Texas Instruments OPA301AIDRG4 Datasheet HTML 6Page - Texas Instruments OPA301AIDRG4 Datasheet HTML 7Page - Texas Instruments OPA301AIDRG4 Datasheet HTML 8Page - Texas Instruments OPA301AIDRG4 Datasheet HTML 9Page - Texas Instruments OPA301AIDRG4 Datasheet HTML 10Page - Texas Instruments OPA301AIDRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
OPA300, OPA2300
OPA301, OPA2301
SBOS271D − MAY 2003 − REVISED JUNE 2007
www.ti.com
7
TYPICAL CHARACTERISTICS (continued)
All specifications at TA = 25°C, VS = 5V, and RL = 150Ω connected to VS/2 unless otherwise noted.
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
Output Current (mA)
0
10
2030
40
5060
70
80
2.7
2.4
2.1
1.8
1.5
1.2
0.9
0.6
0.3
0
V
S =2.7V
125
_C 85_C 25_C −40_C −55_C
QUIESCENT CURRENT vs TEMPERATURE
Temperature (
_C)
−40 −20
0
20
40
60
80
100
140
120
12
11
10
9
8
7
6
POWER−SUPPLY REJECTION RATIO AND
COMMON−MODE REJECTION RATIO vs TEMPERATURE
Temperature (
_C)
−40 −20
0
20
40
60
80
100
120
140
100
95
90
85
80
75
70
65
60
PSRR
CMRR
INPUT BIAS CURRENT vs TEMPERATURE
Temperature (
_C)
−40
−20
0
20
40
60
80
100
140
120
1
0.1
0.01
INPUT BIAS CURRENT vs COMMON−MODE VOLTAGE
Common−Mode Voltage (V)
−3
−2
−10
1
2
2
1
0
−1
−2
V
S = ±2.5V
SHORT−CIRCUIT CURRENT vs TEMPERATURE
Temperature (
_C)
80
60
40
20
0
−20
−40
−60
−80
−40 −20
0
20
40
60
80
100
120
140
V
S =5.5V
V
S =5V
V
S =5.5V
V
S =2.7V
V
S =3.5V


Similar Part No. - OPA301AIDRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA301AIDR BURR-BROWN-OPA301AIDR Datasheet
302Kb / 15P
   Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA301AIDR TI-OPA301AIDR Datasheet
498Kb / 19P
[Old version datasheet]   Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - OPA301AIDRG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com