Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2650E Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA2650E
Description  Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2650E Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA2650E Datasheet HTML 3Page - Texas Instruments OPA2650E Datasheet HTML 4Page - Texas Instruments OPA2650E Datasheet HTML 5Page - Texas Instruments OPA2650E Datasheet HTML 6Page - Texas Instruments OPA2650E Datasheet HTML 7Page - Texas Instruments OPA2650E Datasheet HTML 8Page - Texas Instruments OPA2650E Datasheet HTML 9Page - Texas Instruments OPA2650E Datasheet HTML 10Page - Texas Instruments OPA2650E Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
®
OPA2650
APPLICATIONS INFORMATION
DISCUSSION OF PERFORMANCE
The OPA2650 is a dual low power, wideband voltage feed-
back operational amplifier. Each channel is internally com-
pensated to provide unity gain stability. The OPA2650’s
voltage feedback architecture features true differential and
fully symmetrical inputs. This minimizes offset errors, mak-
ing the OPA2650 well suited for implementing filter and
instrumentation designs. As a dual operational amplifier,
OPA2650 is an ideal choice for designs requiring multiple
channels where reduction of board space, power dissipation
and cost are critical. Its AC performance is optimized to
provide a gain bandwidth product of 160MHz and a fast 0.1%
settling time of 11ns, which is an important consideration in
high speed data conversion applications. Along with its
excellent settling characteristics, the low DC input offset of
±1mV and drift of ±3µV/°C support high accuracy require-
ments. In applications requiring a higher slew rate and wider
bandwidth, such as video and high bit rate digital communi-
cations, consider the dual current feedback OPA2658.
CIRCUIT LAYOUT AND BASIC OPERATION
Achieving optimum performance with a high frequency am-
plifier like the OPA2650 requires careful attention to layout
parasitics and selection of external components. Recommen-
dations for PC board layout and component selection include:
a) Minimize parasitic capacitance to any ac ground for all
of the signal I/O pins. Parasitic capacitance on the output
and inverting input pins can cause instability; on the non-
inverting input it can react with the source impedance to
cause unintentional bandlimiting. To reduce unwanted ca-
pacitance, a window around the signal I/O pins should be
opened in all of the ground and power planes. Otherwise,
ground and power planes should be unbroken elsewhere on
the board.
b) Minimize the distance (< 0.25") from the two power pins
to high frequency 0.1
µF decoupling capacitors. At the pins,
the ground and power plane layout should not be in close
proximity to the signal I/O pins. Avoid narrow power and
ground traces to minimize inductance between the pins and
the decoupling capacitors. Larger (2.2
µF to 6.8µF) decoupling
capacitors, effective at lower frequencies, should also be
used. These may be placed somewhat farther from the
device and may be shared among several devices in the same
area of the PC board.
c) Careful selection and placement of external compo-
nents will preserve the high frequency performance of the
OPA2650. Resistors should be a very low reactance type.
Surface mount resistors work best and allow a tighter overall
layout. Metal film or carbon composition axially-leaded
resistors can also provide good high frequency performance.
Again, keep their leads as short as possible. Never use
wirewound type resistors in a high frequency application.
Since the output pin and the inverting input pin are most
sensitive to parasitic capacitance, always position the feed-
back and series output resistor, if any, as close as possible to
the package pins. Other network components, such as non-
inverting input termination resistors, should also be placed
close to the package.
Even with a low parasitic capacitance shunting the resistor,
excessively high resistor values can create significant time
constants and degrade performance. Good metal film or
surface mount resistors have approximately 0.2pF in shunt
with the resistor. For resistor values > 1.5k
Ω, this adds a
pole and/or zero below 500MHz that can affect circuit
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±5V, RL = 100Ω, and RFB = 402Ω, unless otherwise noted. RFB = 25Ω for a gain of +1.
HARMONIC DISTORTION vs GAIN
(f = 5MHZ, V
O = 2Vp-p)
–40
–50
–60
–70
–80
1
2
3
4
5
6
789
10
Non-Inverting Gain (V/V)
3f
O
2f
O


Similar Part No. - OPA2650E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2650E BURR-BROWN-OPA2650E Datasheet
215Kb / 12P
   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2650E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2650 BURR-BROWN-OPA2650 Datasheet
215Kb / 12P
   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA650 TI1-OPA650 Datasheet
148Kb / 13P
[Old version datasheet]   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA651 BURR-BROWN-OPA651 Datasheet
146Kb / 11P
   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA650 BURR-BROWN-OPA650 Datasheet
183Kb / 12P
   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2846 TI-OPA2846 Datasheet
360Kb / 24P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA2846 TI1-OPA2846_14 Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2686 BURR-BROWN-OPA2686 Datasheet
171Kb / 18P
   Dual, Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
OPA2889 BURR-BROWN-OPA2889 Datasheet
1Mb / 35P
   Dual, Low-Power, Wideband, Voltage Feedback OPERATIONAL AMPLIFIER with Disable
logo
Texas Instruments
OPA2658 TI1-OPA2658 Datasheet
180Kb / 14P
[Old version datasheet]   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA2694ID TI1-OPA2694ID Datasheet
706Kb / 28P
[Old version datasheet]   Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com