Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2631U Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA2631U
Description  Dual, Low-Power, Single-Supply OPERATIONAL AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2631U Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA2631U Datasheet HTML 7Page - Texas Instruments OPA2631U Datasheet HTML 8Page - Texas Instruments OPA2631U Datasheet HTML 9Page - Texas Instruments OPA2631U Datasheet HTML 10Page - Texas Instruments OPA2631U Datasheet HTML 11Page - Texas Instruments OPA2631U Datasheet HTML 12Page - Texas Instruments OPA2631U Datasheet HTML 13Page - Texas Instruments OPA2631U Datasheet HTML 14Page - Texas Instruments OPA2631U Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
OPA2631
11
SBOS067A
APPLICATIONS INFORMATION
WIDEBAND VOLTAGE-FEEDBACK OPERATION
The OPA2631 is a unity-gain stable, very high-speed, volt-
age-feedback op amp designed for single-supply operation
(+3V to +10V). The input stage supports input voltages
below ground, and to within 1.0V of the positive supply. The
complementary common-emitter output stage provides an
output swing to within 30mV of ground and 130mV of the
positive supply. It is compensated to provide stable opera-
tion with a wide range of resistive loads.
Figure 1 shows the AC-coupled, gain of +2 configuration
used for the +5V Specifications and Typical Performance
Curves. For test purposes, the input impedance is set to 50
with a resistor to ground. Voltage swings reported in the
Specifications are taken directly at the input and output pins.
For the circuit of Figure 1, the total effective load on the
output at high frequencies is 150
Ω || 1500Ω. The 1.50kΩ
resistors at the non-inverting input provide the common-
mode bias voltage. Their parallel combination equals the DC
resistance at the inverting input, minimizing the output DC
offset.
1/2
OPA2631
+V
S = 5V
V
OUT
53.6
V
IN
R
F
750
R
G
750
1.50k
1.50k
R
L
150
+V
S
2
6.8
µF
+
0.1
µF
0.1
µF
0.1
µF
FIGURE 1. AC-Coupled Signal—Resistive Load to Supply
Midpoint.
FIGURE 2. DC-Coupled Signal—Resistive Load to Supply
Midpoint.
1/2
OPA2631
+V
S = 3V
V
OUT
57.6
V
IN
374
2.26k
R
L
150
+V
S
2
6.8
µF
+
0.1
µF
R
F
750
R
G
562
Figure 2 shows the DC-coupled, gain of +2 configuration
used for the +3V Specifications and Typical Performance
Curves. For test purposes, the input impedance is set to 50
with a resistor to ground. Though not strictly a “rail-to-rail”
design, this part comes very close, while maintaining excel-
lent performance. It will deliver
≈ 2.9Vp-p on a single +3V
supply with 61MHz bandwidth. The 374
Ω and 2.26kΩ
resistors at the input level-shift VIN so that VOUT is within
the allowed output voltage range when VIN = 0. See the
typical performance curves for information on driving ca-
pacitive loads.
SINGLE-SUPPLY ADC CONVERTER INTERFACE
The front page shows a DC-coupled, single-supply, dual
ADC (Analog-to-Digital Converter) driver circuit. Many
systems are now requiring +3V supply capability of both the
ADC and its driver. The OPA2631 provides excellent per-
formance in this demanding application. Its large input and
output voltage ranges, and low distortion support converters
such as the ADS901 shown in this figure. The input level-
shifting circuitry was designed so that VIN can be between
0V and 0.5V, while delivering an output voltage of 1V to 2V
for the ADS901.


Similar Part No. - OPA2631U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2631U BURR-BROWN-OPA2631U Datasheet
144Kb / 17P
   Dual, Low Power, Single-Supply OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2631U

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2132 NJRC-NJM2132 Datasheet
185Kb / 3P
   SINGLE-SUPPLY LOW POWER DUAL OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2631 BURR-BROWN-OPA2631 Datasheet
144Kb / 17P
   Dual, Low Power, Single-Supply OPERATIONAL AMPLIFIER
logo
Analog Devices
OP-21 AD-OP-21_15 Datasheet
1Mb / 6P
   LOW POWER OPERATIONAL AMPLIFIER SINGLE OR DUAL SUPPLY
OP-221 AD-OP-221 Datasheet
362Kb / 8P
   DUAL LOW POWER OPERATIONAL AMPLIFIER, SINGLE OR DUAL SUPPLY
OP221GSZ AD-OP221GSZ Datasheet
890Kb / 12P
   Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
OP221 AD-OP221_15 Datasheet
890Kb / 12P
   Dual Low Power Operational Amplifier, Single or Dual Supply
logo
National Semiconductor ...
OPA2830 NSC-OPA2830 Datasheet
1Mb / 43P
   Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
logo
Analog Devices
OP221 AD-OP221 Datasheet
193Kb / 12P
   Dual Low Power Operational Amplifier, Single or Dual Supply
REV. A
OP221GZ AD-OP221GZ Datasheet
287Kb / 12P
   Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
logo
Burr-Brown (TI)
OPA2830 BURR-BROWN-OPA2830_08 Datasheet
1Mb / 41P
   Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com