Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2631 Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA2631
Description  Dual, Wideband, Single-Supply OPERATIONAL AMPLIFIER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2631 Datasheet(HTML) 4 Page - Texas Instruments

  OPA2631 Datasheet HTML 1Page - Texas Instruments OPA2631 Datasheet HTML 2Page - Texas Instruments OPA2631 Datasheet HTML 3Page - Texas Instruments OPA2631 Datasheet HTML 4Page - Texas Instruments OPA2631 Datasheet HTML 5Page - Texas Instruments OPA2631 Datasheet HTML 6Page - Texas Instruments OPA2631 Datasheet HTML 7Page - Texas Instruments OPA2631 Datasheet HTML 8Page - Texas Instruments OPA2631 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
OPA2634
4
SBOS098A
PIN CONFIGURATIONS
Top View
SO
ABSOLUTE MAXIMUM RATINGS
Power Supply ................................................................................ +11VDC
Internal Power Dissipation .................................... See Thermal Analysis
Differential Input Voltage ..................................................................
±1.2V
Input Voltage Range ..................................................... –0.5 to +VS +0.3V
Storage Temperature Range ......................................... –40
°C to +125°C
Lead Temperature (soldering, 10s) .............................................. +300
°C
Junction Temperature (TJ ) ........................................................... +175°C
ELECTROSTATIC
DISCHARGE SENSITIVITY
Electrostatic discharge can cause damage ranging from perfor-
mance degradation to complete device failure. Burr-Brown Corpo-
ration recommends that all integrated circuits be handled and stored
using appropriate ESD protection methods.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes
could cause the device not to meet published specifications.
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER
RANGE
MARKING
NUMBER(1)
MEDIA
OPA2634U
SO-8 Surface-Mount
182
–40
°C to +85°C
OPA2634U
OPA2634U
Rails
""
"
"
"
OPA2634U/2K5
Tape and Reel
NOTE: (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /2K5 indicates 2500 devices per reel). Ordering 2500 pieces
of “OPA2634U/2K5” will get a single 2500-piece Tape and Reel.
PACKAGE/ORDERING INFORMATION
1
2
3
4
8
7
6
5
+V
S
Out B
–In B
+In B
Out A
–In A
+In A
GND
OPA2634


Similar Part No. - OPA2631

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2631 BURR-BROWN-OPA2631 Datasheet
144Kb / 17P
   Dual, Low Power, Single-Supply OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2631 TI1-OPA2631 Datasheet
284Kb / 18P
[Old version datasheet]   Dual, Low-Power, Single-Supply OPERATIONAL AMPLIFIER
OPA2631 TI1-OPA2631 Datasheet
833Kb / 23P
[Old version datasheet]   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2631U BURR-BROWN-OPA2631U Datasheet
144Kb / 17P
   Dual, Low Power, Single-Supply OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2631U TI1-OPA2631U Datasheet
284Kb / 18P
[Old version datasheet]   Dual, Low-Power, Single-Supply OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2631

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2634 BURR-BROWN-OPA2634 Datasheet
143Kb / 16P
   Dual, Wideband, Single-Supply OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA2830 NSC-OPA2830 Datasheet
1Mb / 43P
   Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2830 BURR-BROWN-OPA2830_08 Datasheet
1Mb / 41P
   Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2830 TI1-OPA2830 Datasheet
1Mb / 43P
[Old version datasheet]   Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
OPA830 TI-OPA830 Datasheet
633Kb / 34P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830 TI-OPA830_1 Datasheet
682Kb / 35P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830 TI1-OPA830 Datasheet
845Kb / 37P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
National Semiconductor ...
OPA830 NSC-OPA830 Datasheet
845Kb / 37P
   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
Burr-Brown (TI)
OPA830 BURR-BROWN-OPA830 Datasheet
460Kb / 31P
   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
Texas Instruments
OPA830-EP TI1-OPA830-EP Datasheet
725Kb / 36P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com