Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2634 Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA2634
Description  Dual, Low-Power, Single-Supply OPERATIONAL AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2634 Datasheet(HTML) 3 Page - Texas Instruments

  OPA2634 Datasheet HTML 1Page - Texas Instruments OPA2634 Datasheet HTML 2Page - Texas Instruments OPA2634 Datasheet HTML 3Page - Texas Instruments OPA2634 Datasheet HTML 4Page - Texas Instruments OPA2634 Datasheet HTML 5Page - Texas Instruments OPA2634 Datasheet HTML 6Page - Texas Instruments OPA2634 Datasheet HTML 7Page - Texas Instruments OPA2634 Datasheet HTML 8Page - Texas Instruments OPA2634 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
OPA2631
3
SBOS067A
SPECIFICATIONS: VS = +3V
At TA = 25°C, G = +2, RF = 750Ω, and RL = 150Ω to VS /2, unless otherwise noted.
OPA2631U
TYP
GUARANTEED
0
°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C70°C
UNITS
MAX LEVEL(1)
AC PERFORMANCE (Figure 2)
Small-Signal Bandwidth
G = +2, VO ≤ 0.5Vp-p
61
45
35
MHz
min
B
G = +5, VO ≤ 0.5Vp-p
15
11
9
MHz
min
B
G = +10, VO ≤ 0.5Vp-p
7.7
4.6
4.0
MHz
min
B
Gain Bandwidth Product
G
≥ +10
63
47
34
MHz
min
B
Peaking at a Gain of +1
VO ≤ 0.5Vp-p
5
——
dB
typ
C
Slew Rate
1V Step
95
52
46
V/
µs
min
B
Rise Time
0.5V Step
5.6
9
11.3
ns
max
B
Fall Time
0.5V Step
5.6
9
11.3
ns
max
B
Settling Time to 0.1%
1V Step
40
63
85
ns
max
B
Spurious Free Dynamic Range
VO = 1Vp-p, f = 5MHz
44
37
34
dB
min
B
VO = 1Vp-p, f = 1MHz, RL = 1kΩ
846765
dB
min
B
Input Voltage Noise
f > 1MHz
6.2
7.0
7.8
nV/
√Hz
max
B
Input Current Noise
f > 1MHz
2.0
2.6
2.9
pA/
√Hz
max
B
Channel-to-Channel Isolation
Input Reference, f = 5MHz
93
——
dB
typ
C
DC PERFORMANCE
Open-Loop Voltage Gain
60
54
50
dB
min
A
Input Offset Voltage
0.5
4.0
4.5
mV
max
A
Average Offset Voltage Drift
——
45
µV/°C
max
B
Input Bias Current
VCM = 1.0V
12
25
30
µA
max
A
Input Offset Current
VCM = 1.0V
0.3
1
1.3
µA
max
A
Input Offset Current Drift
——
2
nA/
°C
max
B
INPUT
Least Positive Input Voltage
–0.5
–0.3
–0.1
V
max
B
Most Positive Input Voltage
2
1.75
1.3
V
min
A
Common-Mode Rejection Ratio (CMRR)
Input Referred
72
66
65
dB
min
A
Input Impedance
Differential-Mode
10 || 2.1
——
k
Ω || pF
typ
C
Common-Mode
400 || 1.2
——
k
Ω || pF
typ
C
OUTPUT
Least Positive Output Voltage
RL = 1kΩ to 1.5V
0.03
0.05
0.05
V
max
A
RL = 150Ω to 1.5V
0.05
0.15
0.16
V
max
A
Most Positive Output Voltage
RL = 1kΩ to 1.5V
2.95
2.85
2.84
V
min
A
RL = 150Ω to 1.5V
2.85
2.66
2.60
V
min
A
Current Output, Sourcing
55
21
14
mA
min
A
Current Output, Sinking
55
18
11
mA
min
A
Short Circuit Current (output shorted to either supply)
80
——
mA
typ
C
Closed-Loop Output Impedance
Figure 2, f < 50kHz
0.6
——
typ
C
POWER SUPPLY
Minimum Operating Voltage
2.7
2.7
V
min
B
Maximum Operating Voltage
10.5
10.5
V
max
A
Maximum Quiescent Current
VS = +3V
5.3
5.9
6.4
mA/chan
max
A
Minimum Quiescent Current
VS = +3V
5.3
5.0
4.8
mA/chan
min
A
Power Supply Rejection Ratio (PSRR)
Input Referred
57
50
48
dB
min
A
THERMAL CHARACTERISTICS
Specification: U
–40 to +85
°C
typ
C
Thermal Resistance
U
SO-8
125
°C/W
typ
C
NOTE: (1) Test Levels: (A) 100% tested at 25
°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and simulation.
(C) Typical value only for information.


Similar Part No. - OPA2634

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2634 BURR-BROWN-OPA2634 Datasheet
143Kb / 16P
   Dual, Wideband, Single-Supply OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2634 TI1-OPA2634 Datasheet
278Kb / 17P
[Old version datasheet]   Dual, Wideband, Single-Supply OPERATIONAL AMPLIFIER
OPA2634 TI1-OPA2634 Datasheet
833Kb / 23P
[Old version datasheet]   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2634U BURR-BROWN-OPA2634U Datasheet
143Kb / 16P
   Dual, Wideband, Single-Supply OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2634U TI1-OPA2634U Datasheet
278Kb / 17P
[Old version datasheet]   Dual, Wideband, Single-Supply OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2634

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2132 NJRC-NJM2132 Datasheet
185Kb / 3P
   SINGLE-SUPPLY LOW POWER DUAL OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2631 BURR-BROWN-OPA2631 Datasheet
144Kb / 17P
   Dual, Low Power, Single-Supply OPERATIONAL AMPLIFIER
logo
Analog Devices
OP-21 AD-OP-21_15 Datasheet
1Mb / 6P
   LOW POWER OPERATIONAL AMPLIFIER SINGLE OR DUAL SUPPLY
OP-221 AD-OP-221 Datasheet
362Kb / 8P
   DUAL LOW POWER OPERATIONAL AMPLIFIER, SINGLE OR DUAL SUPPLY
OP221GSZ AD-OP221GSZ Datasheet
890Kb / 12P
   Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
OP221 AD-OP221_15 Datasheet
890Kb / 12P
   Dual Low Power Operational Amplifier, Single or Dual Supply
logo
National Semiconductor ...
OPA2830 NSC-OPA2830 Datasheet
1Mb / 43P
   Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
logo
Analog Devices
OP221 AD-OP221 Datasheet
193Kb / 12P
   Dual Low Power Operational Amplifier, Single or Dual Supply
REV. A
OP221GZ AD-OP221GZ Datasheet
287Kb / 12P
   Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
logo
Burr-Brown (TI)
OPA2830 BURR-BROWN-OPA2830_08 Datasheet
1Mb / 41P
   Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com