Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA1654AIPW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1654AIPW
Description  Audio Operational Amplifiers
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA1654AIPW Datasheet(HTML) 3 Page - Texas Instruments

  OPA1654AIPW Datasheet HTML 1Page - Texas Instruments OPA1654AIPW Datasheet HTML 2Page - Texas Instruments OPA1654AIPW Datasheet HTML 3Page - Texas Instruments OPA1654AIPW Datasheet HTML 4Page - Texas Instruments OPA1654AIPW Datasheet HTML 5Page - Texas Instruments OPA1654AIPW Datasheet HTML 6Page - Texas Instruments OPA1654AIPW Datasheet HTML 7Page - Texas Instruments OPA1654AIPW Datasheet HTML 8Page - Texas Instruments OPA1654AIPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
OutA
-
InA
+InA
V+
+InB
-
InB
OutB
1
2
3
4
5
6
7
14
13
12
11
10
9
8
D
A
B
C
OutD
-
InD
+InD
V
-
+InC
-
InC
OutC
1
2
3
4
8
7
6
5
V+
OUTB
-
INB
+INB
OUTA
-
INA
+INA
V
-
A
B
3
OPA1652, OPA1654
www.ti.com
SBOS477A – DECEMBER 2011 – REVISED AUGUST 2016
Product Folder Links: OPA1652 OPA1654
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
OPA1652: D and DGK Packages
8-Pin SOIC and VSSOP
Top View
OPA1654: D and PW Packages
14-Pin SOIC and TSSOP
Top View
Pin Functions: OPA1652
PIN
I/O
DESCRIPTION
NAME
OPA1652
SOIC
VSSOP
–IN A
2
I
Inverting input, channel A
+IN A
3
I
Noninverting input, channel A
–IN B
6
I
Inverting input, channel B
+IN B
5
I
Noninverting input, channel B
OUT A
1
O
Output, channel A
OUT B
7
O
Output, channel B
V–
4
Negative (lowest) power supply
V+
8
Positive (highest) power supply
Pin Functions: OPA1654
PIN
I/O
DESCRIPTION
NAME
OPA1654
SOIC
TSSOP
–IN A
2
I
Inverting input, channel A
+IN A
3
I
Noninverting input, channel A
–IN B
6
I
Inverting input, channel B
+IN B
5
I
Noninverting input, channel B
–IN C
9
I
Inverting input, channel C
+IN D
10
I
Noninverting input, channel C
–IN D
13
I
Inverting input, channel D
+IN D
12
I
Noninverting input, channel D
Out A
1
O
Output, channel A
Out B
7
O
Output, channel B
Out C
8
O
Output, channel C
Out D
14
O
Output, channel D
V–
11
Negative (lowest) power supply
V+
4
Positive (highest) power supply


Similar Part No. - OPA1654AIPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1654AIPW TI1-OPA1654AIPW Datasheet
1Mb / 28P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input
OPA1654AIPWR TI1-OPA1654AIPWR Datasheet
1Mb / 28P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input
More results

Similar Description - OPA1654AIPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1678 TI1-OPA1678_18 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Distortion Audio Operational Amplifiers
logo
Burr-Brown (TI)
OPA134_071 BURR-BROWN-OPA134_071 Datasheet
403Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA1678 TI1-OPA1678 Datasheet
1Mb / 41P
[Old version datasheet]   Low-Distortion Audio Operational Amplifiers
logo
Burr-Brown (TI)
OPA134 BURR-BROWN-OPA134_08 Datasheet
432Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2134UA2K5 TI1-OPA2134UA2K5 Datasheet
1Mb / 20P
[Old version datasheet]   High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA134 TI1-OPA134 Datasheet
415Kb / 22P
[Old version datasheet]   High Performance Audio Operational Amplifiers
logo
Burr-Brown (TI)
OPA134 BURR-BROWN-OPA134_07 Datasheet
307Kb / 12P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA1678_1807 TI1-OPA1678_1807 Datasheet
1Mb / 48P
[Old version datasheet]   Low-Distortion Audio Operational Amplifiers
logo
Burr-Brown (TI)
OPA134 BURR-BROWN-OPA134 Datasheet
327Kb / 9P
   High Performance AUDIO OPERATIONAL AMPLIFIERS TM
logo
Texas Instruments
OPA1677 TI-OPA1677 Datasheet
3Mb / 52P
[Old version datasheet]   OPA167x Low-Distortion Audio Operational Amplifiers
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com