Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2652 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2652
Description  Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2652 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA2652 Datasheet HTML 2Page - Texas Instruments OPA2652 Datasheet HTML 3Page - Texas Instruments OPA2652 Datasheet HTML 4Page - Texas Instruments OPA2652 Datasheet HTML 5Page - Texas Instruments OPA2652 Datasheet HTML 6Page - Texas Instruments OPA2652 Datasheet HTML 7Page - Texas Instruments OPA2652 Datasheet HTML 8Page - Texas Instruments OPA2652 Datasheet HTML 9Page - Texas Instruments OPA2652 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
www.ti.com
-50
-60
-70
-80
-90
GainMagnitude(V/V)
1
10
V =2V
O
PP
f=5MHz
2ndHarmonic
3rdHarmonic
-50
-60
-70
-80
-90
GainMagnitude(V/V)
1
10
V =2V
O
PP
f=5MHz
2ndHarmonic
3rdHarmonic
-50
-60
-70
-80
-90
OutputVoltage(V )
PP
0.1
1
4
f=5MHz
3rdHarmonic
2ndHarmonic
-50
-60
-70
-80
-90
Frequency(MHz)
0.1
1
10
20
V =2V
O
PP
3rdHarmonic
2ndHarmonic
-50
-60
-70
-80
-90
R ( )
L W
100
1000
V =2V
O
PP
f=5MHz
3rdHarmonic
2ndHarmonic
-50
-60
-70
-80
-90
SupplyVoltage(V)
±3
±4
±5
±6
V =2V
O
PP
f=5MHz
3rdHarmonic
2ndHarmonic
OPA2652
SBOS125A – JUNE 2000 – REVISED MAY 2006
TYPICAL CHARACTERISTICS: V
S = ±5V (continued)
At T
A = +25°C, G = +2, RF = 402Ω, and RL = 100Ω, unless otherwise noted. See Figure 28 and Figure 29.
HARMONIC DISTORTION vs NONINVERTING GAIN
HARMONIC DISTORTION vs INVERTING GAIN
Figure 7.
Figure 8.
HARMONIC DISTORTION vs OUTPUT VOLTAGE
HARMONIC DISTORTION vs FREQUENCY
Figure 9.
Figure 10.
HARMONIC DISTORTION vs LOAD RESISTANCE
HARMONIC DISTORTION vs SUPPLY VOLTAGE
Figure 11.
Figure 12.
6
Submit Documentation Feedback


Similar Part No. - OPA2652

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2652 BURR-BROWN-OPA2652 Datasheet
154Kb / 15P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA2652 BURR-BROWN-OPA2652 Datasheet
507Kb / 20P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA2652 NSC-OPA2652 Datasheet
826Kb / 23P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2652E BURR-BROWN-OPA2652E Datasheet
154Kb / 15P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA2652E BURR-BROWN-OPA2652E Datasheet
507Kb / 20P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2652

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2652 BURR-BROWN-OPA2652 Datasheet
154Kb / 15P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA2652 NSC-OPA2652 Datasheet
826Kb / 23P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2652 BURR-BROWN-OPA2652_07 Datasheet
507Kb / 20P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1886 LINER-LT1886 Datasheet
331Kb / 16P
   Dual 700MHz, 200mA Operational Amplifier
LT1886 LINER-LT1886_15 Datasheet
277Kb / 16P
   Dual 700MHz, 200mA Operational Amplifier
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150_04 Datasheet
341Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Renesas Technology Corp
HFA1150 RENESAS-HFA1150 Datasheet
713Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150 Datasheet
203Kb / 13P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
March 2000
logo
Texas Instruments
OPA687 TI1-OPA687 Datasheet
301Kb / 17P
[Old version datasheet]   Voltage Feedback OPERATIONAL AMPLIFIER
THS4281 TI1-THS4281 Datasheet
2Mb / 43P
[Old version datasheet]   Voltage-Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com