Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2111KPG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA2111KPG4
Description  OPERATIONAL AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2111KPG4 Datasheet(HTML) 1 Page - Texas Instruments

  OPA2111KPG4 Datasheet HTML 1Page - Texas Instruments OPA2111KPG4 Datasheet HTML 2Page - Texas Instruments OPA2111KPG4 Datasheet HTML 3Page - Texas Instruments OPA2111KPG4 Datasheet HTML 4Page - Texas Instruments OPA2111KPG4 Datasheet HTML 5Page - Texas Instruments OPA2111KPG4 Datasheet HTML 6Page - Texas Instruments OPA2111KPG4 Datasheet HTML 7Page - Texas Instruments OPA2111KPG4 Datasheet HTML 8Page - Texas Instruments OPA2111KPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Dual Low Noise Precision
Difet ® OPERATIONAL AMPLIFIER
FEATURES
q LOW NOISE: 100% Tested, 8nV/
Hz max at
10kHz
q LOW BIAS CURRENT: 4pA max
q LOW OFFSET: 500
µV max
q LOW DRIFT: 2.8
µV/°C
q HIGH OPEN-LOOP GAIN: 114dB min
q HIGH COMMON-MODE REJECTION:
96dB min
APPLICATIONS
q PRECISION INSTRUMENTATION
q DATA ACQUISITION
q TEST EQUIPMENT
q PROFESSIONAL AUDIO EQUIPMENT
q MEDICAL EQUIPMENT
q DETECTOR ARRAYS
International Airport Industrial Park
Mailing Address: PO Box 11400
Tucson, AZ 85734
Street Address: 6730 S. Tucson Blvd.
Tucson, AZ 85706
Tel: (520) 746-1111
Twx: 910-952-1111
Cable: BBRCORP
Telex: 066-6491
FAX: (520) 889-1510
Immediate Product Info: (800) 548-6132
BIFET® National Semiconductor Corp., Difet® Burr-Brown Corp.
Noise-Free
Cascode*
OPA2111 Simplified Circuit
(Each Amplifier)
8
4
Output
+V
CC
–V
CC
–In
+In
*Patented
OPA2111
®
DESCRIPTION
The OPA2111 is a high precision monolithic
dielectrically isolated FET (Difet ) operational ampli-
fier. Outstanding performance characteristics allow its
use in the most critical instrumentation applications.
Noise, bias current, voltage offset, drift, open-loop
gain, common-mode rejection, and power supply re-
jection are superior to BIFET® amplifiers.
Very low bias current is obtained by dielectric isola-
tion with on-chip guarding.
Laser trimming of thin-film resistors gives very low
offset and drift. Extremely low noise is achieved with
patented circuit design techniques. A cascode design
allows high precision input specifications and reduced
susceptibility to flicker noise.
Standard dual op amp pin configuration allows up-
grading of existing designs to higher performance
levels.
© 1984 Burr-Brown Corporation
PDS-540E
Printed in U.S.A. October, 1993
SBOS140


Similar Part No. - OPA2111KPG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2111KP BURR-BROWN-OPA2111KP Datasheet
231Kb / 13P
   Dual Low Noise Precision Difet OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2111KPG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com