Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2111KPG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA2111KPG4
Description  OPERATIONAL AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2111KPG4 Datasheet(HTML) 3 Page - Texas Instruments

  OPA2111KPG4 Datasheet HTML 1Page - Texas Instruments OPA2111KPG4 Datasheet HTML 2Page - Texas Instruments OPA2111KPG4 Datasheet HTML 3Page - Texas Instruments OPA2111KPG4 Datasheet HTML 4Page - Texas Instruments OPA2111KPG4 Datasheet HTML 5Page - Texas Instruments OPA2111KPG4 Datasheet HTML 6Page - Texas Instruments OPA2111KPG4 Datasheet HTML 7Page - Texas Instruments OPA2111KPG4 Datasheet HTML 8Page - Texas Instruments OPA2111KPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
®
OPA2111
3
ELECTRICAL (FULL TEMPERATURE RANGE SPECIFICATIONS)
At V
CC = ±15VDC and TA = TMIN to TMAX unless otherwise noted.
OPA2111AM
OPA2111BM
OPA2111SM
OPA2111KM, KP
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
TEMPERATURE RANGE
Specification Range
Ambient Temp.
–25
+85
–25
+85
–55
+125
0
+70
°C
INPUT OFFSET VOLTAGE(1)
Input Offset Voltage
V
CM = 0VDC
±0.22
±1.2
±0.08 ±0.75
±0.3
±1.5
±0.9
±5mV
Average Drift
±2
±6
±0.5
±2.8
±2
±6
±8
±15
µV/°C
Match
1
0.5
2
2
µV/°C
Supply Rejection
86
100
90
100
86
100
82
100
dB
±10
±50
±10
±32
±10
±50
±10
±80
µV/V
BIAS CURRENT(1)
Input Bias Current
V
CM = 0VDC
±125
±1nA
±75
±500
±2nA ±16.3nA
±125
±500
pA
Match
60
30
1nA
pA
OFFSET CURRENT(1)
Input Offset Current
V
CM = 0VDC
±75
±750
±38
±375
±1.3nA ±12nA
±75
±375
pA
VOLTAGE RANGE
Common-Mode Input Range
±10
±11
±10
±11
±10
±11
±10
±11
V
Common-Mode Rejection
V
IN = ±10VDC
86
100
90
100
86
100
80
100
dB
OPEN-LOOP GAIN, DC
Open-Loop Voltage Gain
R
L ≥ 2kΩ
106
120
110
120
106
120
100
120
dB
Match
5
3
5
5
dB
RATED OUTPUT
Voltage Output
R
L = 2kΩ±10.5
±11
±10.5
±11
±10.5
±11
±10.5
±11
V
Current Output
V
O = ±10VDC
±5
±10
±5
±10
±5
±10
±5
±10
mA
Short Circuit Current
V
O = 0VDC
10
40
10
40
10
40
10
40
mA
POWER SUPPLY
Current, Quiescent
I
O = 0mADC
5
8
5
8
5
8
5
10
mA
NOTES: (1) Offset voltage, offset current, and bias current are measured with the units fully warmed up.
CONNECTION DIAGRAMS
Top View
DIP
A
B
1
2
3
4
8
7
6
5
Out A
–In A
+In A
–V
CC
+V
CC
Out B
–In B
+In B
Top View
TO-99
8
1
2
7
6
5
3
4
Out A
+In B
–In B
Out B
–V
CC
–In A
+In A
AB
+V
CC and Case
ABSOLUTE MAXIMUM RATINGS
Supply ...........................................................................................
±18VDC
Internal Power Dissipation (TJ ≤ +175°C) .................................... 500mW
Differential Input Voltage ............................................................ Total VCC
Input Voltage Range ..........................................................................
±V
CC
Storage Temperature Range: “M” Package .................. –65
°C to +150°C
“P” Package .................... –40
°C to +85°C
Operating Temperature Range: “M” Package ............... –55
°C to +125°C
“P” Package ................. –40
°C to +85°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
Output Short Circuit to Ground (+25
°C) ................................. Continuous
Junction Temperature .................................................................... +175
°C
PACKAGE INFORMATION
PACKAGE DRAWING
MODEL
PACKAGE
NUMBER(1)
OPA2111AM
TO-99
001
OPA2111BM
TO-99
001
OPA2111KM
TO-99
001
OPA2111SM
TO-99
001
OPA2111KP
8-Pin Plastic DIP
006
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix D of Burr-Brown IC Data Book.
OFFSET
TEMPERATURE
VOLTAGE,
MODEL
PACKAGE
RANGE
max (mV)
1–24
OPA2111AM
TO-99
–25
°C to +85°C
±0.75
$12.50
OPA2111BM
TO-99
–25
°C to +85°C
±0.5
21.60
OPA2111KM
TO-99
0
°C to +70°C
±2
25.55
OPA2111SM
TO-99
–55
°C to +125°C
±0.75
OPA2111KP
8-Pin Plastic DIP
0
°C to +70°C
±2
ORDERING INFORMATION


Similar Part No. - OPA2111KPG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2111KP BURR-BROWN-OPA2111KP Datasheet
231Kb / 13P
   Dual Low Noise Precision Difet OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2111KPG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com