Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA377AIDBVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA377AIDBVT
Description  5MHz, Low-Noise, Single, Dual, Quad CMOS Operational Amplifiers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA377AIDBVT Datasheet(HTML) 4 Page - Texas Instruments

  OPA377AIDBVT Datasheet HTML 1Page - Texas Instruments OPA377AIDBVT Datasheet HTML 2Page - Texas Instruments OPA377AIDBVT Datasheet HTML 3Page - Texas Instruments OPA377AIDBVT Datasheet HTML 4Page - Texas Instruments OPA377AIDBVT Datasheet HTML 5Page - Texas Instruments OPA377AIDBVT Datasheet HTML 6Page - Texas Instruments OPA377AIDBVT Datasheet HTML 7Page - Texas Instruments OPA377AIDBVT Datasheet HTML 8Page - Texas Instruments OPA377AIDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
1
2
3
5
4
V+
-IN
OUT
V-
+IN
1
2
3
4
8
7
6
5
NC
(1)
V+
OUT
NC
(1)
NC
(1)
-IN
+IN
V-
-
+
1
2
3
5
4
V+
OUT
+IN
V-
-IN
1
2
3
4
8
7
6
5
V+
OUTB
-INB
+INB
OUTA
-INA
+INA
V-
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUTD
-IND
+IND
V-
+INC
-INC
OUTC
OUTA
-INA
+INA
V+
+INB
-INB
OUTB
OPA377
OPA2377
OPA4377
SBOS504B
– FEBRUARY 2010 – REVISED JANUARY 2011
www.ti.com
PIN CONFIGURATIONS
OPA377
OPA377
SOT23-5
SO-8
(TOP VIEW)
(TOP VIEW)
OPA377
SC70-5
OPA2377
(TOP VIEW)
SO-8, MSOP-8
(TOP VIEW)
OPA4377
TSSOP-14
(TOP VIEW)
(1) NC denotes no internal connection.
(2) Connect thermal die to V
–.
4
Submit Documentation Feedback
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): OPA377 OPA2377 OPA4377


Similar Part No. - OPA377AIDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA377AIDBVT TI1-OPA377AIDBVT Datasheet
1Mb / 26P
[Old version datasheet]   5MHz, Low-Noise, Single, Dual, Quad CMOS Operational Amplifiers
More results

Similar Description - OPA377AIDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2377 TI1-OPA2377 Datasheet
1Mb / 26P
[Old version datasheet]   5MHz, Low-Noise, Single, Dual, Quad CMOS Operational Amplifiers
OPA4377 TI-OPA4377 Datasheet
1Mb / 27P
[Old version datasheet]   5MHz, Low-Noise,Single, Dual, Quad CMOS Operational Amplifiers
logo
ON Semiconductor
MC33078 ONSEMI-MC33078 Datasheet
277Kb / 12P
   DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Rev 0
MC33078 ONSEMI-MC33078_06 Datasheet
277Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
October, 2006 ??Rev. 7
MC33078 ONSEMI-MC33078_11 Datasheet
421Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
November, 2011 ??Rev. 9
logo
Intersil Corporation
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107_1009 INTERSIL-ISL28107_1009 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Texas Instruments
LMV771 TI-LMV771_15 Datasheet
1Mb / 34P
[Old version datasheet]   Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com