Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2541AM-BI Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA2541AM-BI
Description  Dual High Power OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2541AM-BI Datasheet(HTML) 4 Page - Texas Instruments

  OPA2541AM-BI Datasheet HTML 1Page - Texas Instruments OPA2541AM-BI Datasheet HTML 2Page - Texas Instruments OPA2541AM-BI Datasheet HTML 3Page - Texas Instruments OPA2541AM-BI Datasheet HTML 4Page - Texas Instruments OPA2541AM-BI Datasheet HTML 5Page - Texas Instruments OPA2541AM-BI Datasheet HTML 6Page - Texas Instruments OPA2541AM-BI Datasheet HTML 7Page - Texas Instruments OPA2541AM-BI Datasheet HTML 8Page - Texas Instruments OPA2541AM-BI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
®
OPA2541
4
12
10
8
6
4
2
0
–50
0
75
125
Case Temperature (°C)
OUTPUT CURRENT vs TEMPERATURE
–25
25
50
100
I
OUT
I
OUT+
120
110
100
90
80
70
60
50
10
100
100k
1M
Frequency (Hz)
COMMON-MODE REJECTION vs FREQUENCY
1k
10k
10
1.0
0.1
0.01
0.001
10
100
10k
100k
Frequency (Hz)
TOTAL HARMONIC DISTORTION vs FREQUENCY
1k
P
O = 5W
P
O = 50W
P
O = 100mW
1k
100
10
1
10
10k
100k
Frequency (Hz)
VOLTAGE NOISE DENSITY vs FREQUENCY
100
1k
6
5
4
3
2
1
0
03
7
10
I
OUT (A)
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
14
5
9
26
8
|–V
S| – |VO|
(+V
S) – VO
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
20
40
70
90
+V
S + |–VS| (V)
NORMALIZED QUIESCENT CURRENT
vs TOTAL POWER SUPPLY VOLTAGE
30
50
60
80
T
C = –25°C
T
C = +25°C
T
C = +125°C
TYPICAL PERFORMANCE CURVES (CONT)
TA = +25°C and VS = ±35VDC, unless otherwise noted.


Similar Part No. - OPA2541AM-BI

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2541AM BURR-BROWN-OPA2541AM Datasheet
140Kb / 8P
   Dual High Power OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2541AM-BI

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK155 ANAREN-MSK155 Datasheet
349Kb / 6P
   HIGH POWER DUAL OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
OMA2541SK ETC-OMA2541SK Datasheet
58Kb / 4P
   DUAL HIGH POWER OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2541 BURR-BROWN-OPA2541 Datasheet
140Kb / 8P
   Dual High Power OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK155 MSK-MSK155 Datasheet
281Kb / 5P
   HIGH POWER DUAL OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2541SMQ TI-OPA2541SMQ Datasheet
199Kb / 12P
[Old version datasheet]   Dual High Power OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
L272 FAIRCHILD-L272 Datasheet
78Kb / 10P
   Dual Power Operational Amplifier
logo
ON Semiconductor
NCS5652 ONSEMI-NCS5652 Datasheet
317Kb / 13P
   Dual Power Operational Amplifier
June, 2015 ??Rev. 1
logo
Sanyo Semicon Device
LA6510_0611 SANYO-LA6510_0611 Datasheet
201Kb / 6P
   Dual Power Operational Amplifier
logo
Samsung semiconductor
KA9256 SAMSUNG-KA9256 Datasheet
80Kb / 2P
   DUAL POWER OPERATIONAL AMPLIFIER
logo
STMicroelectronics
LM272M STMICROELECTRONICS-LM272M Datasheet
111Kb / 10P
   DUAL POWER OPERATIONAL AMPLIFIER
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com