Electronic Components Datasheet Search |
|
OPA2316SIRUGT Datasheet(PDF) 5 Page - Texas Instruments |
|
|
OPA2316SIRUGT Datasheet(HTML) 5 Page - Texas Instruments |
5 / 48 page 5 OPA316, OPA2316, OPA2316S, OPA4316 www.ti.com SBOS703E – APRIL 2014 – REVISED JUNE 2016 Product Folder Links: OPA316 OPA2316 OPA2316S OPA4316 Submit Documentation Feedback Copyright © 2014–2016, Texas Instruments Incorporated (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) Input pins are diode-clamped to the power-supply rails. Current limit input signals that can swing more than 0.5 V beyond the supply rails to 10 mA or less. (3) Short-circuit to ground, one amplifier per package. 6 Specifications 6.1 Absolute Maximum Ratings over operating free-air temperature (unless otherwise noted) (1) MIN MAX UNIT Supply voltage 7 V Signal input pins Voltage(2) Common-mode (V–) – 0.5 (V+) + 0.5 V Differential (V+) – (V–) + 0.2 V Current(2) –10 10 mA Output short-circuit(3) Continuous TA Operating temperature –55 150 °C TJ Junction temperature 150 °C Tstg Storage temperature –65 150 °C (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. 6.2 ESD Ratings over operating free-air temperature range (unless otherwise noted) VALUE UNIT V(ESD) Electrostatic discharge Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1) ±4000 V Charged device model (CDM), per JEDEC specification JESD22-C101(2) ±1500 6.3 Recommended Operating Conditions over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VS Supply voltage 1.8 5.5 V Specified temperature –40 125 °C (1) For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report, SPRA953. (2) The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as specified in JESD51-7, in an environment described in JESD51-2a. (3) The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC- standard test exists, but a close description can be found in the ANSI SEMI standard G30-88. (4) The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB temperature, as described in JESD51-8. (5) The junction-to-top characterization parameter, ψJT, estimates the junction temperature of a device in a real system and is extracted from the simulation data for obtaining RθJA, using a procedure described in JESD51-2a (sections 6 and 7). (6) The junction-to-board characterization parameter, ψJB, estimates the junction temperature of a device in a real system and is extracted from the simulation data for obtaining RθJA, using a procedure described in JESD51-2a (sections 6 and 7). 6.4 Thermal Information: OPA316 THERMAL METRIC(1) OPA316 UNIT SOT23 (DBV) SC70 (DCK) 5 PINS 5 PINS RθJA Junction-to-ambient thermal resistance(2) 221.7 263.3 °C/W RθJC(top) Junction-to-case(top) thermal resistance(3) 144.7 75.5 °C/W RθJB Junction-to-board thermal resistance(4) 49.7 51 °C/W ψJT Junction-to-top characterization parameter(5) 26.1 1 °C/W ψJB Junction-to-board characterization parameter(6) 49 50.3 °C/W |
Similar Part No. - OPA2316SIRUGT |
|
Similar Description - OPA2316SIRUGT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |