Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2301AIDGKR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2301AIDGKR
Description  OPERATIONAL AMPLIFIER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2301AIDGKR Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA2301AIDGKR Datasheet HTML 2Page - Texas Instruments OPA2301AIDGKR Datasheet HTML 3Page - Texas Instruments OPA2301AIDGKR Datasheet HTML 4Page - Texas Instruments OPA2301AIDGKR Datasheet HTML 5Page - Texas Instruments OPA2301AIDGKR Datasheet HTML 6Page - Texas Instruments OPA2301AIDGKR Datasheet HTML 7Page - Texas Instruments OPA2301AIDGKR Datasheet HTML 8Page - Texas Instruments OPA2301AIDGKR Datasheet HTML 9Page - Texas Instruments OPA2301AIDGKR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
OPA300, OPA2300
OPA301, OPA2301
SBOS271D − MAY 2003 − REVISED JUNE 2007
www.ti.com
6
TYPICAL CHARACTERISTICS (continued)
All specifications at TA = 25°C, VS = 5V, and RL = 150Ω connected to VS/2 unless otherwise noted.
FREQUENCY RESPONSE FOR VARIOUS R
L
Frequency (Hz)
10M
100M
500
9
3
−3
−9
−15
−21
R
LOAD =1kΩ
R
LOAD = 150Ω
R
LOAD =50Ω
Gain = 1
V
O =0.1VPP
COMMON−MODE REJECTION RATIO AND
POWER−SUPPLY REJECTION RATIO vs FREQUENCY
Frequency (Hz)
10k
100k
1M
10M
100M
1G
100
90
80
70
60
50
40
30
20
10
0
CMRR
PSRR V
PSRR V+
COMPOSITE VIDEO
DIFFERENTIAL GAIN AND PHASE
Number of 150
ΩLoads
12
3
4
1.0
0.8
0.6
0.4
0.2
0
dP
dG
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Frequency (Hz)
10M
100M
500
3
−3
−9
−15
−21
−27
C
LOAD = 100pF
R
S =20Ω
C
LOAD = 47pF
R
S =30Ω
C
LOAD = 1pF, RS =75Ω
C
LOAD =5pF
R
S =55Ω
C
LOAD = 10pF
R
S =40Ω
RS
C
L
OPEN−LOOP GAIN AND PHASE vs FREQUENCY
Frequency (Hz)
10k
1k
100
100k
1M
10M
100M
1G
110
100
90
80
70
60
50
40
30
20
10
0
−10
0
−30
−60
−90
−120
−150
−180
Phase
Gain
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
Output Current (mA)
0
1020
30
40
50
607080
5.0
4.0
3.0
2.0
1.0
0
V
S =5V
125
_C 85_C
25
_C
25
_C
−40_C
−55_C


Similar Part No. - OPA2301AIDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2301AIDGKR TI-OPA2301AIDGKR Datasheet
498Kb / 19P
[Old version datasheet]   Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
OPA2301AIDGKRG4 TI-OPA2301AIDGKRG4 Datasheet
498Kb / 19P
[Old version datasheet]   Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2301AIDGKR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com