Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA1013DN8 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1013DN8
Description  Precision, Single-Supply DUAL OPERATIONAL AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA1013DN8 Datasheet(HTML) 5 Page - Texas Instruments

  OPA1013DN8 Datasheet HTML 1Page - Texas Instruments OPA1013DN8 Datasheet HTML 2Page - Texas Instruments OPA1013DN8 Datasheet HTML 3Page - Texas Instruments OPA1013DN8 Datasheet HTML 4Page - Texas Instruments OPA1013DN8 Datasheet HTML 5Page - Texas Instruments OPA1013DN8 Datasheet HTML 6Page - Texas Instruments OPA1013DN8 Datasheet HTML 7Page - Texas Instruments OPA1013DN8 Datasheet HTML 8Page - Texas Instruments OPA1013DN8 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
®
OPA1013
TYPICAL PERFORMANCE CURVES (CONT)
TA = +25°C unless otherwise noted.
NOISE DENSITY vs FREQUENCY
1000
300
100
30
10
1
10
100
1k
Frequency (Hz)
V
= ±2V to ±18V
Current
Noise
Voltage
Noise
10Hz VOLTAGE NOISE DISTRIBUTION
Voltage Noise Density (nV/ Hz)
10
200
180
160
140
120
100
80
60
40
20
0
20
30
40
50
60
V = ±15V
340 units tested
from three runs.
S
SUPPLY CURRENT vs TEMPERATURE
Temperature (°C)
–50
460
420
380
340
300
260
–25
0
25
50
75
100
125
V = ±15V
V = 5V/0V
S
S
INPUT BIAS CURRENT
vs COMMON-MODE VOLTAGE
Input Bias Current (nA)
0
5
4
3
2
1
0
–1
–5
–10
–15
–20
–25
–30
15
10
5
0
–5
–10
–15
V = ±15V
S
V = 5V/0V
S
INPUT OFFSET CURRENT
vs TEMPERATURE
Temperature (°C)
–50
–1
–0.8
–0.6
–0.4
–0.2
0
–25
0
25
50
75
100
125
V = ±2.5V
V
S = ±15V
V
CM = 0V
V
S = 5V/0V
INPUT BIAS CURRENT
vs TEMPERATURE
–30
–25
–20
–15
–10
–5
0
–50
–25
0
25
50
75
100
125
Temperature (°C)
V
= 5V/0V
S
V
= ±15V
S
V
= ±2.5V
S
V
= 0V
CM


Similar Part No. - OPA1013DN8

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA1013DN8 BURR-BROWN-OPA1013DN8 Datasheet
165Kb / 9P
   Precision, Single-Supply DUAL OPERATIONAL AMPLIFIER
More results

Similar Description - OPA1013DN8

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA1013 BURR-BROWN-OPA1013 Datasheet
165Kb / 9P
   Precision, Single-Supply DUAL OPERATIONAL AMPLIFIER
logo
Analog Devices
OP777 AD-OP777 Datasheet
162Kb / 12P
   Precision Micropower Single Supply Operational Amplifier
REV. 0
logo
Unisonic Technologies
3404 UTC-3404 Datasheet
136Kb / 5P
   SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
M2904 UTC-M2904_10 Datasheet
234Kb / 6P
   SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM2119 NJRC-NJM2119 Datasheet
217Kb / 5P
   DUAL SINGLE-SUPPLY OPERATIONAL AMPLIFIER
NJM2904C NJRC-NJM2904C Datasheet
781Kb / 10P
   SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
Ver.12
NJM3404A NJRC-NJM3404A Datasheet
228Kb / 6P
   SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER?
NJM2904M-TE1 NJRC-NJM2904M-TE1 Datasheet
207Kb / 6P
   SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
logo
Analog Devices
SSM2135SZ AD-SSM2135SZ Datasheet
304Kb / 16P
   Dual Single-Supply Audio Operational Amplifier
Rev. G
SSM2135 AD-SSM2135_03 Datasheet
468Kb / 16P
   Dual Single-Supply Audio Operational Amplifier
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com