Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA1013DN8 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1013DN8
Description  Precision, Single-Supply DUAL OPERATIONAL AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA1013DN8 Datasheet(HTML) 3 Page - Texas Instruments

  OPA1013DN8 Datasheet HTML 1Page - Texas Instruments OPA1013DN8 Datasheet HTML 2Page - Texas Instruments OPA1013DN8 Datasheet HTML 3Page - Texas Instruments OPA1013DN8 Datasheet HTML 4Page - Texas Instruments OPA1013DN8 Datasheet HTML 5Page - Texas Instruments OPA1013DN8 Datasheet HTML 6Page - Texas Instruments OPA1013DN8 Datasheet HTML 7Page - Texas Instruments OPA1013DN8 Datasheet HTML 8Page - Texas Instruments OPA1013DN8 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
®
OPA1013
1
2
3
4
8
7
6
5
Out A
–In A
+In A
V–
V+
Out B
–In B
+In B
A
B
DICE INFORMATION
CONNECTION DIAGRAM
N8 — Plastic Package — Top View
PAD
FUNCTION
1
Output A
2
–In A
3
+In A
4V–
5
+In B
6
–In B
7
Output B
8V+
Substrate Bias: –VS
OPA1013 DIE TOPOGRAPHY
4
MECHANICAL INFORMATION
MILS (0.001")
MILLIMETERS
Die Size
112 x 100
±5
2.84 x 2.54
±0.13
Die Thickness
20
±3
0.51
±0.08
Min. Pad Size
4 x 4
0.10 x 0.10
Transistor Count
92
Backing
Gold
ABSOLUTE MAXIMUM RATINGS
Power Supply Voltage .......................................................................
±22V
Differential Input Voltage ...................................................................
±30V
Input Voltage ...................................................................... V+ to (V–) –5V
Output Short Circuit (TA = 25°C) ............................................. Continuous
Operating Temperature: ....................................................... 0
°C to +70°C
Storage Temperature .......................................................... –65 to +150
°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
PACKAGE INFORMATION
PACKAGE DRAWING
MODEL
PACKAGE
NUMBER(1)
OPA1013CN8
Plastic DIP
006
OPA1013DN8
Plastic DIP
006
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix D of Burr-Brown IC Data Book.
ORDERING INFORMATION
MODEL
PACKAGE
TEMPERATURE RANGE
OPA1013CN8
Plastic DIP
0
°C to +70°C
OPA1013DN8
Plastic DIP
0
°C to +70°C
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.


Similar Part No. - OPA1013DN8

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA1013DN8 BURR-BROWN-OPA1013DN8 Datasheet
165Kb / 9P
   Precision, Single-Supply DUAL OPERATIONAL AMPLIFIER
More results

Similar Description - OPA1013DN8

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA1013 BURR-BROWN-OPA1013 Datasheet
165Kb / 9P
   Precision, Single-Supply DUAL OPERATIONAL AMPLIFIER
logo
Analog Devices
OP777 AD-OP777 Datasheet
162Kb / 12P
   Precision Micropower Single Supply Operational Amplifier
REV. 0
logo
Unisonic Technologies
3404 UTC-3404 Datasheet
136Kb / 5P
   SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
M2904 UTC-M2904_10 Datasheet
234Kb / 6P
   SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM2119 NJRC-NJM2119 Datasheet
217Kb / 5P
   DUAL SINGLE-SUPPLY OPERATIONAL AMPLIFIER
NJM2904C NJRC-NJM2904C Datasheet
781Kb / 10P
   SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
Ver.12
NJM3404A NJRC-NJM3404A Datasheet
228Kb / 6P
   SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER?
NJM2904M-TE1 NJRC-NJM2904M-TE1 Datasheet
207Kb / 6P
   SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
logo
Analog Devices
SSM2135SZ AD-SSM2135SZ Datasheet
304Kb / 16P
   Dual Single-Supply Audio Operational Amplifier
Rev. G
SSM2135 AD-SSM2135_03 Datasheet
468Kb / 16P
   Dual Single-Supply Audio Operational Amplifier
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com