Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2374 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2374
Description  CMOS Operational Amplifier
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2374 Datasheet(HTML) 3 Page - Texas Instruments

  OPA2374 Datasheet HTML 1Page - Texas Instruments OPA2374 Datasheet HTML 2Page - Texas Instruments OPA2374 Datasheet HTML 3Page - Texas Instruments OPA2374 Datasheet HTML 4Page - Texas Instruments OPA2374 Datasheet HTML 5Page - Texas Instruments OPA2374 Datasheet HTML 6Page - Texas Instruments OPA2374 Datasheet HTML 7Page - Texas Instruments OPA2374 Datasheet HTML 8Page - Texas Instruments OPA2374 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
OPA373, OPA2373
OPA374
OPA2374, OPA4374
SBOS279E − SEPTEMBER 2003 − REVISED MAY 2008
www.ti.com
3
ELECTRICAL CHARACTERISTICS: VS = +2.7V to +5.5V
Boldface limits apply over the specified temperature range, TA = −40°C to +125°C.
At TA = +25°C, RL = 10kΩ connected to VS/2, and VOUT = VS/2, unless otherwise noted.
OPA373, OPA2373, OPA374,
OPA2374, OPA4374
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
Input Offset Voltage
VOS
VS = 5V
1
5
mV
over Temperature
6.5
mV
Drift
dVOS/dT
3
µV/°C
vs Power Supply
PSRR
VS = 2.7V to 5.5V, VCM < (V+) − 2V
25
100
µV/V
over Temperature
VS = 2.7V to 5.5V, VCM < (V+) − 2V
150
µV/V
Channel Separation, DC
0.4
µV/V
f = 1kHz
128
dB
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
(V−) − 0.2
(V+) + 0.2
V
Common-Mode Rejection Ratio
CMRR
(V−) − 0.2V < VCM < (V+) − 2V
80
90
dB
over Temperature
(V−) − 0.2V < VCM < (V+) − 2V
70
dB
VS = 5.5V, (V−) − 0.2V < VCM < (V+) + 0.2V
66
dB
over Temperature
VS = 5.5V, (V−) − 0.2V < VCM < (V+) + 0.2V
60
dB
INPUT BIAS CURRENT
Input Bias Current
IB
±0.5
±10
pA
Input Offset Current
IOS
±0.5
±10
pA
INPUT IMPEDANCE
Differential
1013
 3
Ω pF
Common-Mode
1013
 6
Ω pF
NOISE
VCM < (V+) − 2V
Input Voltage Noise, f = 0.1Hz to 10Hz
10
µVPP
Input Voltage Noise Density, f = 10kHz
en
15
nV/
Hz
Input Current Noise Density, f = 10kHz
in
4
fA/
Hz
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL
VS = 5V, RL = 100kΩ, 0.025V < VO < 4.975V
94
110
dB
over Temperature
VS = 5V, RL = 100kΩ, 0.025V < VO < 4.975V
80
dB
VS = 5V, RL = 5kΩ, 0.125V < VO < 4.875V
94
106
dB
over Temperature
VS = 5V, RL = 5kΩ, 0.125V < VO < 4.875V
80
dB
OUTPUT
Voltage Output Swing from Rail
RL = 100kΩ
18
25
mV
over Temperature
RL = 100kΩ
25
mV
RL = 5kΩ
100
125
mV
over Temperature
RL = 5kΩ
125
mV
Short-Circuit Current
ISC
See Typical Characteristics
Capacitive Load Drive
CLOAD
See Typical Characteristics
Open-Loop Output Impedance
f = 1MHz, IO = 0
220
FREQUENCY RESPONSE
CL = 100pF
Gain-Bandwidth Product
GBW
6.5
MHz
Slew Rate
SR
G = +1
5
V/
µs
Settling Time, 0.1%
tS
VS = 5V, 2V Step, G = +1
1
µs
0.01%
VS = 5V, 2V Step, G = +1
1.5
µs
Overload Recovery Time
VIN • Gain > VS
0.3
µs
Total Harmonic Distortion + Noise
THD+N
VS = 5V, VO = 3VPP, G = +1, f = 1kHz
0.0013
%
ENABLE/SHUTDOWN
tOFF
3
µs
tON
12
µs
VL (shutdown)
V−
(V−) + 0.8
V
VH (amplifier is active)
(V−) + 2
V+
V
Input Bias Current of Enable Pin
0.2
µA
IQSD (per amplifier)
< 0.5
1
µA


Similar Part No. - OPA2374

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2374 BURR-BROWN-OPA2374 Datasheet
549Kb / 21P
   6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
OPA2374AID BURR-BROWN-OPA2374AID Datasheet
549Kb / 21P
   6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
OPA2374AIDCNR BURR-BROWN-OPA2374AIDCNR Datasheet
549Kb / 21P
   6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
OPA2374AIDCNT BURR-BROWN-OPA2374AIDCNT Datasheet
549Kb / 21P
   6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
logo
Texas Instruments
OPA2374AIDG4 TI1-OPA2374AIDG4 Datasheet
1Mb / 37P
[Old version datasheet]   6.5MHz, 585muA, Rail-to-Rail I/O CMOS Operational Amplifier
More results

Similar Description - OPA2374

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8926 SGMICRO-SGM8926 Datasheet
317Kb / 10P
   CMOS Operational Amplifier
SGM8067 SGMICRO-SGM8067_15 Datasheet
298Kb / 7P
   CMOS Operational Amplifier
logo
Texas Instruments
LMH6601 TI1-LMH6601_16 Datasheet
2Mb / 40P
[Old version datasheet]   CMOS Operational Amplifier
logo
ELM Electronics
ELM852-SERIES ELM-ELM852-SERIES Datasheet
934Kb / 9P
   CMOS operational amplifier
logo
ELM Technology Corporat...
ELM842B ELM-TECH-ELM842B Datasheet
67Kb / 4P
   CMOS Operational amplifier
logo
Texas Instruments
LMC6034 TI1-LMC6034 Datasheet
1Mb / 22P
[Old version datasheet]   CMOS Quad Operational Amplifier
logo
ELM Electronics
ELM854-SERIES ELM-ELM854-SERIES Datasheet
1Mb / 9P
   CMOS Dual operational amplifier
ELM854 ELM-ELM854 Datasheet
1Mb / 9P
   CMOS Dual operational amplifier
logo
Texas Instruments
LMC6032 TI1-LMC6032 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS Dual Operational Amplifier
LPV542 TI1-LPV542 Datasheet
1Mb / 29P
[Old version datasheet]   RRIO CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com