Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ29312RGE Datasheet(PDF) 10 Page - Texas Instruments

Part # BQ29312RGE
Description  THREE AND FOUR CELL LITHIUM-LON ORLITHIUM-POLYMER BATTERY PROTECTION AFE
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ29312RGE Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ29312RGE Datasheet HTML 6Page - Texas Instruments BQ29312RGE Datasheet HTML 7Page - Texas Instruments BQ29312RGE Datasheet HTML 8Page - Texas Instruments BQ29312RGE Datasheet HTML 9Page - Texas Instruments BQ29312RGE Datasheet HTML 10Page - Texas Instruments BQ29312RGE Datasheet HTML 11Page - Texas Instruments BQ29312RGE Datasheet HTML 12Page - Texas Instruments BQ29312RGE Datasheet HTML 13Page - Texas Instruments BQ29312RGE Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
bq29312
SLUS546D − MARCH 2003 − REVISED SEPTEMBER 2004
www.ti.com
10
FUNCTIONAL DESCRIPTION
Low-Dropout Regulator (REG)
The inputs for this regulator can be derived from the battery cell stack (BAT) or the pack positive terminal (PACK). The output
is typically 3.3 V with the minimum output capacitance for stable operation is 4.7
µF and is also internally current limited.
During normal operation, the regulator limits output current to typically 50 mA.
Initialization
The bq29312 internal control circuit is powered by the REG voltage, which it also monitors. When the voltage at REG falls
below 2.3 V, the internal circuit turns off the FETs and disables all controllable functions, including the REG and TOUT
outputs. REG does not start up unless a voltage above V(STARTUP) is supplied to the PACK terminal. After the regulator
has started, based on PACK voltage, it keeps operating through the BAT input, even if the PACK voltage is removed. If
the BAT input is below the minimum operating range, then the bq29312 does not operate if the supply to the PACK input
is removed. After start up, when the REG voltage is above 2.4 V, the bq29312 is in Normal mode.
The initial state of the CHG output depends on the PMS input. If PMS = PACK then CHG = ON however, if PMS= GND
then CHG = OFF.
Overload Detection
The overload detection is used to detect abnormal currents in the discharge direction. This feature is used to protect the
pass FETs, cells and any other inline components from excessive current conditions. The detection circuit also incorporates
a blanking delay before driving the control for the pass FETs to the OFF state. The overload sense voltage is set in the OLV
register, and delay time is set in the OLT register. The overload threshold can be programmed from 50 mV to 205 mV in
5-mV steps with the default being 50 mV and hysteresis of 10 mV.
Short-Circuit Detection
The short current circuit detection is used to detect abnormal current in either the charge or discharge direction. This safety
feature is used to protect the pass FETs, cells, and any other inline components from excessive current conditions. The
detection circuit also incorporates a blanking delay before driving the control for the pass FETs to the OFF state. The short-
circuit thresholds and delay time are set in the SCC and SCD registers respectively where SCC is for charging and SCD
is for discharge. The short-circuit threshold can be programmed from 100 mV to 475 mV in 25-mV steps with the default
being 100 mV and hysteresis of 50 mV.
Overload and Short-Circuit Delay
The overload delay (default =1 ms) allows the system to momentarily accept a high current condition without disconnecting
the supply to the load. The delay time can be increased via the OLT register, which can be programmed for a range of 1
ms to 31 ms with steps of 2 ms.
The short-circuit delay (default = 0
µs) is programmable in the SCC and SCD registers. This register can be programmed
from 0
µs to 915 µs with steps of 61 µs.
Overload and Short-Circuit Response
When an overload or short-circuit fault is detected, the FETs are turned off. The STATUS (b0
…b2) register reports the
details of short-circuit (charge), short-circuit (discharge), and overload. The respective STATUS (b0
…b2) bits are set to
1 and the XALERT output is triggered. This condition is latched until the CONTROL (b0) is set and then reset. If a FET is
turned on via resetting CONTROL (b0) and the error condition is still present on the system, then the device reenters the
protection response state.
Cell Voltage
The cell voltage is translated to allow a system host to measure individual series elements of the battery. The series element
voltage is translated to a GND-based voltage equal to 0.15
±0.002 of the series element voltage. This provides a range
from 0 V to 4.5 V. The translation output is inversely proportional to the input using the following equation.
Where, V(CELL OUT) = −K × V(CELL IN) + 0.975 (V)
Programming CELL_SEL (b1, b0) selects the individual series element. The CELL_SEL (b3, b2) selects the voltage
monitor mode, cell monitor, offset etc.


Similar Part No. - BQ29312RGE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29312RGE TI1-BQ29312RGE Datasheet
807Kb / 39P
[Old version datasheet]   FOUR CELL LITHIUM-ION
More results

Similar Description - BQ29312RGE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29312A TI-BQ29312A Datasheet
1Mb / 35P
[Old version datasheet]   TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
BQ29311 TI-BQ29311 Datasheet
242Kb / 19P
[Old version datasheet]   THREE AND FOUR CELL LITHIUM ION OR LITHIUM POLYMER BATTERY PROTECTION IC
UCC3952-1 TI-UCC3952-1 Datasheet
101Kb / 8P
[Old version datasheet]   SINGLE-CELL LITHIUM-LON BATTERY PROTECTION IC
logo
Silicon Standard Corp.
SS6804 SSC-SS6804 Datasheet
616Kb / 12P
   Three/Four-cell Lithium-Ion Battery Protection IC
logo
Texas Instruments
BQ29330 TI-BQ29330 Datasheet
1Mb / 26P
[Old version datasheet]   2-,3-,AND 4-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
UCC3952A-1 TI1-UCC3952A-1 Datasheet
144Kb / 9P
[Old version datasheet]   SINGLE-CELL LITHIUM-LON BATTERY PROTECTION IC
logo
List of Unclassifed Man...
SS6821 ETC1-SS6821 Datasheet
151Kb / 10P
   Single-cell Lithium-lon Battery Protection IC
logo
Analog Intergrations Co...
AIC1804 AIC-AIC1804 Datasheet
170Kb / 12P
   Three- Or Four-Cell Lithium-Ion Battery Protection IC
logo
Neotec Semiconductor Lt...
NT1727A NEOTEC-NT1727A Datasheet
323Kb / 4P
   2-Cell Lithium-lon/Polymer Protector
V1.01
NT1728A NEOTEC-NT1728A Datasheet
340Kb / 4P
   3-Cell Lithium-lon/Polymer Protector
V1.00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com