Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA129PB Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA129PB
Description  OPERATIONAL AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA129PB Datasheet(HTML) 1 Page - Texas Instruments

  OPA129PB Datasheet HTML 1Page - Texas Instruments OPA129PB Datasheet HTML 2Page - Texas Instruments OPA129PB Datasheet HTML 3Page - Texas Instruments OPA129PB Datasheet HTML 4Page - Texas Instruments OPA129PB Datasheet HTML 5Page - Texas Instruments OPA129PB Datasheet HTML 6Page - Texas Instruments OPA129PB Datasheet HTML 7Page - Texas Instruments OPA129PB Datasheet HTML 8Page - Texas Instruments OPA129PB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Ultra-Low Bias Current
Difet®
OPERATIONAL AMPLIFIER
FEATURES
q ULTRA-LOW BIAS CURRENT: 100fA max
q LOW OFFSET: 2mV max
q LOW DRIFT: 10
µV/°C max
q HIGH OPEN-LOOP GAIN: 94dB min
q LOW NOISE: 15nV/
Hz at 10kHz
q PLASTIC DIP AND SO PACKAGES
APPLICATIONS
q PHOTODETECTOR PREAMPS
q CHROMATOGRAPHY
q ELECTROMETER AMPLIFIERS
q MASS SPECTROMETERS
q pH PROBE AMPLIFIERS
q ION GAGE MEASUREMENT
DESCRIPTION
The OPA129 is an ultra-low bias current monolithic
operational amplifier offered in an 8-pin PDIP and
SO-8
package.
Using
advanced
geometry
dielectrically-isolated FET (
Difet®) inputs, this monolithic
amplifier achieves a high performance level.
Difet fabrication eliminates isolation-junction leakage
current—the main contributor to input bias current with
conventional monolithic FETs. This reduces
input bias current by a factor of 10 to 100. Very low
input bias current can be achieved without resorting to
small-geometry FETs or CMOS designs which can
suffer from much larger offset voltage, voltage noise,
drift, and poor power-supply rejection.
The OPA129 special pinout eliminates leakage current
that occurs with other op amps. Pins 1 and 4 have no
internal connection, allowing circuit board guard traces—
even with the surface-mount package version.
OPA129 is available in 8-pin DIP and SO packages,
specified for operation from –40
°C to +85°C.
+In
Output
6
Noise-Free
Cascode
7
5
V–
V+
30k
30k
–In
3
2
Simplified Circuit
8
Substrate
OPA
129
OPA129
OPA129
SBOS026A – JANUARY 1994 – REVISED APRIL 2007
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1994–2007, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Difet is a registered trademark of Texas Instruments.
All other trademarks are the property of their respective owners.


Similar Part No. - OPA129PB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA129PB BURR-BROWN-OPA129PB Datasheet
640Kb / 7P
   Ultra-Low Bias Current Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA129PB TI-OPA129PB Datasheet
652Kb / 14P
[Old version datasheet]   Ultra-Low Bias Current Difet짰 OPERATIONAL AMPLIFIER
OPA129PB TI-OPA129PB Datasheet
643Kb / 14P
[Old version datasheet]   Ultra-Low Bias Current Difet PERATIONAL AMPLIFIER
More results

Similar Description - OPA129PB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com