Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPPM0115DR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPPM0115DR
Description  SWITCH MODE SYNCHRONOUS BUCK CONTROLLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPPM0115DR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPPM0115DR Datasheet HTML 5Page - Texas Instruments TPPM0115DR Datasheet HTML 6Page - Texas Instruments TPPM0115DR Datasheet HTML 7Page - Texas Instruments TPPM0115DR Datasheet HTML 8Page - Texas Instruments TPPM0115DR Datasheet HTML 9Page - Texas Instruments TPPM0115DR Datasheet HTML 10Page - Texas Instruments TPPM0115DR Datasheet HTML 11Page - Texas Instruments TPPM0115DR Datasheet HTML 12Page - Texas Instruments TPPM0115DR Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TPPM0115
SWITCH MODE SYNCHRONOUS BUCK CONTROLLER
SLVS371A− MARCH 2001 − REVISED JUNE 2001
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
1-V Ref
VCC
20 k
VDD
1
µF
12 V
Supply
PWRGD
TPPM0115
DRVH
PHASE
DRVL
GND
SEN
4
µH
Optional
0.1
µF
4.7
µF
1 V to 2.5 V
0.1
µF
4.7
µF
5 V
1.7
µH
NOTES: A. The heavy lines must be kept short and connected to the ground plane construction for efficient results.
B. The feedback (sense) trace should be kept from the inductor flux.
C. The 1500-
µF capacitor should have a low ESR to minimize output voltage ripple.
D. External FETs are MTD3302 or PHD55N03LT.
E. Set the resistor values on the SEN terminal using the following formulas:
F. Maximum efficiency is dependent on proper selection of external components.
G. Line and load regulation is dependent on proper selection of external components.
Optional: When resistor feedback network is not used, VOUT must be connected directly to SEN input to provide output regulation at
VOUT = Vref.
4.7
µF
2200
µF
2200
µF
680 pF
R1
R2
1500
µF
Low ESR
1500
µF
Low ESR
VOUT
V
OUT +
V
ref
(R1
) R2)
R2
,
where V
ref +
1V
2.2
4.7 nF
Figure 8. Typical Application Schematic


Similar Part No. - TPPM0115DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPPM0115 TI-TPPM0115 Datasheet
236Kb / 13P
[Old version datasheet]   SWITCH MODE SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - TPPM0115DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPPM0115 TI-TPPM0115 Datasheet
236Kb / 13P
[Old version datasheet]   SWITCH MODE SYNCHRONOUS BUCK CONTROLLER
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
   300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Linear Technology
LT3791EFE-1 LINER-LT3791EFE-1 Datasheet
332Kb / 26P
   60V 4-Switch Synchronous Buck-Boost Controller
LT3790 LINER-LT3790_15 Datasheet
451Kb / 28P
   60V Synchronous 4-Switch Buck-Boost Controller
LT3790 LINER-LT3790 Datasheet
603Kb / 10P
   60V Four-Switch Synchronous Buck-Boost Controller
LT3791-1 LINER-LT3791-1_15 Datasheet
332Kb / 26P
   60V 4-Switch Synchronous Buck-Boost Controller
logo
Renesas Technology Corp
ISL81401 RENESAS-ISL81401 Datasheet
3Mb / 47P
   40V 4-Switch Synchronous Buck-Boost Controller
Jan 27, 2022
logo
Analog Devices
ADP1878 AD-ADP1878 Datasheet
2Mb / 40P
   Synchronous Buck Controller
REV. A
logo
Semtech Corporation
SC412A SEMTECH-SC412A_1 Datasheet
588Kb / 22P
   Synchronous Buck Controller
logo
Sipex Corporation
SP6138 SIPEX-SP6138 Datasheet
961Kb / 17P
   Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com