Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPL5010 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPL5010
Description  TPL5010 Nano-power System Timer with Watchdog Function
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPL5010 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPL5010_16 Datasheet HTML 4Page - Texas Instruments TPL5010_16 Datasheet HTML 5Page - Texas Instruments TPL5010_16 Datasheet HTML 6Page - Texas Instruments TPL5010_16 Datasheet HTML 7Page - Texas Instruments TPL5010_16 Datasheet HTML 8Page - Texas Instruments TPL5010_16 Datasheet HTML 9Page - Texas Instruments TPL5010_16 Datasheet HTML 10Page - Texas Instruments TPL5010_16 Datasheet HTML 11Page - Texas Instruments TPL5010_16 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
WAKE
DONE
RSTn
DELAY/
M_RST
ttIPt
ttIPt
ttRSTn+ tIPt
MISSED
DONE
LOW FREQUENCY
OSCILLATOR
FREQUENCY
DIVIDER
RSTn
WAKE
VDD
GND
DELAY/
M_RST
DECODER
&
MANUAL RESET
DETECTOR
LOGIC
CONTROL
DONE
8
TPL5010
SNAS651 – JANUARY 2015
www.ti.com
Product Folder Links: TPL5010
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TPL5010 is a system wakeup timer with a watchdog feature, ideal for low power applications. TPL5010 is
ideal for use in interrupt-driven applications and provides selectable timing from 100ms to 7200s.
8.2 Functional Block Diagram
8.3 Feature Description
The DONE, WAKE and RSTn signals are used to implement the watchdog function. The TPL5010 is
programmed to issue a periodic WAKE pulse to a µC which is in sleep or standby mode. After receiving the
WAKE pulse, the µC must issue a DONE signal to the TPL5010 at least 20ms before the rising edge of the next
WAKE pulse. If the DONE signal is not asserted, the TPL5010 asserts the RSTn signal to reset the µC. A
manual reset function is realized by momentarily pulling the DELAY/M_RST pin to VDD.
Figure 8. Watchdog
8.3.1 WAKE
The WAKE pulse is sent out from the TPL5010 when the programmed time interval starts (except at the
beginning of the first cycle or if in the previous interval the DONE has not been received).
This signal is normally low.
8.3.2 DONE
The DONE pin is driven by a µC to signal successful processing of the WAKE signal. The TPL5010 recognizes a
valid DONE signal as a low to high transition; if two or more DONE signals are received within the time interval,
only the first DONE signal is processed.
The DONE signal resets the counter of the watchdog only. If the DONE signal is received when the WAKE is still
high, the WAKE will go low as soon as the DONE is recognized.


Similar Part No. - TPL5010_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL5010-Q1 TI1-TPL5010-Q1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
TPL5010QDDCRQ1 TI1-TPL5010QDDCRQ1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
TPL5010QDDCTQ1 TI1-TPL5010QDDCTQ1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
More results

Similar Description - TPL5010_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL5010-Q1 TI1-TPL5010-Q1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
TPL5000DGSR TI1-TPL5000DGSR Datasheet
719Kb / 15P
[Old version datasheet]   TPL5000 Nano Power Programmable Timer with Watchdog Functionality
TPL5000 TI-TPL5000 Datasheet
740Kb / 15P
[Old version datasheet]   TPL5000 Nano Power Programmable Timer with Watchdog Functionality
logo
New Japan Radio
NJU7291 NJRC-NJU7291 Datasheet
276Kb / 10P
   SYSTEM RESET IC WITH WATCHDOG TIMER
logo
Mitsubishi Electric Sem...
M62050P MITSUBISHI-M62050P Datasheet
50Kb / 4P
   3V supply SYSTEM RESET with watchdog timer
logo
Texas Instruments
TPL5111 TI1-TPL5111 Datasheet
1Mb / 25P
[Old version datasheet]   Nano-Power System Timer for Power Gating
logo
NXP Semiconductors
NE56605-42 PHILIPS-NE56605-42 Datasheet
176Kb / 16P
   System reset with built-in watchdog timer
2001 Aug 22
logo
Mitsumi Electronics, Co...
MM1142 MITSUMI-MM1142 Datasheet
135Kb / 5P
   System Reset (with built-in watchdog timer)
logo
NXP Semiconductors
NE56604-42 PHILIPS-NE56604-42 Datasheet
174Kb / 17P
   System reset with built-in Watchdog timer
2003 Oct 15
logo
Mitsumi Electronics, Co...
MM1095BF MITSUMI-MM1095BF Datasheet
171Kb / 7P
   System Reset (with built-in watchdog timer)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com