Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF07M Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # UF07M
Description  SUFACE MOUNT HIGH EFFICIENCY RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

UF07M Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  UF07M Datasheet HTML 1Page - SUNMATE electronic Co., LTD UF07M Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
: SOD-123FL molded
SUFACE MOUNT HIGH EFFICIENCY RECTIFIER DIODES
UF07M
UF07K
UF07J
UF07G
UF07D
UF07B
UF07A
UF07A - UF07M
0.7
50
75
100.0
5.0
1.7
1.4
1.0
plastic body over passivated junction
VOLTAGE RANGE: 50 - 1000V
Method 2026
: Color band denotes cathode end
: Any
:0.0007 ounce, 0.02 grams
Glass passivated device
Ideal for surface mouted applications
Metallurgically bonded construction
High temperature soldering guaranteed:
250 C/10 seconds,0.375
”(9.5mm) lead length,
5 lbs. (2.3kg) tension
Low reverse leakage
Case
Terminals
Polarity
Mounting Position
Weight
: Plated axial leads,
solderable per MIL-STD-750,
Features
Mechanical Data
!
!
!
!
!
!
!
!
!
!
!
!
A
µ
C
ns
700
1000
VRRM
VRMS
V
DC
I(AV)
I
FSM
VF
25.0
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TA=65 C (NOTE 1)
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 1.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=125 C
IR
TL=25 C
Maximum reverse recovery time (NOTE 2)
Operating junction and storage temperature range TJ,TSTG
-50 to +150
trr
70
100
280
400
140
200
420
600
560
800
35
50
50
100
200
400
600
800
1000
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Note:
180
K/W
3.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
1.Averaged over any 20ms period.
2.Measured with IF=0.5A, IR=1A, Irr=0.25A.
4.Thermal resistance junction to ambient, 6.0 mm2 coppeer pads to each terminal.
Typical thermal resistance (NOTE 4)
R
θJA
CURRENT: 0.7 A
Characteristic
Symbol
Unit
V
V
V
A
A
V
1 of 2
www.sunmate.tw
3.58 3.72
0.55
0.57
0.53
0.15
0.17
0.13
E
D
1.00
1.03
0.097
1.05
1.08
1.02
1
1.80
1.83
1.77
2.75
2.78
2.72
A
3.65
3
SOD-123FL
Dim
Min
Max
Typ
B
C
H
L
All Dimensions in mm
A
E
L
B
C
E
H
D


Similar Part No. - UF07M

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
UF07M BILIN-UF07M Datasheet
260Kb / 2P
   HIGH EFFICIENCY RECTIFIERS REVERSE VOLTAGE: 50 - 1000 V CURRENT: 0.7 A
logo
Shenzhen Taychipst Elec...
UF07M TAYCHIPST-UF07M Datasheet
3Mb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Shenzhen Luguang Electr...
UF07M LUGUANG-UF07M Datasheet
218Kb / 2P
   High Efficiency Rectifiers
logo
Microdiode Electronics ...
UF07M CHENDA-UF07M Datasheet
87Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Nanjing International G...
UF07M DGNJDZ-UF07M Datasheet
2Mb / 3P
   1 Amp Ultra Fast Recovery
More results

Similar Description - UF07M

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SOD1F1 SUNMATE-SOD1F1 Datasheet
356Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER DIODES
SM101 SUNMATE-SM101 Datasheet
325Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER DIODES
RS1001FL SUNMATE-RS1001FL Datasheet
313Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER DIODES
DFR05A SUNMATE-DFR05A Datasheet
328Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER DIODES
FSM11PL SUNMATE-FSM11PL Datasheet
310Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER DIODES
DFR1A SUNMATE-DFR1A Datasheet
433Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER DIODES
FR1AFL SUNMATE-FR1AFL Datasheet
303Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER DIODES
RS1AFL SUNMATE-RS1AFL Datasheet
306Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER DIODES
FFM101 SUNMATE-FFM101 Datasheet
368Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER DIODES
DFR0.5A SUNMATE-DFR0.5A Datasheet
365Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com