Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC3302 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPIC3302
Description  3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC3302 Datasheet(HTML) 4 Page - Texas Instruments

  TPIC3302 Datasheet HTML 1Page - Texas Instruments TPIC3302 Datasheet HTML 2Page - Texas Instruments TPIC3302 Datasheet HTML 3Page - Texas Instruments TPIC3302 Datasheet HTML 4Page - Texas Instruments TPIC3302 Datasheet HTML 5Page - Texas Instruments TPIC3302 Datasheet HTML 6Page - Texas Instruments TPIC3302 Datasheet HTML 7Page - Texas Instruments TPIC3302 Datasheet HTML 8Page - Texas Instruments TPIC3302 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TPIC3302
3CHANNEL COMMONDRAIN POWER DMOS ARRAY
SLIS021B − APRIL 1994 − REVISED JULY 1995
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS
77251−1443
2−4
PARAMETER MEASUREMENT INFORMATION
Pulse Generator
50
Rgen
50
VGS
VDD = 25 V
DUT
VDS
TEST CIRCUIT
VDD
VDS(on)
tf
td(on)
tr
td(off)
VOLTAGE WAVEFORMS
VGS
VDS
RL
CL = 30 pF
(see Note A)
tdis
ten
10 V
0 V
NOTE A: CL includes probe and jig capacitance.
Figure 2. Resistive-Switching Test Circuit and Voltage Waveforms
Qg
10 V
VOLTAGE WAVEFORM
Qgd
Time
Gate Voltage
VGS
12-V
Battery
0.2
µF
50 k
0.3
µF
Current
Regulator
DUT
Same Type
as DUT
0
IG = 1 µA
IG Current-
Sampling Resistor
ID Current-
Sampling Resistor
VDD
Qgs = Qg − Qgd
TEST CIRCUIT
Qgs(th)
VDS
Figure 3. Gate-Charge Test Circuit and Voltage Waveform


Similar Part No. - TPIC3302

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC3302 TI-TPIC3302 Datasheet
170Kb / 11P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
More results

Similar Description - TPIC3302

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC3302 TI-TPIC3302 Datasheet
170Kb / 11P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
TPIC3322L TI1-TPIC3322L Datasheet
217Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN LOGIC-LEVEL POWER DMOS ARRAY
TPIC2301 TI1-TPIC2301 Datasheet
160Kb / 9P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2322L TI-TPIC2322L Datasheet
264Kb / 13P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE LOGIC-LEVEL POWER DMOS ARRAY
TPIC2701 TI1-TPIC2701_12 Datasheet
342Kb / 18P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2401 TI1-TPIC2401 Datasheet
214Kb / 10P
[Old version datasheet]   4-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2601 TI-TPIC2601 Datasheet
186Kb / 10P
[Old version datasheet]   6-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2701 TI-TPIC2701 Datasheet
245Kb / 15P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2202 TI1-TPIC2202 Datasheet
178Kb / 11P
[Old version datasheet]   2-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC5302 TI-TPIC5302 Datasheet
171Kb / 11P
[Old version datasheet]   3-CHANNEL INDEPENDENT POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com