Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS2BAF Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # RS2BAF
Description  SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

RS2BAF Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  RS2BAF Datasheet HTML 1Page - SUNMATE electronic Co., LTD RS2BAF Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RS2MAF
RS2KAF
RS2JAF
RS2GAF
RS2DAF
RS2BAF
RS2AAF - RS2MAF
RS2AAF
VOLTAGE RANGE: 50 - 1000V
700
1000
CURRENT: 2.0 A
SURFACE MOUNT FAST RECOVERY RECTIFIER DIODES
!
Glass Passivated Die Construction
!
!
Low Forward Voltage Drop, High Efficiency
!
!
!
Plastic Case Material has UL Flammability
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
RMS Reverse Voltage
VR(RMS)
Average Rectified Output Current
@TL = 90°C
IO
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
Forward Voltage
@IF = 2.0A
VFM
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IRM
5.0
300
Reverse Recovery Time (Note 1)
trr
Typical Junction Capacitance (Note 2)
Cj
Typical Thermal Resistance (Note 3)
RJL
Operating and Storage Temperature Range
Tj, TSTG
Note: 1. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
3. Mounted on P.C. Board with 8.0mm2 land area.
Low Power Loss
Ideally Suited for Automatic Assembly
Fast Recovery Time
Classification Rating 94V-O
Characteristic
Symbol
50
100
200
400
600
800
35
70
140
280
420
560
150
250
500
1.30
50
20
-50 to +150
2.0
Features
µA
Unit
V
V
nS
V
pF
°C/W
°C
A
50
A
Maximum Ratings and Electrical Characteristics T
A = 25
°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Case: SMAF,Molded Plastic
!
!
!
!
!
Mechanical Data
!
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
!
!
Polarity:Color band denotes cathode end
Mounting Position:Any
Weight:0.0018 ounce, 0.064 grams
1 of 2
www.sunmate.tw
0.65
0.67
0.63
1.40
1.42
1.38
1.00
1.03
0.097
2.60
2.63
2.57
3.70
3.72
3.68
4.75
4.85 4.80
SMAF
A
E
L
B
C
E
H
D
0.15
0.17
0.13
E
D
A
Dim
Min
Max
Typ
B
C
H
L
All Dimensions in mm


Similar Part No. - RS2BAF

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RS2BA SSE-RS2BA Datasheet
17Kb / 1P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
HY ELECTRONIC CORP.
RS2BA HY-RS2BA Datasheet
847Kb / 3P
   Surface Mount Fast Recovery Glass Passivated Recitifiers
logo
Diodes Incorporated
RS2BA DIODES-RS2BA Datasheet
46Kb / 2P
   1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15004 Rev. E-2
logo
Dongguan City Niuhang E...
RS2BA NIUHANG-RS2BA Datasheet
417Kb / 3P
   FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
RS2BA TSC-RS2BA Datasheet
133Kb / 2P
   1.5 AMPS. Surface Mount Fast Recovery Rectifiers
More results

Similar Description - RS2BAF

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
RS5A SUNMATE-RS5A Datasheet
523Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FFM301 SUNMATE-FFM301 Datasheet
314Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FR2AF SUNMATE-FR2AF Datasheet
306Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FR3A SUNMATE-FR3A Datasheet
313Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FR3ABF SUNMATE-FR3ABF Datasheet
343Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FR5AF SUNMATE-FR5AF Datasheet
456Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
RS3AB SUNMATE-RS3AB Datasheet
306Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FR1AF SUNMATE-FR1AF Datasheet
332Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
RS3AAF SUNMATE-RS3AAF Datasheet
308Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
SMF101B SUNMATE-SMF101B Datasheet
345Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FR10A SUNMATE-FR10A Datasheet
421Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com