Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC0108BDWPR Datasheet(PDF) 2 Page - Texas Instruments

Part # TPIC0108BDWPR
Description  PWM CONTROL INTELLIGENT H-BRIDGE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC0108BDWPR Datasheet(HTML) 2 Page - Texas Instruments

  TPIC0108BDWPR Datasheet HTML 1Page - Texas Instruments TPIC0108BDWPR Datasheet HTML 2Page - Texas Instruments TPIC0108BDWPR Datasheet HTML 3Page - Texas Instruments TPIC0108BDWPR Datasheet HTML 4Page - Texas Instruments TPIC0108BDWPR Datasheet HTML 5Page - Texas Instruments TPIC0108BDWPR Datasheet HTML 6Page - Texas Instruments TPIC0108BDWPR Datasheet HTML 7Page - Texas Instruments TPIC0108BDWPR Datasheet HTML 8Page - Texas Instruments TPIC0108BDWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TPIC0108B
PWM CONTROL INTELLIGENT HBRIDGE
SLIS068A − NOVEMBER1998 − REVISED APRIL 2002
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
block schematic
Logic
5 V
Reg.
Charge
Pump
(2 MHz)
Over-
Current
Protection
HSD
DMOS
Driver
Open-
Circuit
Detect
Under-
Voltage
Detection
Over-
Temperature
Detection
DMOS
Driver
Over-
Current
Protection
LSD
Over-
Voltage
Detection
DMOS
Driver
DMOS
Driver
OUT2
OUT1
DMOS
Driver
Load-Dump
Protection
GND
IN1
IN2
STATUS1
STATUS2
VCC
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
GND
7, 9,
12, 14
I
Power ground
GNDS
1, 10,
11, 20
I
Substrate ground
IN1
3
I
Control input
IN2
8
I
Control input
OUT1
5, 6
O
Half-H output. DMOS output
OUT2
15, 16
O
Half-H output. DMOS output
STATUS1
13
O
Status output
STATUS2
18
O
Latched status output
VCC
2, 4,
17, 19
I
Supply voltage
NOTE: It is mandatory that all four ground terminals plus at least one substrate terminal are connected to the system ground. Use all VCC and
OUT terminals.


Similar Part No. - TPIC0108BDWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC0108BDWP TI-TPIC0108BDWP Datasheet
205Kb / 14P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
More results

Similar Description - TPIC0108BDWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC0108B TI-TPIC0108B Datasheet
205Kb / 14P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
TPIC0107B TI-TPIC0107B Datasheet
202Kb / 14P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
TPIC0107B TI1-TPIC0107B_10 Datasheet
289Kb / 15P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
logo
Sanyo Semicon Device
LV8018W SANYO-LV8018W Datasheet
114Kb / 7P
   4ch PWM H-bridge Driver
logo
Texas Instruments
DRV8704 TI1-DRV8704 Datasheet
1Mb / 38P
[Old version datasheet]   Dual H-Bridge PWM Gate Driver
logo
Freescale Semiconductor...
MC33931 FREESCALE-MC33931_12 Datasheet
883Kb / 26P
   5.0 A Throttle Control H-bridge
logo
NXP Semiconductors
MC33931 NXP-MC33931 Datasheet
1Mb / 26P
   5.0 A Throttle Control H-bridge
Rev. 4.0, 10/2012
logo
Freescale Semiconductor...
33931 FREESCALE-33931 Datasheet
1Mb / 21P
   5.0 A Throttle Control H-bridge
logo
NXP Semiconductors
MC33932 NXP-MC33932 Datasheet
1Mb / 28P
   5.0 A Throttle Control H-Bridge
Rev. 5.0, 10/2012
logo
Freescale Semiconductor...
33926 FREESCALE-33926 Datasheet
665Kb / 24P
   5.0 A Throttle Control H-Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com