Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC0107BDWP Datasheet(PDF) 3 Page - Texas Instruments

Part # TPIC0107BDWP
Description  PWM CONTROL INTELLIGENT H-BRIDGE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC0107BDWP Datasheet(HTML) 3 Page - Texas Instruments

  TPIC0107BDWP Datasheet HTML 1Page - Texas Instruments TPIC0107BDWP Datasheet HTML 2Page - Texas Instruments TPIC0107BDWP Datasheet HTML 3Page - Texas Instruments TPIC0107BDWP Datasheet HTML 4Page - Texas Instruments TPIC0107BDWP Datasheet HTML 5Page - Texas Instruments TPIC0107BDWP Datasheet HTML 6Page - Texas Instruments TPIC0107BDWP Datasheet HTML 7Page - Texas Instruments TPIC0107BDWP Datasheet HTML 8Page - Texas Instruments TPIC0107BDWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TPIC0107B
PWM CONTROL INTELLIGENT HBRIDGE
SLIS067A − NOVEMBER 1998 − REVISED APRIL 2002
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
schematics of inputs and outputs
STATUS2
STATUS1
DIR/PWM
absolute maximum ratings over operating case temperature range (unless otherwise noted)
Power supply voltage range, VCC
−0.3 V to 33 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Logic input voltage range, VIN
−0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Load dump (for 400 ms, TC = 25°C)
40 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Status output voltage range, VO(status)
−0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous power dissipation, TC = 25°C
1.29 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATING TABLE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 125°C
POWER RATING
1.29 W
0.0104 W/
°C
0.82 W
0.25 W
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VCC
6
18
V
Operating case temperature, TC
−40
125
°C
Switching frequency, fPWM
2
kHz


Similar Part No. - TPIC0107BDWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC0107BDWP TI-TPIC0107BDWP Datasheet
202Kb / 14P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
More results

Similar Description - TPIC0107BDWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC0108B TI-TPIC0108B Datasheet
205Kb / 14P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
TPIC0107B TI-TPIC0107B Datasheet
202Kb / 14P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
TPIC0108B TI1-TPIC0108B_11 Datasheet
295Kb / 15P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
logo
Sanyo Semicon Device
LV8018W SANYO-LV8018W Datasheet
114Kb / 7P
   4ch PWM H-bridge Driver
logo
Texas Instruments
DRV8704 TI1-DRV8704 Datasheet
1Mb / 38P
[Old version datasheet]   Dual H-Bridge PWM Gate Driver
logo
Freescale Semiconductor...
MC33931 FREESCALE-MC33931_12 Datasheet
883Kb / 26P
   5.0 A Throttle Control H-bridge
logo
NXP Semiconductors
MC33931 NXP-MC33931 Datasheet
1Mb / 26P
   5.0 A Throttle Control H-bridge
Rev. 4.0, 10/2012
logo
Freescale Semiconductor...
33931 FREESCALE-33931 Datasheet
1Mb / 21P
   5.0 A Throttle Control H-bridge
logo
NXP Semiconductors
MC33932 NXP-MC33932 Datasheet
1Mb / 28P
   5.0 A Throttle Control H-Bridge
Rev. 5.0, 10/2012
logo
Freescale Semiconductor...
33926 FREESCALE-33926 Datasheet
665Kb / 24P
   5.0 A Throttle Control H-Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com