Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS22994RUKR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22994RUKR
Description  Quad Channel Load Switch with GPIO and I2C Control
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22994RUKR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS22994RUKR Datasheet HTML 3Page - Texas Instruments TPS22994RUKR Datasheet HTML 4Page - Texas Instruments TPS22994RUKR Datasheet HTML 5Page - Texas Instruments TPS22994RUKR Datasheet HTML 6Page - Texas Instruments TPS22994RUKR Datasheet HTML 7Page - Texas Instruments TPS22994RUKR Datasheet HTML 8Page - Texas Instruments TPS22994RUKR Datasheet HTML 9Page - Texas Instruments TPS22994RUKR Datasheet HTML 10Page - Texas Instruments TPS22994RUKR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
TPS22994
www.ti.com
SLVSCL4B – AUGUST 2014 – REVISED SEPTEMBER 2014
Electrical Characteristics (continued)
The specification applies over the operating ambient temperature –40°C
≤ TA ≤ 85°C (Full) (unless otherwise noted). Typical
values are for TA = 25°C. VBIAS = 7.2 V (unless otherwise noted).
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
VON1,2,3,4 = 0 V, VOUT1,2,3,4 = 0 V, VDD = 3.6 V,
Shutdown current for VBIAS
ISD, VBIAS
Full
6.5
12.8
µA
(all four channels)
VBIAS = 17.2V
VON1,2,3,4 = 0 V, VOUT1,2,3,4 = 0 V,
ISD, VDD
Shutdown current for VDD
Full
1.2
1.9
µA
VDD = 3.6 V
VINx = 3.6 V
0.005
1.0
VINx = 3.3 V
0.004
1.0
ISD, VINx
Shutdown current for VINx
VONx = 0 V, VOUTx = 0 V, VDD = 3.6 V
VINx = 1.8 V
Full
0.003
0.5
µA
VINx = 1.5 V
0.003
0.5
VINx = 1.0 V
0.003
0.5
IONx
Leakage current for ONx
VONx = 5 V
Full
0.003
0.1
µA
IADDx
Leakage current for ADDx
VADDx = 3.6 V
Full
0.002
0.2
µA
ISCL
Leakage current for SCL
VSCL = 3.6 V
Full
0.002
0.2
µA
ISDA
Leakage current for SDA
VSDA = 3.6 V
Full
0.002
0.2
µA
RESISTANCE CHARACTERISTICS
25°C
40.6
50.3
VIN = 3.3 V
m
Full
58.5
25°C
40.5
50.2
VIN = 2.5 V
m
Full
58.5
25°C
40.5
50.1
VBIAS = 7.2 V, IOUT = –200 mA
VIN = 1.8 V
m
Full
58.5
25°C
40.5
50.1
VIN = 1.5 V
m
Full
58.5
25°C
40.5
49.9
VIN = 1.0 V
m
Full
58.5
25°C
60.4
64.0
VIN = 3.3 V
m
Full
71.0
25°C
44.7
53.1
VIN = 2.5 V
m
Full
65.2
RON
On-state resistance
25°C
41.5
50.3
VBIAS = 5.2 V, IOUT = –200 mA
VIN = 1.8 V
m
Full
60.9
25°C
40.8
50.3
VIN = 1.5 V
m
Full
60.5
25°C
40.6
50.1
VIN = 1.0 V
m
Full
60.3
25°C
114.2
166.0
VIN = 2.3 V
m
Full
175.0
25°C
64.2
85.9
VIN = 1.8 V
m
Full
94.4
VBIAS = 3.3 V, IOUT = –200 mA
25°C
55.4
69.5
VIN = 1.5 V
m
Full
81.0
25°C
48.0
57.9
VIN = 1.0 V
m
Full
70.0
VIN = 3.3 V, VON = 0 V, IOUT = 1 mA, QOD[1:0] = 00
25°C
93
VIN = 3.3 V, VON = 0 V, IOUT = 1 mA, QOD[1:0] = 01
25°C
470
RPD
Output pulldown resistance
VIN = 3.3 V, VON = 0 V, IOUT = 1 mA, QOD[1:0] = 10
25°C
940
VIN = 3.3 V, VON = 0 V, IOUT = 1 mA, QOD[1:0] = 11
No
QOD
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS22994


Similar Part No. - TPS22994RUKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22990 TI1-TPS22990 Datasheet
4Mb / 34P
[Old version datasheet]   5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
TPS22990DMLR TI1-TPS22990DMLR Datasheet
4Mb / 34P
[Old version datasheet]   5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
TPS22990DMLT TI1-TPS22990DMLT Datasheet
4Mb / 34P
[Old version datasheet]   5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
TPS22990N TI1-TPS22990N Datasheet
4Mb / 34P
[Old version datasheet]   5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
TPS22990NDMLR TI1-TPS22990NDMLR Datasheet
4Mb / 34P
[Old version datasheet]   5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
More results

Similar Description - TPS22994RUKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22993 TI1-TPS22993_16 Datasheet
2Mb / 38P
[Old version datasheet]   Quad Channel Load Switch with GPIO and I2C Control
TPS22993 TI1-TPS22993 Datasheet
624Kb / 6P
[Old version datasheet]   Quad Channel Load Switch with GPIO and I2C Control
logo
ON Semiconductor
FUSB303 ONSEMI-FUSB303 Datasheet
213Kb / 19P
   Autonomous USB Port Controller with I2C and GPIO Control
January, 2018 ??Rev.1
logo
Micrel Semiconductor
MIC2826 MICREL-MIC2826 Datasheet
819Kb / 27P
   Quad Output PMIC with HyperLight Load??DCDC, three LDOs, and I2C Control
logo
ON Semiconductor
FUSB303B ONSEMI-FUSB303B Datasheet
269Kb / 18P
   FUSB303B Autonomous USB Type-C Port Controller with I2C and GPIO Control
April, 2020 ??Rev. 1
logo
Infineon Technologies A...
BGSX22G6U10 INFINEON-BGSX22G6U10 Datasheet
632Kb / 14P
   DPDT cross switch with GPIO control interface
Revision 2.0 2021-05-21
logo
Texas Instruments
TCA6418E TI1-TCA6418E Datasheet
853Kb / 30P
[Old version datasheet]   I2C CONTROLLED 18 CHANNEL GPIO EXPANDER
logo
Renesas Technology Corp
M52790SP RENESAS-M52790SP Datasheet
188Kb / 14P
   AV Switch with I2C Bus Control
M52795SP RENESAS-M52795SP Datasheet
3Mb / 10P
   AV SWITCH WITH I2C BUS CONTROL
logo
Mitsubishi Electric Sem...
M52790SP MITSUBISHI-M52790SP Datasheet
132Kb / 9P
   AV SWITCH with I2C BUS CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com