Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS22993 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS22993
Description  Quad Channel Load Switch with GPIO and I2C Control
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22993 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS22993_16 Datasheet HTML 3Page - Texas Instruments TPS22993_16 Datasheet HTML 4Page - Texas Instruments TPS22993_16 Datasheet HTML 5Page - Texas Instruments TPS22993_16 Datasheet HTML 6Page - Texas Instruments TPS22993_16 Datasheet HTML 7Page - Texas Instruments TPS22993_16 Datasheet HTML 8Page - Texas Instruments TPS22993_16 Datasheet HTML 9Page - Texas Instruments TPS22993_16 Datasheet HTML 10Page - Texas Instruments TPS22993_16 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
TPS22993
www.ti.com
SLVSCA3A – NOVEMBER 2013 – REVISED MARCH 2014
Electrical Characteristics (continued)
The specification applies over the operating ambient temperature –40°C
≤ TA ≤ 85°C (Full) (unless otherwise noted). Typical
values are for TA = 25°C. VBIAS = 7.2V (unless otherwise noted).
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
25°C
18
25
VIN = 3.3V
m
Full
28
25°C
16
22
VIN = 2.5V
m
Full
24
25°C
15
20
RON
On-state resistance
VBIAS = 5.2V, IOUT = –200mA
VIN = 1.8V
m
Full
23
25°C
15
20
VIN = 1.5V
m
Full
22
25°C
15
20
VIN = 1.05V
m
Full
22
VIN = 3.3V, VON = 0V, IOUT = 1mA, QOD[1:0] = 00
25°C
110
VIN = 3.3V, VON = 0V, IOUT = 1mA, QOD[1:0] = 01
25°C
483
RPD
Output pulldown resistance
VIN = 3.3V, VON = 0V, IOUT = 1mA, QOD[1:0] = 10
25°C
949
VIN = 3.3V, VON = 0V, IOUT = 1mA, QOD[1:0] = 11
No
QOD
THRESHOLD CHARACTERISTICS
High-level input voltage for
VIH, ADDx
Full
0.7×VDD
VDD
V
ADDx
Low-level input voltage for
VIL, ADDx
Full
0
0.3×VDD
V
ADDx
High-level input voltage for
VIH, ONx
Full
1.05
5
V
ONx
Low-level input voltage for
VIL, ONx
Full
0
0.4
V
ONx
VBIAS = 5.2V
130
VBIAS = 7.2V
130
VHYS, ONx
Hysteresis for ONx
Full
mV
VBIAS = 10.8V
130
VBIAS = 12.6V
130
I2C CHARACTERISTICS
fSCL
(1)
Clock frequency
Full
1
MHz
tSU, SDA
(1)
Setup time for SDA
fSCL = 1MHz (fast mode plus)
Full
50
ns
tHD, SDA
(1)
Hold time for SDA
Full
0
ns
IOL, SDA
SDA output low current
VOL,SDA = 0.4V
25°C
8
mA
High-level input voltage for
VIH, SDA
Full
0.7×VDD
VDD
V
SDA
High-level input voltage for
VIH, SCL
Full
0.7×VDD
VDD
V
SCL
Low-level input voltage for
VIL, SDA
Full
0
0.3×VDD
V
SDA
Low-level input voltage for
VIL, SCL
Full
0
0.3×VDD
V
SCL
(1)
Parameter verified by design.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS22993


Similar Part No. - TPS22993_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22993PRLWR TI1-TPS22993PRLWR Datasheet
624Kb / 6P
[Old version datasheet]   Quad Channel Load Switch with GPIO and I2C Control
TPS22993PRLWT TI1-TPS22993PRLWT Datasheet
624Kb / 6P
[Old version datasheet]   Quad Channel Load Switch with GPIO and I2C Control
More results

Similar Description - TPS22993_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22993 TI1-TPS22993 Datasheet
624Kb / 6P
[Old version datasheet]   Quad Channel Load Switch with GPIO and I2C Control
TPS22994 TI1-TPS22994 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Channel Load Switch with GPIO and I2C Control
logo
ON Semiconductor
FUSB303 ONSEMI-FUSB303 Datasheet
213Kb / 19P
   Autonomous USB Port Controller with I2C and GPIO Control
January, 2018 ??Rev.1
logo
Micrel Semiconductor
MIC2826 MICREL-MIC2826 Datasheet
819Kb / 27P
   Quad Output PMIC with HyperLight Load??DCDC, three LDOs, and I2C Control
logo
ON Semiconductor
FUSB303B ONSEMI-FUSB303B Datasheet
269Kb / 18P
   FUSB303B Autonomous USB Type-C Port Controller with I2C and GPIO Control
April, 2020 ??Rev. 1
logo
Infineon Technologies A...
BGSX22G6U10 INFINEON-BGSX22G6U10 Datasheet
632Kb / 14P
   DPDT cross switch with GPIO control interface
Revision 2.0 2021-05-21
logo
Texas Instruments
TCA6418E TI1-TCA6418E Datasheet
853Kb / 30P
[Old version datasheet]   I2C CONTROLLED 18 CHANNEL GPIO EXPANDER
logo
Renesas Technology Corp
M52790SP RENESAS-M52790SP Datasheet
188Kb / 14P
   AV Switch with I2C Bus Control
M52795SP RENESAS-M52795SP Datasheet
3Mb / 10P
   AV SWITCH WITH I2C BUS CONTROL
logo
Mitsubishi Electric Sem...
M52790SP MITSUBISHI-M52790SP Datasheet
132Kb / 9P
   AV SWITCH with I2C BUS CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com