Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS22969DNYR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22969DNYR
Description  5.5-V, 6-A, 4.4-m廓 On-Resistance Load Switch
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22969DNYR Datasheet(HTML) 2 Page - Texas Instruments

  TPS22969DNYR Datasheet HTML 1Page - Texas Instruments TPS22969DNYR Datasheet HTML 2Page - Texas Instruments TPS22969DNYR Datasheet HTML 3Page - Texas Instruments TPS22969DNYR Datasheet HTML 4Page - Texas Instruments TPS22969DNYR Datasheet HTML 5Page - Texas Instruments TPS22969DNYR Datasheet HTML 6Page - Texas Instruments TPS22969DNYR Datasheet HTML 7Page - Texas Instruments TPS22969DNYR Datasheet HTML 8Page - Texas Instruments TPS22969DNYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
TPS22969
SLVSCJ7B – MARCH 2014 – REVISED JULY 2015
www.ti.com
Table of Contents
7.2
Functional Block Diagram ....................................... 14
1
Features .................................................................. 1
7.3
Feature Description................................................. 15
2
Applications ........................................................... 1
8
Applications and Implementation ...................... 16
3
Description ............................................................. 1
8.1
Application Information............................................ 16
4
Revision History..................................................... 2
8.2
Typical Application .................................................. 16
5
Pin Configuration and Functions ......................... 3
9
Power Supply Recommendations ...................... 19
6
Specifications......................................................... 3
10
Layout................................................................... 19
6.1
Absolute Maximum Ratings ...................................... 3
10.1
Layout Guidelines ................................................. 19
6.2
ESD Ratings ............................................................ 4
10.2
Layout Example .................................................... 20
6.3
Recommended Operating Conditions ....................... 4
11
Device and Documentation Support ................. 21
6.4
Thermal Information .................................................. 4
11.1
Community Resources.......................................... 21
6.5
Electrical Characteristics, VBIAS = 5.0 V ................... 5
11.2
Trademarks ........................................................... 21
6.6
Electrical Characteristics, VBIAS = 2.5 V ................... 6
11.3
Electrostatic Discharge Caution ............................ 21
6.7
Switching Characteristics .......................................... 7
11.4
Glossary ................................................................ 21
6.8
Typical Characteristics .............................................. 9
12
Mechanical, Packaging, and Orderable
7
Detailed Description ............................................ 14
Information ........................................................... 21
7.1
Overview ................................................................. 14
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (February 2014) to Revision B
Page
Updated TA ratings in datasheet from 85°C to 105°C. ........................................................................................................... 1
Changes from Original (February 2014) to Revision A
Page
Initial release of full version. .................................................................................................................................................. 1
2
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TPS22969


Similar Part No. - TPS22969DNYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22960 TI-TPS22960 Datasheet
638Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
TPS22960 TI-TPS22960 Datasheet
727Kb / 24P
[Old version datasheet]   LOW INPUT VOLTAGE,DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
TPS22960 TI-TPS22960 Datasheet
727Kb / 24P
[Old version datasheet]   LOW INPUT VOLTAGE,DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
TPS22960DCNR TI-TPS22960DCNR Datasheet
638Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
TPS22960DCNR TI-TPS22960DCNR Datasheet
727Kb / 24P
[Old version datasheet]   LOW INPUT VOLTAGE,DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
More results

Similar Description - TPS22969DNYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22959 TI1-TPS22959 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 15-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22962 TI1-TPS22962 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 10-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22990 TI1-TPS22990 Datasheet
4Mb / 34P
[Old version datasheet]   5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
TPS22998 TI-TPS22998_V01 Datasheet
1Mb / 22P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
DECEMBER 2021
TPS22998 TI-TPS22998 Datasheet
1Mb / 21P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
OCTOBER 2021
TPS22975 TI1-TPS22975 Datasheet
1Mb / 28P
[Old version datasheet]   5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
TPS22965 TI1-TPS22965_16 Datasheet
1Mb / 31P
[Old version datasheet]   5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
TPS22918 TI1-TPS22918_16 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22918-Q1 TI1-TPS22918-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22968-Q1 TI1-TPS22968-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   5.5-V, 4-A, 27Ohm On-Resistance Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com