Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL-L104-HC6L2-F5 Datasheet(PDF) 10 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CL-L104-HC6L2-F5
Description  This data sheet is applied to the chip type LED lamp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CL-L104-HC6L2-F5 Datasheet(HTML) 10 Page - CITIZEN ELECTRONICS CO., LTD.

Back Button CL-L104-HC6L2-F5 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CL-L104-HC6L2-F5 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CL-L104-HC6L2-F5 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CL-L104-HC6L2-F5 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CL-L104-HC6L2-F5 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CL-L104-HC6L2-F5 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. CL-L104-HC6L2-F5 Datasheet HTML 10Page - CITIZEN ELECTRONICS CO., LTD. CL-L104-HC6L2-F5 Datasheet HTML 11Page - CITIZEN ELECTRONICS CO., LTD. CL-L104-HC6L2-F5 Datasheet HTML 12Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
8. Precautions (continued)
Name
CL-L104-HC6L2-F5
CITIZEN ELECTRONICS CO.,LTD. JAPAN
DATA SHEET
9/11
Symbol
CITILED
(4) Thermal Design
-The thermal design to draw heat away from the LED junction is most critical parameter
for an LED illumination system. High operating temperatures at the LED junction adversely affect
the performance of LED’s light output and lifetime. Therefore the LED junction temperature should
not exceed the absolute maximum rating in LED illumination system.
-The LED junction temperature while operation of LED illumination system depends upon
thermal resistance of internal LED package (Rj-c), outer thermal resistances of LED package,
power loss and ambient temperature. Please take both of the thermal design specifications
and ambient temperature conditions into consideration for the setting of driving conditions.
-For more information, please refer to application note "Thermal Management".
(5) Driving Current
-A constant current is recommended as an applying driving current to this product.
In the case of constant voltage driving, please connect current-limiting resistor to each products in series
and control the driving current to keep under the absolute maximum rating forward current value.
-Electrical transient might apply excess voltage, excess current and reverse voltage to the product(s).
They also affect negative impact on the product(s) therefore please make sure that no excess voltage,
excess current and reverse voltage is applied to the product(s)
when the LED driver is turn-on and/or turn-off.
-For more information, please refer to application note "Driving".
(6) Lighting at a minimum current value
-In a case where the minimum current(IF min) is applied to the product,
some of LED dice in the product might look different in their brightness
due to the individual difference of the LED dice, and they are not failed.
(7) Electrical Safety
-This product is designed and produced according to IEC 62031:2008
(IEC 62031:2008 LED modules for general lighting. Safety specification)
-Dielectric voltage withstand test has been conducted on this product to see any failure
after applying voltage between active pads and aluminum section of the product,
and to pass at least 500V.
-Considering conformity assessment for IEC62031:2008, almost all items of the specification
depend upon your final product of LED illumination system.
Therefore, please confirm with your final product for electrical safety of your product.
As well, the products comply with the criteria of IEC62031:2008 as single LED package.
Ref.CE-P2397 03/13 R1(0613)


Similar Part No. - CL-L104-HC6L2-F5

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-L104-HC6L1-F5 CITIZEN-CL-L104-HC6L1-F5 Datasheet
245Kb / 12P
   This data sheet is applied to the chip type LED lamp
More results

Similar Description - CL-L104-HC6L2-F5

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-L104-MC3WW1-F5 CITIZEN-CL-L104-MC3WW1-F5 Datasheet
241Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-MC3L2-F5 CITIZEN-CL-L104-MC3L2-F5 Datasheet
239Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-HC3L1-F5 CITIZEN-CL-L104-HC3L1-F5 Datasheet
244Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-MC6L1-F5 CITIZEN-CL-L104-MC6L1-F5 Datasheet
245Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-MC3W1-F5 CITIZEN-CL-L104-MC3W1-F5 Datasheet
236Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-MC3L1-F5 CITIZEN-CL-L104-MC3L1-F5 Datasheet
244Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-MC6N1-F5 CITIZEN-CL-L104-MC6N1-F5 Datasheet
252Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-MC6L2-F5 CITIZEN-CL-L104-MC6L2-F5 Datasheet
244Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-HC3W1-F5 CITIZEN-CL-L104-HC3W1-F5 Datasheet
244Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-MC6WW1-F5 CITIZEN-CL-L104-MC6WW1-F5 Datasheet
245Kb / 12P
   This data sheet is applied to the chip type LED lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com