Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS22966TDPURQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22966TDPURQ1
Description  Dual-Channel, Ultralow Resistance Load Switch
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22966TDPURQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS22966TDPURQ1 Datasheet HTML 2Page - Texas Instruments TPS22966TDPURQ1 Datasheet HTML 3Page - Texas Instruments TPS22966TDPURQ1 Datasheet HTML 4Page - Texas Instruments TPS22966TDPURQ1 Datasheet HTML 5Page - Texas Instruments TPS22966TDPURQ1 Datasheet HTML 6Page - Texas Instruments TPS22966TDPURQ1 Datasheet HTML 7Page - Texas Instruments TPS22966TDPURQ1 Datasheet HTML 8Page - Texas Instruments TPS22966TDPURQ1 Datasheet HTML 9Page - Texas Instruments TPS22966TDPURQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
TPS22966-Q1
SLVSC71A – DECEMBER 2013 – REVISED MARCH 2015
www.ti.com
6.6 Electrical Characteristics: VBIAS = 2.5 V
Unless otherwise noted, the specifications apply over the operating ambient temperature
–40°C
≤ TA ≤ 105°C (full) and VBIAS = 2.5 V. Typical values are for TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
POWER SUPPLIES AND CURRENTS
IOUT1 = IOUT2 = 0 mA,
VBIAS quiescent current (both
IIN(VBIAS-ON)
–40°C to 105°C
32
40
µA
channels)
VIN1,2 = VON1,2 = VBIAS = 2.5 V
IOUT1 = IOUT2 = 0 mA, VON2 = 0 V
VBIAS quiescent current (single
IIN(VBIAS-ON)
–40°C to 105°C
32
40
µA
channel)
VIN1,2 = VON1 = VBIAS = 2.5 V
IIN(VBIAS-OFF) VBIAS shutdown current
VON1,2 = 0 V, VOUT1,2 = 0 V
–40°C to 105°C
2
µA
VIN1,2 = 2.5 V
0.13
3
VIN1,2 = 1.8 V
0.07
2
VON1,2 = 0 V,
VIN1,2 off-state supply current
IIN(VIN-OFF)
–40°C to 105°C
µA
(per channel)
VOUT1,2 = 0 V
VIN1,2 = 1.2 V
0.05
2
VIN1,2 = 0.8 V
0.04
1
ION
ON pin input leakage current
VON = 5.5 V
–40°C to 105°C
1
µA
RESISTANCE CHARACTERISTICS
25°C
21
24
VIN = 2.5 V
–40°C to 85°C
27
–40°C to 105°C
29
25°C
19
22
VIN = 1.8 V
–40°C to 85°C
25
–40°C to 105°C
27
25°C
18
21
IOUT = –200 mA,
RON
ON-state resistance
VIN = 1.5 V
–40°C to 85°C
24
m
VBIAS = 2.5 V
–40°C to 105°C
26
25°C
18
21
VIN = 1.2 V
–40°C to 85°C
24
–40°C to 105°C
26
25°C
17
20
VIN = 0.8 V
–40°C to 85°C
23
–40°C to 105°C
25
RPD
Output pulldown resistance
VIN = 2.5 V, VON = 0 V, IOUT = 1 mA
Full
280
330
6
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TPS22966-Q1


Similar Part No. - TPS22966TDPURQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22966 TI1-TPS22966 Datasheet
858Kb / 26P
[Old version datasheet]   Dual Channel, Ultra-Low Resistance Load Switch
TPS22966DPUR TI1-TPS22966DPUR Datasheet
858Kb / 26P
[Old version datasheet]   Dual Channel, Ultra-Low Resistance Load Switch
TPS22966DPUT TI1-TPS22966DPUT Datasheet
858Kb / 26P
[Old version datasheet]   Dual Channel, Ultra-Low Resistance Load Switch
More results

Similar Description - TPS22966TDPURQ1

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9736A RICHTEK-RT9736A Datasheet
248Kb / 16P
   Dual Channel, Low Resistance Load Switch
logo
Texas Instruments
TPS22966 TI1-TPS22966 Datasheet
858Kb / 26P
[Old version datasheet]   Dual Channel, Ultra-Low Resistance Load Switch
logo
Excelliance MOS Corp.
EM5208 EXCELLIANCE-EM5208 Datasheet
872Kb / 9P
   Dual Channel, Ultra-Low Resistance Load Switch
EM5209 EXCELLIANCE-EM5209 Datasheet
1Mb / 10P
   Dual Channel, Ultra-Low Resistance Load Switch
logo
Richtek Technology Corp...
RT9740A RICHTEK-RT9740A Datasheet
248Kb / 16P
   Dual Channel, Ultra-Low Resistance Load Switch
logo
Texas Instruments
TPS22968 TI1-TPS22968 Datasheet
1Mb / 33P
[Old version datasheet]   Dual Channel, Ultra-Low Resistance Load Switch
TPS22924B TI1-TPS22924B_15 Datasheet
2Mb / 28P
[Old version datasheet]   On-Resistance Load Switch
logo
Richtek Technology Corp...
RT9745A RICHTEK-RT9745A Datasheet
243Kb / 16P
   Low Resistance Load Switch
logo
Texas Instruments
TPS22924D TI1-TPS22924D_15 Datasheet
1Mb / 24P
[Old version datasheet]   On-Resistance Load Switch
TPS22965-Q1 TI1-TPS22965-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   On-Resistance Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com