Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS22965DSGT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22965DSGT
Description  5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22965DSGT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS22965DSGT Datasheet HTML 6Page - Texas Instruments TPS22965DSGT Datasheet HTML 7Page - Texas Instruments TPS22965DSGT Datasheet HTML 8Page - Texas Instruments TPS22965DSGT Datasheet HTML 9Page - Texas Instruments TPS22965DSGT Datasheet HTML 10Page - Texas Instruments TPS22965DSGT Datasheet HTML 11Page - Texas Instruments TPS22965DSGT Datasheet HTML 12Page - Texas Instruments TPS22965DSGT Datasheet HTML 13Page - Texas Instruments TPS22965DSGT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
-0.5
0
0.5
1
1.5
2
2.5
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
V
ON (V)
VBIAS = 2.5V
VBIAS = 3.3V
VBIAS = 5V
VBIAS = 5.5V
C001
10
12
14
16
18
20
22
24
26
28
30
0
0.5
1
1.5
2
2.5
3
V
IN (V)
-40
ƒC
25
ƒC
105
ƒC
C001
Bias Voltage V)
2
2.5
3
3.5
4
4.5
5
5.5
6
200
220
240
260
280
300
320
D010
-40qC
25qC
105qC
10
12
14
16
18
20
22
24
2
2.5
3
3.5
4
4.5
5
5.5
6
V
BIAS (V)
VIN = 0.8V
VIN = 1.8V
VIN = 2.5V
VIN = 3.3V
C001
Input Voltage (V)
0
0.5
1
1.5
2
2.5
3
0
5
10
15
20
25
30
35
40
D007
-40qC
25qC
105qC
Input Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
5
10
15
20
25
30
35
40
D008
-40qC
25qC
105qC
10
TPS22965
SLVSBJ0F – AUGUST 2012 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: TPS22965
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Typical DC Characteristics (continued)
VBIAS = 2.5 V
IOUT = –200 mA
VON = 5.5 V
Figure 7. On-Resistance vs Input Voltage
VBIAS = 5 V
IOUT = –200 mA
VON = 5.5 V
Figure 8. On-Resistance vs Input Voltage
TA = 25°C
IOUT = –200 mA
VON = 5.5 V
Figure 9. On-Resistance vs Bias Voltage
VIN = 1.8 V
VON = 0 V
Figure 10. Pulldown Resistance vs Bias Voltage
VIN = 2 V
TA = 25°C
Figure 11. Output Voltage vs ON Voltage
VBIAS = 2.5 V
IOUT = –4 A
VON = 5.5 V
Figure 12. On-Resistance vs Input Voltage


Similar Part No. - TPS22965DSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22965DSGT TI1-TPS22965DSGT Datasheet
1Mb / 25P
[Old version datasheet]   Single Channel, Ultra-Low Resistance Load Switch
More results

Similar Description - TPS22965DSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22975 TI1-TPS22975 Datasheet
1Mb / 28P
[Old version datasheet]   5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
TPS22976 TI-TPS22976_V01 Datasheet
1Mb / 32P
[Old version datasheet]   TPS22976 5.7-V, 6-A, 14-m廓 On-Resistance Dual-Channel Load Switch
TPS22969 TI1-TPS22969 Datasheet
1Mb / 29P
[Old version datasheet]   5.5-V, 6-A, 4.4-m廓 On-Resistance Load Switch
TPS22976 TI1-TPS22976 Datasheet
1Mb / 32P
[Old version datasheet]   5.7-V, 6-A, 14-m(ohm) On-Resistance Dual-Channel Load Switch
TPS22953-Q1 TI-TPS22953-Q1 Datasheet
3Mb / 47P
[Old version datasheet]   TPS2295x-Q1 5.7-V, 5-A, 14-m廓 On-Resistance, Automotive Load Switch
NOVEMBER 2021
TPS22954 TI1-TPS22954 Datasheet
1Mb / 46P
[Old version datasheet]   5.7 V, 5 A, 14 m(ohm) On-Resistance Load Switch
TPS22990 TI1-TPS22990 Datasheet
4Mb / 34P
[Old version datasheet]   5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
TPS22998 TI-TPS22998_V01 Datasheet
1Mb / 22P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
DECEMBER 2021
TPS22998 TI-TPS22998 Datasheet
1Mb / 21P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
OCTOBER 2021
TPS22953-Q1 TI-TPS22953-Q1_V01 Datasheet
2Mb / 44P
[Old version datasheet]   TPS2295x-Q1 5.7-V, 5-A, 14-mΩ On-Resistance, Automotive Load Switch
REVISED JUNE 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com