Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL-L104-MC3L2-F5 Datasheet(PDF) 5 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CL-L104-MC3L2-F5
Description  This data sheet is applied to the chip type LED lamp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CL-L104-MC3L2-F5 Datasheet(HTML) 5 Page - CITIZEN ELECTRONICS CO., LTD.

  CL-L104-MC3L2-F5 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. CL-L104-MC3L2-F5 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CL-L104-MC3L2-F5 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CL-L104-MC3L2-F5 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CL-L104-MC3L2-F5 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CL-L104-MC3L2-F5 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CL-L104-MC3L2-F5 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CL-L104-MC3L2-F5 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CL-L104-MC3L2-F5 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
4/11
5. Characteristics
Forward Current vs. Forward Voltage
Forward Current vs. Relative Luminous Flux
Forward Current vs. Chromaticity Coordinate
Case Temperature vs. Chromaticity Coordinate
Symbol
CL-L104-MC3L2-F5
CITIZEN ELECTRONICS CO.,LTD. JAPAN
DATA SHEET
CITILED
Name
-0.020
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
0
100 200 300 400 500 600 700
IF [mA]
Δx
Δy
Tc=25C
0%
20%
40%
60%
80%
100%
120%
140%
160%
180%
200%
0
100 200 300 400 500 600 700
IF [mA]
Tc=25C
7.5
8.0
8.5
9.0
9.5
10.0
10.5
0
100 200 300 400 500 600 700
IF [mA]
Tc=25C
-0.020
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
0
20
40
60
80
100
Tc [C]
Δx
Δy
IF=350mA
Ref.CE-P2363 03/13 R1(0613)


Similar Part No. - CL-L104-MC3L2-F5

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-L104-MC3L1-F5 CITIZEN-CL-L104-MC3L1-F5 Datasheet
244Kb / 12P
   This data sheet is applied to the chip type LED lamp
More results

Similar Description - CL-L104-MC3L2-F5

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-L104-MC3WW1-F5 CITIZEN-CL-L104-MC3WW1-F5 Datasheet
241Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-HC6L2-F5 CITIZEN-CL-L104-HC6L2-F5 Datasheet
244Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-HC3L1-F5 CITIZEN-CL-L104-HC3L1-F5 Datasheet
244Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-MC6L1-F5 CITIZEN-CL-L104-MC6L1-F5 Datasheet
245Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-MC3W1-F5 CITIZEN-CL-L104-MC3W1-F5 Datasheet
236Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-MC3L1-F5 CITIZEN-CL-L104-MC3L1-F5 Datasheet
244Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-MC6N1-F5 CITIZEN-CL-L104-MC6N1-F5 Datasheet
252Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-MC6L2-F5 CITIZEN-CL-L104-MC6L2-F5 Datasheet
244Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-HC3W1-F5 CITIZEN-CL-L104-HC3W1-F5 Datasheet
244Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-MC6WW1-F5 CITIZEN-CL-L104-MC6WW1-F5 Datasheet
245Kb / 12P
   This data sheet is applied to the chip type LED lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com