Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS22953DQCR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22953DQCR
Description  5.7 V, 5 A, 14 m(ohm) On-Resistance Load Switch
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22953DQCR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS22953DQCR Datasheet HTML 6Page - Texas Instruments TPS22953DQCR Datasheet HTML 7Page - Texas Instruments TPS22953DQCR Datasheet HTML 8Page - Texas Instruments TPS22953DQCR Datasheet HTML 9Page - Texas Instruments TPS22953DQCR Datasheet HTML 10Page - Texas Instruments TPS22953DQCR Datasheet HTML 11Page - Texas Instruments TPS22953DQCR Datasheet HTML 12Page - Texas Instruments TPS22953DQCR Datasheet HTML 13Page - Texas Instruments TPS22953DQCR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
TPS22954, TPS22953
SLVSCT5C – MARCH 2015 – REVISED JULY 2015
www.ti.com
8.10 Switching Characteristics, CT = 0 pF
Refer to the timing test circuit in Figure 1 (unless otherwise noted) for references to external components used for the test
condition in the switching characteristics table. Switching characteristics shown below are only valid for the power-up
sequence where VIN and VBIAS are already in steady state condition before the EN terminal is asserted high.
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VIN = 5 V, VEN = VBIAS = 5 V, TA = 25°C
tON
Turn-on time
235
tOFF
Turn-off time
6.0
tR
VOUT rise time
RL = 10 Ω, CL = 0.1 µF, CT = 0 pF
140
µs
tF
VOUT fall time
2.2
tD
ON delay time
165
VIN = 2.5 V, VEN = VBIAS = 5 V, TA = 25°C
tON
Turn-on time
200
tOFF
Turn-off time
6
tR
VOUT rise time
RL = 10 Ω, CL = 0.1 µF, CT = 0 pF
79
µs
tF
VOUT fall time
2.1
tD
ON delay time
160
VIN = 0.7 V, VEN = VBIAS = 5 V, TA = 25°C
tON
Turn-on time
170
tOFF
Turn-off time
6
tR
VOUT rise time
RL = 10 Ω, CL = 0.1 µF, CT = 0 pF
32
µs
tF
VOUT fall time
2
tD
ON delay time
154
VIN = 2.5 V, VEN = 5 V, VBIAS = 2.5 V, TA = 25°C
tON
Turn-on time
200
tOFF
Turn-off time
6
tR
VOUT rise time
RL = 10 Ω, CL = 0.1 µF, CT = 0 pF
79
µs
tF
VOUT fall time
2.1
tD
ON delay time
160
VIN = 0.7 V, VEN = 5 V, VBIAS = 2.5 V, TA = 25°C
tON
Turn-on time
170
tOFF
Turn-off time
6
tR
VOUT rise time
RL = 10 Ω, CL = 0.1 µF, CT = 0 pF
32
µs
tF
VOUT fall time
2
tD
ON delay time
154
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS22954 TPS22953


Similar Part No. - TPS22953DQCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22953 TI-TPS22953 Datasheet
3Mb / 47P
[Old version datasheet]   TPS2295x-Q1 5.7-V, 5-A, 14-m廓 On-Resistance, Automotive Load Switch
NOVEMBER 2021
TPS22953 TI-TPS22953 Datasheet
2Mb / 44P
[Old version datasheet]   TPS2295x-Q1 5.7-V, 5-A, 14-mΩ On-Resistance, Automotive Load Switch
REVISED JUNE 2022
TPS22953-Q1 TI-TPS22953-Q1 Datasheet
3Mb / 47P
[Old version datasheet]   TPS2295x-Q1 5.7-V, 5-A, 14-m廓 On-Resistance, Automotive Load Switch
NOVEMBER 2021
TPS22953-Q1 TI-TPS22953-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   TPS2295x-Q1 5.7-V, 5-A, 14-mΩ On-Resistance, Automotive Load Switch
REVISED JUNE 2022
TPS22953-Q1 TI-TPS22953-Q1_V01 Datasheet
2Mb / 44P
[Old version datasheet]   TPS2295x-Q1 5.7-V, 5-A, 14-mΩ On-Resistance, Automotive Load Switch
REVISED JUNE 2022
More results

Similar Description - TPS22953DQCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22976 TI1-TPS22976 Datasheet
1Mb / 32P
[Old version datasheet]   5.7-V, 6-A, 14-m(ohm) On-Resistance Dual-Channel Load Switch
TPS22953-Q1 TI-TPS22953-Q1 Datasheet
3Mb / 47P
[Old version datasheet]   TPS2295x-Q1 5.7-V, 5-A, 14-m廓 On-Resistance, Automotive Load Switch
NOVEMBER 2021
TPS22953-Q1 TI-TPS22953-Q1_V01 Datasheet
2Mb / 44P
[Old version datasheet]   TPS2295x-Q1 5.7-V, 5-A, 14-mΩ On-Resistance, Automotive Load Switch
REVISED JUNE 2022
TPS22976 TI-TPS22976_V01 Datasheet
1Mb / 32P
[Old version datasheet]   TPS22976 5.7-V, 6-A, 14-m廓 On-Resistance Dual-Channel Load Switch
TPS22965 TI1-TPS22965_16 Datasheet
1Mb / 31P
[Old version datasheet]   5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
TPS22975 TI1-TPS22975 Datasheet
1Mb / 28P
[Old version datasheet]   5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
TPS22959 TI1-TPS22959 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 15-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22962 TI1-TPS22962 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 10-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22970 TI1-TPS22970 Datasheet
856Kb / 22P
[Old version datasheet]   3.6-V, 4-A, 5.3-m(ohm) On-Resistance Load Switch
TPS22918 TI1-TPS22918_16 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com