Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS22914 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22914
Description  5.5-V, 2-A, 37m(ohm) On-Resistance Load Switch
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22914 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS22914 Datasheet HTML 2Page - Texas Instruments TPS22914 Datasheet HTML 3Page - Texas Instruments TPS22914 Datasheet HTML 4Page - Texas Instruments TPS22914 Datasheet HTML 5Page - Texas Instruments TPS22914 Datasheet HTML 6Page - Texas Instruments TPS22914 Datasheet HTML 7Page - Texas Instruments TPS22914 Datasheet HTML 8Page - Texas Instruments TPS22914 Datasheet HTML 9Page - Texas Instruments TPS22914 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
TPS22914B, TPS22914C, TPS22915B, TPS22915C
SLVSCO0C – JUNE 2014 – REVISED JULY 2015
www.ti.com
Electrical Characteristics (continued)
Unless otherwise noted, the specification in the following table applies over the operating ambient temperature
–40°C
≤ TA ≤ 105°C. Typical values are for TA = 25°C.
PARAMETER
TEST CONDITION
TA
MIN
TYP
MAX
UNIT
25°C
37
40
VIN = 5.5 V, IOUT = –200 mA
-40°C to 85°C
51
m
Ω
-40°C to 105°C
57
25°C
37
41
VIN = 5.0 V, IOUT = –200 mA
-40°C to 85°C
51
m
Ω
-40°C to 105°C
57
25°C
37
41
VIN = 4.2 V, IOUT = –200 mA
-40°C to 85°C
52
m
Ω
-40°C to 105°C
58
25°C
38
41
VIN = 3.3 V, IOUT = –200 mA
-40°C to 85°C
52
m
Ω
-40°C to 105°C
59
RON
On-Resistance
25°C
38
42
VIN = 2.5 V, IOUT = –200 mA
-40°C to 85°C
53
m
Ω
-40°C to 105°C
58
25°C
43
48
VIN = 1.8 V, IOUT = –200 mA
-40°C to 85°C
59
m
Ω
-40°C to 105°C
66
25°C
52
61
VIN = 1.2 V, IOUT = –200 mA
-40°C to 85°C
73
m
Ω
-40°C to 105°C
85
25°C
63
96
VIN = 1.05 V, IOUT = –200 mA
-40°C to 85°C
102
m
Ω
-40°C to 105°C
107
VIN = 5.5 V
102
VIN = 5.0 V
100
VIN = 3.3 V
98
VHYS
ON pin hysteresis
VIN = 2.5 V
25°C
96
mV
VIN = 1.8 V
96
VIN = 1.2 V
94
VIN = 1.05 V
92
RPD
(1)
Output pull down resistor
VIN = VOUT = 3.3 V, VON = 0 V
-40°C to 105°C
143
200
Ω
(1)
TPS22915B only.
6
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TPS22914B TPS22914C TPS22915B TPS22915C


Similar Part No. - TPS22914

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22910AYZVR TI1-TPS22910AYZVR Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22910AYZVT TI1-TPS22910AYZVT Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22912 TI1-TPS22912 Datasheet
744Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22912A TI1-TPS22912A Datasheet
744Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
More results

Similar Description - TPS22914

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22918 TI1-TPS22918_16 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22918-Q1 TI1-TPS22918-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22959 TI1-TPS22959 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 15-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22962 TI1-TPS22962 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 10-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22968-Q1 TI1-TPS22968-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   5.5-V, 4-A, 27Ohm On-Resistance Load Switch
TPS22990 TI1-TPS22990 Datasheet
4Mb / 34P
[Old version datasheet]   5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
TPS22969 TI1-TPS22969 Datasheet
1Mb / 29P
[Old version datasheet]   5.5-V, 6-A, 4.4-m廓 On-Resistance Load Switch
TPS22998 TI-TPS22998 Datasheet
1Mb / 21P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
OCTOBER 2021
TPS22998 TI-TPS22998_V01 Datasheet
1Mb / 22P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
DECEMBER 2021
TPS22970 TI1-TPS22970 Datasheet
856Kb / 22P
[Old version datasheet]   3.6-V, 4-A, 5.3-m(ohm) On-Resistance Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com