Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS22953 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22953
Description  5.7 V, 5 A, 14 m(ohm) On-Resistance Load Switch
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22953 Datasheet(HTML) 3 Page - Texas Instruments

  TPS22953 Datasheet HTML 1Page - Texas Instruments TPS22953 Datasheet HTML 2Page - Texas Instruments TPS22953 Datasheet HTML 3Page - Texas Instruments TPS22953 Datasheet HTML 4Page - Texas Instruments TPS22953 Datasheet HTML 5Page - Texas Instruments TPS22953 Datasheet HTML 6Page - Texas Instruments TPS22953 Datasheet HTML 7Page - Texas Instruments TPS22953 Datasheet HTML 8Page - Texas Instruments TPS22953 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
GND
(Exposed
thermal pad)
1
2
3
4
Top View
Bottom View
IN
IN
BIAS
EN
5
GND
10
9
8
7
OUT
OUT
SNS
PG
6
CT
GND
(Exposed
thermal pad)
1
2
3
4
IN
IN
BIAS
EN
5
GND
10
9
8
7
OUT
OUT
SNS
PG
6
CT
TPS22954, TPS22953
www.ti.com
SLVSCT5C – MARCH 2015 – REVISED JULY 2015
6 Device Comparison Table
Device
Quick Output
Reverse Current
Package (Pin)
Body Size
Pin Pitch
Discharge
Blocking
DSQ (10)
2.00 mm x 2.00 mm
0.4 mm
TPS22954
Yes
No
DQC (10)
2.00 mm x 3.00 mm
0.5 mm
DSQ (10)
2.00 mm x 2.00 mm
0.4 mm
TPS22953
No
Yes
DQC (10)
2.00 mm x 3.00 mm
0.5 mm
7 Pin Configuration and Functions
Pin Functions
PIN(1)
I/O
DESCRIPTION
NAME
NO.
IN
1, 2
I
Switch input. Bypass this input with a ceramic capacitor to GND.
BIAS
3
I
Bias pin and power supply to the device.
Active high switch enable/disable input. Also acts as the input UVLO pin. Use external resistor divider to
EN
4
I
adjust the UVLO level. Do not leave floating.
GND
5
Device ground.
VOUT slew rate control. Place ceramic cap from CT to GND to change the VOUT slew rate of the device
CT
6
O
and limit the inrush current. CT Capacitor should be rated to 25V or higher.
Power good. This pin is open drain which will pull low when the voltage on EN and/or SNS is below
PG
7
O
their respective VIL level.
SNS
8
I
Sense pin. Use external resistor divider to adjust the power good level. Do not leave floating.
OUT
9, 10
O
Switch output.
Thermal Pad
Exposed thermal pad. Tie to GND.
(1)
Pinout applies to all package versions.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS22954 TPS22953


Similar Part No. - TPS22953

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22953 TI-TPS22953 Datasheet
3Mb / 47P
[Old version datasheet]   TPS2295x-Q1 5.7-V, 5-A, 14-m廓 On-Resistance, Automotive Load Switch
NOVEMBER 2021
TPS22953 TI-TPS22953 Datasheet
2Mb / 44P
[Old version datasheet]   TPS2295x-Q1 5.7-V, 5-A, 14-mΩ On-Resistance, Automotive Load Switch
REVISED JUNE 2022
TPS22953-Q1 TI-TPS22953-Q1 Datasheet
3Mb / 47P
[Old version datasheet]   TPS2295x-Q1 5.7-V, 5-A, 14-m廓 On-Resistance, Automotive Load Switch
NOVEMBER 2021
TPS22953-Q1 TI-TPS22953-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   TPS2295x-Q1 5.7-V, 5-A, 14-mΩ On-Resistance, Automotive Load Switch
REVISED JUNE 2022
TPS22953-Q1 TI-TPS22953-Q1_V01 Datasheet
2Mb / 44P
[Old version datasheet]   TPS2295x-Q1 5.7-V, 5-A, 14-mΩ On-Resistance, Automotive Load Switch
REVISED JUNE 2022
More results

Similar Description - TPS22953

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22976 TI1-TPS22976 Datasheet
1Mb / 32P
[Old version datasheet]   5.7-V, 6-A, 14-m(ohm) On-Resistance Dual-Channel Load Switch
TPS22953-Q1 TI-TPS22953-Q1 Datasheet
3Mb / 47P
[Old version datasheet]   TPS2295x-Q1 5.7-V, 5-A, 14-m廓 On-Resistance, Automotive Load Switch
NOVEMBER 2021
TPS22953-Q1 TI-TPS22953-Q1_V01 Datasheet
2Mb / 44P
[Old version datasheet]   TPS2295x-Q1 5.7-V, 5-A, 14-mΩ On-Resistance, Automotive Load Switch
REVISED JUNE 2022
TPS22976 TI-TPS22976_V01 Datasheet
1Mb / 32P
[Old version datasheet]   TPS22976 5.7-V, 6-A, 14-m廓 On-Resistance Dual-Channel Load Switch
TPS22965 TI1-TPS22965_16 Datasheet
1Mb / 31P
[Old version datasheet]   5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
TPS22975 TI1-TPS22975 Datasheet
1Mb / 28P
[Old version datasheet]   5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
TPS22959 TI1-TPS22959 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 15-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22962 TI1-TPS22962 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 10-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22970 TI1-TPS22970 Datasheet
856Kb / 22P
[Old version datasheet]   3.6-V, 4-A, 5.3-m(ohm) On-Resistance Load Switch
TPS22918 TI1-TPS22918_16 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com