Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2359RHH Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS2359RHH
Description  Full-Featured, Dual-Slot AdvancedMC Controller
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2359RHH Datasheet(HTML) 1 Page - Texas Instruments

  TPS2359RHH Datasheet HTML 1Page - Texas Instruments TPS2359RHH Datasheet HTML 2Page - Texas Instruments TPS2359RHH Datasheet HTML 3Page - Texas Instruments TPS2359RHH Datasheet HTML 4Page - Texas Instruments TPS2359RHH Datasheet HTML 5Page - Texas Instruments TPS2359RHH Datasheet HTML 6Page - Texas Instruments TPS2359RHH Datasheet HTML 7Page - Texas Instruments TPS2359RHH Datasheet HTML 8Page - Texas Instruments TPS2359RHH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
OUT3A
SDA
SUM3A
SUM12A
IN3A
TPS2359
36QFN
OUT3B
3v3in
A1
3320
SUM3B
6810
SUM12B
VDD3B
IN12B
3v3in
12Vin
IN12A
IN3B
VDD3A
AGND
GNDA
EN3B
VINT
EN3A
A0
A2
SCL
422
GNDB
SENMA
PASSA
OUT12A
SETA
BLKA
SENPA
SENMB
PASSB
OUT12B
SETB
BLKB
SENPB
IRPT\
3320
6810
SlotB
AdvancedMC
12V
3.3V
OptionalORingFETsforRedundant
Systems
100
100
.005
12Vin
AdvancedMC
12V
3.3V
Slot A
CSD16406Q3x2
100
100
422
.005
TPS2359
www.ti.com
SLUS792H – FEBRUARY 2008 – REVISED MAY 2013
Full-Featured, Dual-Slot AdvancedMC™ Controller
Check for Samples: TPS2359
1
FEATURES
APPLICATIONS
2
ATCA AdvancedMC™ Compliant
ATCA Carrier Boards
Full Control for Two AdvancedMC™ Modules
MicroTCA™ Power Modules
Independent 12-V Current Limit and Fast Trip
AdvancedMC™ Slots
3.3-V and 12-V FET ORing for MicroTCA™
Systems Using 12 V and 3.3 V
Internal 3.3-V Current Limit and ORing
Base Stations
Power Good and Fault Reporting Through I2C
DESCRIPTION
I2C Programmable Fault Times and Current
The TPS2359 dual-slot hot-plug controllers perform
Limits
all necessary power interface functions for two
FET Status Bits for all Channels
AdvancedMC™
(Advanced
Mezzanine
Card)
36-Pin PQFN Package
modules.
3-V and 12-V Interlock for AdvancedMC
Two fully integrated 3.3-V channels provide inrush
Compliance
control, over-current protection, and FET ORing. Two
12-V channels provide the same functions using
external FETs and sense resistors. The 3.3-V current
limits are factory set to AdvancedMC™ compliant
levels and the 12-V current limits are programmed
using external sense resistors. The accurate current
sense comparators of the TPS2359 satisfy the narrow
ATCA™ AdvancedMC™ current limit requirements.
Figure 1. TPS2359 Application Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
AdvancedMC, MicroTCA are trademarks of PICMG.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS2359RHH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2359RHHR TI-TPS2359RHHR Datasheet
1Mb / 51P
[Old version datasheet]   TPS2359 Full Featured Dual-Slot AdvancedMC??Controller
TPS2359RHHT TI-TPS2359RHHT Datasheet
1Mb / 51P
[Old version datasheet]   TPS2359 Full Featured Dual-Slot AdvancedMC??Controller
More results

Similar Description - TPS2359RHH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2359 TI-TPS2359 Datasheet
1Mb / 51P
[Old version datasheet]   TPS2359 Full Featured Dual-Slot AdvancedMC??Controller
TPS2358_0806 TI-TPS2358_0806 Datasheet
932Kb / 34P
[Old version datasheet]   TPS2358 Dual-Slot ATCA AdvancedMC??Controller
TPS2358 TI-TPS2358 Datasheet
931Kb / 34P
[Old version datasheet]   TPS2358 Dual-Slot ATCA AdvancedMC??Controller
logo
SELEC Controls Pvt. Ltd
PR502 SELEC-PR502 Datasheet
1Mb / 2P
   Full Featured Profile Controller
logo
ON Semiconductor
NCP1560 ONSEMI-NCP1560_06 Datasheet
523Kb / 20P
   Full Featured Voltage Mode PWM Controller
July, 2006 ??Rev. 7
NCP1560 ONSEMI-NCP1560 Datasheet
122Kb / 18P
   Full Featured Voltage Mode PWM Controller
January, 2003 - Rev. 5
logo
Analog Devices
EVAL-AD7405FMCZ AD-EVAL-AD7405FMCZ Datasheet
1Mb / 20P
   Full featured evaluation board
logo
Texas Instruments
ADS7861 TI1-ADS7861 Datasheet
1Mb / 9P
[Old version datasheet]   Full-featured evaluation board
logo
Analog Devices
UG-515 AD-UG-515 Datasheet
2Mb / 28P
   Full-featured evaluation board
logo
Texas Instruments
TPS2410 TI-TPS2410 Datasheet
851Kb / 26P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com