Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2359RHH Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS2359RHH
Description  Full-Featured, Dual-Slot AdvancedMC Controller
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2359RHH Datasheet(HTML) 5 Page - Texas Instruments

  TPS2359RHH Datasheet HTML 1Page - Texas Instruments TPS2359RHH Datasheet HTML 2Page - Texas Instruments TPS2359RHH Datasheet HTML 3Page - Texas Instruments TPS2359RHH Datasheet HTML 4Page - Texas Instruments TPS2359RHH Datasheet HTML 5Page - Texas Instruments TPS2359RHH Datasheet HTML 6Page - Texas Instruments TPS2359RHH Datasheet HTML 7Page - Texas Instruments TPS2359RHH Datasheet HTML 8Page - Texas Instruments TPS2359RHH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
SIGNAL ANDPINNAMING
TPS2359
www.ti.com
SLUS792H – FEBRUARY 2008 – REVISED MAY 2013
ELECTRICAL CHARACTERISTICS (continued)
IN3A = IN3B = VDD3A = VDD3B = 3.3 V. IN12A = IN12B = SENPA = SENPB = SENMA = SENMB = SETPA = SETPB = 12
V. EN3A = EN3B = AGND = GNDA = GNDB = 0 V. SUM12A = SUM12B = 6.8 k
Ω to ground. SUM3A = SUM3B = 3.3 kΩ to
ground. All other pins open. All I2C bits at default values. Over free air temperature operating range and all voltages
referenced to AGND, -40°C
≤ TA ≤ 85°C, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Currents (IINx + ISENPx + ISENMx + ISETx + IVDDx)
All channels enabled
IOUT3A = IOUT3B = 0
3.1
4
mA
All channels disabled
2.0
2.8
Thermal Shutdown
Whole-chip shutdown temperature
TJ rising, IOUT3A = IOUT3B = 0
140
150
3.3-V channel shutdown
TJ rising, IOUT3A or IOUT3B in current limit
130
140
°C
temperature
Hysteresis
Whole chip or 3.3-V channel
10
Serial Interface (SDA, SCL, A0–2, IRPT
Lower logic threshold
A0 – A2
0.33
0.35
0.37
V
Upper logic threshold
A0 – A2
1.32
1.35
1.38
Input pullup resistance
A0 – A2, VAx = 0 V
400
700
1000
k
Input pulldown resistance
A0 – A2, VAx = VINT
200
350
550
Input open-circuit voltage
IAx = 0 V
0.5
0.8
1.0
Threshold voltage, rising
SDA, SCL
2.3
V
Threshold voltage, falling
SDA, SCL
1.0
Hysteresis
SDA, SCL
165
mV
Leakage
SDA, IRPT
1
µA
Input clock frequency
SCL
400
kHz
Figure 2. Signal and Pin Naming Convention
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS2359


Similar Part No. - TPS2359RHH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2359RHHR TI-TPS2359RHHR Datasheet
1Mb / 51P
[Old version datasheet]   TPS2359 Full Featured Dual-Slot AdvancedMC??Controller
TPS2359RHHT TI-TPS2359RHHT Datasheet
1Mb / 51P
[Old version datasheet]   TPS2359 Full Featured Dual-Slot AdvancedMC??Controller
More results

Similar Description - TPS2359RHH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2359 TI-TPS2359 Datasheet
1Mb / 51P
[Old version datasheet]   TPS2359 Full Featured Dual-Slot AdvancedMC??Controller
TPS2358_0806 TI-TPS2358_0806 Datasheet
932Kb / 34P
[Old version datasheet]   TPS2358 Dual-Slot ATCA AdvancedMC??Controller
TPS2358 TI-TPS2358 Datasheet
931Kb / 34P
[Old version datasheet]   TPS2358 Dual-Slot ATCA AdvancedMC??Controller
logo
SELEC Controls Pvt. Ltd
PR502 SELEC-PR502 Datasheet
1Mb / 2P
   Full Featured Profile Controller
logo
ON Semiconductor
NCP1560 ONSEMI-NCP1560_06 Datasheet
523Kb / 20P
   Full Featured Voltage Mode PWM Controller
July, 2006 ??Rev. 7
NCP1560 ONSEMI-NCP1560 Datasheet
122Kb / 18P
   Full Featured Voltage Mode PWM Controller
January, 2003 - Rev. 5
logo
Analog Devices
EVAL-AD7405FMCZ AD-EVAL-AD7405FMCZ Datasheet
1Mb / 20P
   Full featured evaluation board
logo
Texas Instruments
ADS7861 TI1-ADS7861 Datasheet
1Mb / 9P
[Old version datasheet]   Full-featured evaluation board
logo
Analog Devices
UG-515 AD-UG-515 Datasheet
2Mb / 28P
   Full-featured evaluation board
logo
Texas Instruments
TPS2410 TI-TPS2410 Datasheet
851Kb / 26P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com