Electronic Components Datasheet Search |
|
TPS2350DG4 Datasheet(PDF) 2 Page - Texas Instruments |
|
|
TPS2350DG4 Datasheet(HTML) 2 Page - Texas Instruments |
2 / 27 page 1 2 3 4 5 6 7 14 13 12 11 10 9 8 RTN FLT UV OV FLTTIM RAMP SOURCE –VINA –VINB PG GAT SENSE GATA GATB SOIC/TSSOP-14 PACKAGE (TOP VIEW) TPS2350 SLUS574D – JULY 2003 – REVISED OCTOBER 2013 www.ti.com These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. ABSOLUTE MAXIMUM RATINGS over operating free-air temperature (unless otherwise noted) (1) VALUE UNIT Input voltage range, RTN(2) –0.3 to 100 Input voltage range, –VINA to –VINB –100 to 100 V Input voltage range, FLTTIM, RAMP, SENSE, OV, UV (2) –0.3 to 15 Output voltage range, FLT, PG(2)(3) –0.3 to 100 Continuous output current, FLT, PG 10 mA See the Thermal Information Continuous total power dissipation table Human body model (HBM) 2 Electrostatic Discharge kV Charged device model (CDM) 1.5 Operating junction temperature range, TJ –55 to 125 °C Storage temperature range, Tstg –65 to 150 (1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltages are with respect to the more negative of –VINA and –VINB (unless otherwise noted). (3) With 10 k Ω minimum series resistance. Range limited to –0.3V to 80V from low impedance source. Device Information TA PACKAGE(1) PART NUMBER SOIC–14(2) TPS2350D –40°C to 85°C TSSOP–14(2) TPS2350PW (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. (2) The D and PW packages are also available taped and reeled. Add an R suffix to the device type (i.e. TPS2350DR). RECOMMENDED OPERATING CONDITIONS MIN NOM MAX UNIT Input supply, –VINA, –VINB to RTN –80 –48 –12 V Operating junction temperature range –40 85 °C 2 Submit Documentation Feedback Copyright © 2003–2013, Texas Instruments Incorporated Product Folder Links: TPS2350 |
Similar Part No. - TPS2350DG4 |
|
Similar Description - TPS2350DG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |