Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLL130-0102A5-65CM1B3 Datasheet(PDF) 11 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLL130-0102A5-65CM1B3
Description  These specifications are applied to the chip type LED lamp
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLL130-0102A5-65CM1B3 Datasheet(HTML) 11 Page - CITIZEN ELECTRONICS CO., LTD.

Back Button CLL130-0102A5-65CM1B3 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0102A5-65CM1B3 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0102A5-65CM1B3 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0102A5-65CM1B3 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0102A5-65CM1B3 Datasheet HTML 10Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0102A5-65CM1B3 Datasheet HTML 11Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0102A5-65CM1B3 Datasheet HTML 12Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0102A5-65CM1B3 Datasheet HTML 13Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0102A5-65CM1B3 Datasheet HTML 14Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
10/13
9. Precautions
9-1. Soldering
 
1) Following soldering paste is recommended
Melting temperature : 216 ~ 220C.
Composition : Sn 3.5Ag 0.75Cu
 
2) The temperature profile at the top surface of the parts is recommended as shown
below.
 
3) It is requested that products should be handled after their temperature has dropped
down to the normal room temperature
9-2. Washing
(1) When washing after soldering is needed, following conditions are requested.
 
a) Washing solvent: Pure Water
 
b) Temperature, time: 50C or less × 30 seconds max.
Symbol
(1) Lead free soldering
DATA SHEET
CITILED
Name
CLL130-0102A5-65CM1B3
CITIZEN ELECTRONICS CO.,LTD. JAPAN
140sec
160
~ 180°C
4°C/sec. Max
Time
4°C/sec. Max
260
°C Max
220
°C
60
~ 70sec
3sec. Max
Ref.CE-P2051 05/12


Similar Part No. - CLL130-0102A5-65CM1B3

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLL130-0102A5-27AM1B1 CITIZEN-CLL130-0102A5-27AM1B1 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
CLL130-0102A5-30AM1B1 CITIZEN-CLL130-0102A5-30AM1B1 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
CLL130-0102A5-35AM1B1 CITIZEN-CLL130-0102A5-35AM1B1 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
CLL130-0102A5-40AM1B1 CITIZEN-CLL130-0102A5-40AM1B1 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
CLL130-0102A5-50CM1A9 CITIZEN-CLL130-0102A5-50CM1A9 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
More results

Similar Description - CLL130-0102A5-65CM1B3

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLL600-0101A1-40AM1A2 CITIZEN-CLL600-0101A1-40AM1A2 Datasheet
315Kb / 13P
   These specifications are applied to the chip type LED lamp
CLL130-0102A5-35AM1B1 CITIZEN-CLL130-0102A5-35AM1B1 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
CLL130-0102A5-30AM1B1 CITIZEN-CLL130-0102A5-30AM1B1 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
CLL600-0101A1-35AM1A2 CITIZEN-CLL600-0101A1-35AM1A2 Datasheet
383Kb / 13P
   These specifications are applied to the chip type LED lamp
CLL600-0101A1-27AM1A2 CITIZEN-CLL600-0101A1-27AM1A2 Datasheet
395Kb / 13P
   These specifications are applied to the chip type LED lamp
CLL130-0102A5-40AM1B1 CITIZEN-CLL130-0102A5-40AM1B1 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
CLL130-0102A5-27AM1B1 CITIZEN-CLL130-0102A5-27AM1B1 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
CLL600-0101A1-50CM1A2 CITIZEN-CLL600-0101A1-50CM1A2 Datasheet
317Kb / 13P
   These specifications are applied to the chip type LED lamp
CLL600-0101A1-30AM1A2 CITIZEN-CLL600-0101A1-30AM1A2 Datasheet
392Kb / 13P
   These specifications are applied to the chip type LED lamp
CLL130-0102A5-50CM1A9 CITIZEN-CLL130-0102A5-50CM1A9 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com