Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2350 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2350
Description  Hot Swap Power Manager for Redundant ??8-V Supplies
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2350 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2350 Datasheet HTML 4Page - Texas Instruments TPS2350 Datasheet HTML 5Page - Texas Instruments TPS2350 Datasheet HTML 6Page - Texas Instruments TPS2350 Datasheet HTML 7Page - Texas Instruments TPS2350 Datasheet HTML 8Page - Texas Instruments TPS2350 Datasheet HTML 9Page - Texas Instruments TPS2350 Datasheet HTML 10Page - Texas Instruments TPS2350 Datasheet HTML 11Page - Texas Instruments TPS2350 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
–40
1.39
1.38
–15
10
35
60
85
1.40
1.41
1.42
TA– Ambient Temperature – °C
UV Comparator
–48 V ≤ V(–VINA) ≤ –20 V
OV Comparator
V(–VINA) = –80 V
V(RTN) = V(–VINB) = 0 V
Relative to –VINA
TA – Ambient Temperature – °C
–15
10
35
60
85
–40
–10.6
–11.0
–10.2
–9.4
–9.0
–9.8
V(RTN) = V(–VINB) = 0 V
–48 V ≤ V(–VINA) ≤ –20 V
VIN(UV) – VIN(SOURCE) = 2.5 V
–40
–15
10
35
60
85
0
20
40
80
100
60
TA – Ambient Temperature – °C
GATB Output
V(RTN) = V(–VINB) = 0 V
V(–VINA) = –48 V
VOUT(GATB) = –41 V
GATA Output
V(RTN) = V(–VINA) = 0 V
V(–VINB) = –48 V
VOUT(GATA) = –41 V
TA – Ambient Temperature – °C
–40
–15
10
35
60
85
0
300
600
1200
1500
900
V(–VINA) = –80 V
V(–VINA) = –48 V
V(–VINA) = –20 V
V(–VINA) = –12 V
V(RTN) = V(–VINB) = 0 V
TPS2350
SLUS574D – JULY 2003 – REVISED OCTOBER 2013
www.ti.com
TYPICAL CHARACTERISTICS
GATx SINK CURRENT
SUPPLY CURRENT
vs
vs
AMBIENT TEMPERATURE
AMBIENT TEMPERATURE
Figure 5.
Figure 6.
VOLTAGE COMPARATOR THRESHOLDS
UNDERVOLTAGE PULL-UP CURRENT
vs
vs
AMBIENT TEMPERATURE
AMBIENT TEMPERATURE
Figure 7.
Figure 8.
8
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: TPS2350


Similar Part No. - TPS2350

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2350 TI-TPS2350 Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
TPS2350D TI-TPS2350D Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
TPS2350DR TI-TPS2350DR Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
TPS2350PW TI-TPS2350PW Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
TPS2350PWR TI-TPS2350PWR Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
More results

Similar Description - TPS2350

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2350 TI-TPS2350 Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
TPS2394 TI1-TPS2394 Datasheet
340Kb / 18P
[Old version datasheet]   ??8-V Hot Swap Power Manager
TPS2394 TI1-TPS2394_15 Datasheet
676Kb / 20P
[Old version datasheet]   ??8-V Hot Swap Power Manager
UCC2919PW TI1-UCC2919PW Datasheet
825Kb / 27P
[Old version datasheet]   3-V TO 8-V HOT SWAP POWER MANAGER
UCC3915DP TI-UCC3915DP Datasheet
663Kb / 15P
[Old version datasheet]   15-V PROGRAMMABLE HOT SWAP POWER MANAGER
UCC2920 TI1-UCC2920 Datasheet
251Kb / 7P
[Old version datasheet]   ??V to ??5V Hot Swap Power Manager
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
UC2914 TI-UC2914 Datasheet
491Kb / 24P
[Old version datasheet]   5-V TO 35-V HOT SWAP POWER MANAGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com