Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2350 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2350
Description  Hot Swap Power Manager for Redundant ??8-V Supplies
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2350 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2350 Datasheet HTML 2Page - Texas Instruments TPS2350 Datasheet HTML 3Page - Texas Instruments TPS2350 Datasheet HTML 4Page - Texas Instruments TPS2350 Datasheet HTML 5Page - Texas Instruments TPS2350 Datasheet HTML 6Page - Texas Instruments TPS2350 Datasheet HTML 7Page - Texas Instruments TPS2350 Datasheet HTML 8Page - Texas Instruments TPS2350 Datasheet HTML 9Page - Texas Instruments TPS2350 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
TPS2350
SLUS574D – JULY 2003 – REVISED OCTOBER 2013
www.ti.com
GATB: Gate drive for an external N-channel power MOSFET to select –VINB. When –VINB is more negative
than –VINA, GATB is pulled 14 V above –VINB, turning on the –VINB power FET. When –VINA is more negative
than –VINB, GATB is pulled down to –VINA, turning off the –VINB power FET.
PG: Open-drain, active-high indication that load current is below the commanded current and the power FET is
fully enhanced. When commanded load current is more than the actual load current, the linear current amplifier
(LCA) will raise the power MOSFET gate voltage to fully enhance the power MOSFET. At this time, the PG
output will go high. This output can be used to enable a down-stream dc-to-dc converter. The PG output is pulled
to the lower of –VINA and –VINB. The PG output is able to sink 10 mA when in fault, withstand 80 V without
leakage when power is not good, and withstand transients as high as 100 V when limited by a series resistor of
at least 10 k
Ω.
OV: Over voltage comparator input. This input is typically connected to a voltage divider between RTN and
SOURCE to sense the magnitude of the more negative input supply. If OV is less than 1.4 V above SOURCE,
UV is more than 1.4 V above SOURCE, and there is no fault, the linear current amp will be enabled. In the event
of a fault, pulling OV high or UV low will reset the fault latch and allow restarting. OV can also be used as an
active-low logic enable input. The over-voltage comparator hysteresis is programmed by the equivalent
resistance seen looking into the divider at the OV input.
RAMP: Programming input for setting inrush current and current slew rate. An external capacitor connected
between RAMP and SOURCE establishes turn-on current slew rate. During turn-on, TPS2350 charges this
capacitor to establish the reference input to the LCA at 1% of the voltage from RAMP to SOURCE. The closed-
loop control of the LCA and the pass FET maintains the current-sense voltage from SENSE to SOURCE at the
reference potential, so the load current slew rate is directly set by the voltage ramp rate at the RAMP pin. When
fully charged, RAMP can exceed SOURCE by 6 V, but the reference is internally clamped to 42 mV, limiting load
current to 42 mV/RSENSE. When the output is disabled via OV, UV, or due to a load fault, the RAMP capacitor is
discharged and held low to initialize for the next turn on.
RTN: Positive supply input. For negative voltage systems, this pin connects directly to the return node of the
input power bus.
SENSE: Current sense input. An external low-value resistor connected between SENSE and SOURCE is used
to monitor current magnitude. There are two internal device thresholds associated with the voltage at the SENSE
pin. During ramp-up of the load capacitance or during other periods of excessive demand, the linear current amp
(LCA) will regulate this voltage to 42 mV. Whenever the LCA is in current regulation mode, the capacitor at
FLTTIM is charging and the timer is running. If the LCA is saturated, GAT is pulled 14 V above SOURCE. At this
time, a fast fault such as a short circuit can cause the SENSE voltage to rapidly exceed 120 mV (the overload
threshold). In this case, the GAT pin is pulled low rapidly, bypassing the fault timer.
SOURCE: Connection to the sources of the input supply negative rail selector FETs and the negative terminal of
the current sense resistor. The supply select comparator will turn on the appropriate power FET to connect
SOURCE to the more negative of –VINA and –VINB.
UV: Under voltage comparator input. This input is typically connected to a voltage divider between RTN and
SOURCE to sense the magnitude of the more negative input supply. If UV is more than 1.4 V above SOURCE,
OV is less than 1.4 V above SOURCE, and there is no fault, the linear current amp will be enabled. In the event
of a fault, pulling UV low or OV high will reset the fault latch and allow restarting. UV can also be used as an
active high logic enable input. The under-voltage comparator hysteresis is programmed by the equivalent
resistance seen looking into the divider at the UV input.
–VINA: Negative supply input A. This pin connects directly to the first input supply negative rail.
–VINB: Negative supply input B. This pin connects directly to the second input supply negative rail.
6
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: TPS2350


Similar Part No. - TPS2350

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2350 TI-TPS2350 Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
TPS2350D TI-TPS2350D Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
TPS2350DR TI-TPS2350DR Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
TPS2350PW TI-TPS2350PW Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
TPS2350PWR TI-TPS2350PWR Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
More results

Similar Description - TPS2350

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2350 TI-TPS2350 Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
TPS2394 TI1-TPS2394 Datasheet
340Kb / 18P
[Old version datasheet]   ??8-V Hot Swap Power Manager
TPS2394 TI1-TPS2394_15 Datasheet
676Kb / 20P
[Old version datasheet]   ??8-V Hot Swap Power Manager
UCC2919PW TI1-UCC2919PW Datasheet
825Kb / 27P
[Old version datasheet]   3-V TO 8-V HOT SWAP POWER MANAGER
UCC3915DP TI-UCC3915DP Datasheet
663Kb / 15P
[Old version datasheet]   15-V PROGRAMMABLE HOT SWAP POWER MANAGER
UCC2920 TI1-UCC2920 Datasheet
251Kb / 7P
[Old version datasheet]   ??V to ??5V Hot Swap Power Manager
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
UC2914 TI-UC2914 Datasheet
491Kb / 24P
[Old version datasheet]   5-V TO 35-V HOT SWAP POWER MANAGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com